công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM79L05ACMX bảng dữ liệu(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LM79L05ACMX
Giải thích chi tiết về linh kiện  3-Terminal Negative Regulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM79L05ACMX bảng dữ liệu(HTML) 3 Page - National Semiconductor (TI)

  LM79L05ACMX Datasheet HTML 1Page - National Semiconductor (TI) LM79L05ACMX Datasheet HTML 2Page - National Semiconductor (TI) LM79L05ACMX Datasheet HTML 3Page - National Semiconductor (TI) LM79L05ACMX Datasheet HTML 4Page - National Semiconductor (TI) LM79L05ACMX Datasheet HTML 5Page - National Semiconductor (TI) LM79L05ACMX Datasheet HTML 6Page - National Semiconductor (TI) LM79L05ACMX Datasheet HTML 7Page - National Semiconductor (TI) LM79L05ACMX Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Input Voltage
V
O = −5V, −12V, −15V
−35V
Internal Power Dissipation (Note 2)
Internally Limited
Operating Temperature Range
0˚C to +70˚C
Maximum Junction Temperature
+125˚C
Storage Temperature Range
−55˚C to +150˚C
Lead Temperature
(Soldering, 10 sec.)
260˚C
Electrical Characteristics (Note 3)
T
A = 0˚C to +70˚C unless otherwise noted.
Output Voltage
−5V
−12V
−15V
Input Voltage (unless otherwise noted)
−10V
−17V
−20V
Units
Symbol
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
V
O
Output
Voltage
T
J = 25˚C, IO = 100mA
−5.2
−5
−4.8
−12.5
−12
−11.5
−15.6
−15
−14.4
1mA
≤ I
O
≤ 100mA
−5.25
−4.75
−12.6
−11.4
−15.75
−14.25
V
MIN
≤ V
IN
≤ V
MAX
(−20
≤ V
IN
≤ −7.5)
(−27
≤ V
IN
≤ −14.8)
(−30
≤ V
IN
≤ −18)
V
1mA
≤ I
O
≤ 40mA
−5.25
−4.75
−12.6
−11.4
−15.75
−14.25
V
MIN
≤ V
IN
≤ V
MAX
(−20
≤ V
IN
≤ −7)
(−27
≤ V
IN
≤ −14.5)
(−30
≤ V
IN
≤ −17.5)
∆V
O
Line
Regulation
T
J = 25˚C, IO = 100mA
60
45
45
mV
V
MIN
≤ V
IN
≤ V
MAX
(−20
≤ V
IN
≤ −7.3)
(−27
≤ V
IN
≤ −14.6)
(−30
≤ V
IN
≤ −17.7)
V
T
J = 25˚C, IO = 40mA
60
45
45
mV
V
MIN
≤ V
IN
≤ V
MAX
(−20
≤ V
IN
≤ −7)
(−27
≤ V
IN
≤ −14.5)
(−30
≤ V
IN
≤ −17.5)
V
∆V
O
Load
Regulation
T
J = 25˚C
50
100
125
mV
1mA
≤ I
O
≤ 100mA
∆V
O
Long Term
Stability
I
O = 100mA
20
48
60
mV/khrs
I
Q
Quiescent
Current
I
O = 100mA
2
6
2
6
2
6
mA
∆I
Q
Quiescent
Current
1mA
≤ I
O
≤ 100mA
0.3
0.3
0.3
Change
1mA
≤ I
O
≤ 40mA
0.1
0.1
0.1
mA
I
O = 100mA
0.25
0.25
0.25
mA
V
MIN
≤ V
IN
≤ V
MAX
(−20
≤ V
IN
≤ −7.5)
(−27
≤ V
IN
≤ −14.8)
(−30
≤ V
IN
≤ −18)
V
V
n
Output Noise
Voltage
T
J = 25˚C, IO = 100mA
40
96
120
µV
f = 10Hz − 10kHz
Ripple
Rejection
T
J = 25˚C, IO = 100mA
50
52
50
dB
f = 120Hz
Input Voltage T
J = 25˚C, IO = 100mA
−7.3
−14.6
−17.7
V
Required to
I
O = 40mA
−7.0
−14.5
−17.5
V
Maintain Line
Regulation
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits.
Note 2: Thermal resistance of Z package is 60˚C/W
θJC, 232˚C/W θJA at still air, and 88˚C/W at 400 ft/min of air. The M package θJA is 180˚C/W in still air. The
maximum junction temperature shall not exceed 125˚C on electrical parameters.
Note 3: To ensure constant junction temperature, low duty cycle pulse testing is used.
www.national.com
3


Số phần tương tự - LM79L05ACMX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM79L05ACMX NSC-LM79L05ACMX Datasheet
210Kb / 8P
   3-Terminal Negative Regulators
LM79L05ACMX NSC-LM79L05ACMX Datasheet
615Kb / 8P
   3-Terminal Negative Regulators
logo
Texas Instruments
LM79L05ACMX TI-LM79L05ACMX Datasheet
943Kb / 17P
[Old version datasheet]   Series 3-Terminal Negative Regulators
LM79L05ACMX/NOPB TI-LM79L05ACMX/NOPB Datasheet
943Kb / 17P
[Old version datasheet]   Series 3-Terminal Negative Regulators
More results

Mô tả tương tự - LM79L05ACMX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM79M05C NSC-LM79M05C Datasheet
211Kb / 8P
   3-Terminal Negative Regulators
LM320L NSC-LM320L_06 Datasheet
615Kb / 8P
   3-Terminal Negative Regulators
LM320L NSC-LM320L Datasheet
210Kb / 8P
   3-Terminal Negative Regulators
logo
Texas Instruments
LM79M05 TI1-LM79M05_13 Datasheet
1Mb / 14P
[Old version datasheet]   3-Terminal Negative Regulators
logo
GTM CORPORATION
G3U79XXA GTM-G3U79XXA Datasheet
196Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
GJ79XXA GTM-GJ79XXA Datasheet
161Kb / 5P
   3-TERMINAL NEGATIVE VOLTAGE REGULATORS
logo
Texas Instruments
LM137QML TI1-LM137QML_17 Datasheet
842Kb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM337-N-MIL TI1-LM337-N-MIL Datasheet
1Mb / 20P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM337IMP-NOPB TI1-LM337IMP-NOPB Datasheet
2Mb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM120 TI1-LM120_16 Datasheet
1Mb / 22P
[Old version datasheet]   Series 3-Terminal Negative Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com