công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SST29VE010-150-4C-EH bảng dữ liệu(PDF) 7 Page - Silicon Storage Technology, Inc

tên linh kiện SST29VE010-150-4C-EH
Giải thích chi tiết về linh kiện  1 Megabit (128K x8) Page-Mode EEPROM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SST [Silicon Storage Technology, Inc]
Trang chủ  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST29VE010-150-4C-EH bảng dữ liệu(HTML) 7 Page - Silicon Storage Technology, Inc

Back Button SST29VE010-150-4C-EH Datasheet HTML 3Page - Silicon Storage Technology, Inc SST29VE010-150-4C-EH Datasheet HTML 4Page - Silicon Storage Technology, Inc SST29VE010-150-4C-EH Datasheet HTML 5Page - Silicon Storage Technology, Inc SST29VE010-150-4C-EH Datasheet HTML 6Page - Silicon Storage Technology, Inc SST29VE010-150-4C-EH Datasheet HTML 7Page - Silicon Storage Technology, Inc SST29VE010-150-4C-EH Datasheet HTML 8Page - Silicon Storage Technology, Inc SST29VE010-150-4C-EH Datasheet HTML 9Page - Silicon Storage Technology, Inc SST29VE010-150-4C-EH Datasheet HTML 10Page - Silicon Storage Technology, Inc SST29VE010-150-4C-EH Datasheet HTML 11Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
7
© 2000 Silicon Storage Technology, Inc.
304-3 6/00
1 Megabit Page-Mode EEPROM
SST29EE010 / SST29LE010 / SST29VE010
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
SST29EE010 OPERATING RANGE
Range
Ambient Temp
VCC
Commercial
0°C to +70°C
5V±10%
Industrial
-40°C to +85°C
5V±10%
AC CONDITIONS OF TEST
Input Rise/Fall Time ......... 10 ns
Output Load ..................... 1 TTL Gate and CL = 100 pF
See Figures 12 and 13
Absolute Maximum Stress Ratings (Applied conditions greater than those listed under “Absolute Maximum Stress
Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation of the device
at these conditions or conditions greater than those defined in the operational sections of this data sheet is not implied.
Exposure to absolute maximum stress rating conditions may affect device reliability.)
Temperature Under Bias ................................................................................................................. -55°C to +125°C
Storage Temperature ...................................................................................................................... -65°C to +150°C
D. C. Voltage on Any Pin to Ground Potential ............................................................................. -0.5V to VCC+ 0.5V
Transient Voltage (<20 ns) on Any Pin to Ground Potential ......................................................... -1.0V to VCC+ 1.0V
Voltage on A9 Pin to Ground Potential ................................................................................................ -0.5V to 14.0V
Package Power Dissipation Capability (Ta = 25°C) ........................................................................................... 1.0W
Through Hole Lead Soldering Temperature (10 Seconds) .............................................................................. 300°C
Surface Mount Lead Soldering Temperature (3 Seconds) ............................................................................... 240°C
Output Short Circuit Current(1) ....................................................................................................................... 100 mA
Note: (1) Outputs shorted for no more than one second. No more than one output shorted at a time.
SST29LE010 OPERATING RANGE
Range
Ambient Temp
VCC
Commercial
0°C to +70°C
3.0V to 3.6V
Industrial
-40°C to +85°C
3.0V to 3.6V
SST29VE010 OPERATING RANGE
Range
Ambient Temp
VCC
Commercial
0°C to +70°C
2.7V to 3.6V
Industrial
-40°C to +85°C
2.7V to 3.6V


Số phần tương tự - SST29VE010-150-4C-EH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Storage Technol...
SST29VE010-150-4C-EH SST-SST29VE010-150-4C-EH Datasheet
326Kb / 26P
   1 Mbit (128K x8) Page-Mode EEPROM
SST29VE010-150-4C-EH SST-SST29VE010-150-4C-EH Datasheet
458Kb / 30P
   1 Mbit (128K x8) Page-Write EEPROM
SST29VE010-150-4C-EH SST-SST29VE010-150-4C-EH Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
SST29VE010-150-4C-EHE SST-SST29VE010-150-4C-EHE Datasheet
458Kb / 30P
   1 Mbit (128K x8) Page-Write EEPROM
More results

Mô tả tương tự - SST29VE010-150-4C-EH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Storage Technol...
SST29EE010 SST-SST29EE010 Datasheet
326Kb / 26P
   1 Mbit (128K x8) Page-Mode EEPROM
SST29EE010A SST-SST29EE010A Datasheet
256Kb / 26P
   1 Megabit (128K x 8) Page Mode EEPROM
SST29EE010 SST-SST29EE010_04 Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
SST29EE010 SST-SST29EE010_05 Datasheet
458Kb / 30P
   1 Mbit (128K x8) Page-Write EEPROM
logo
Greenliant systems
GLS29EE010 GREENLIANT-GLS29EE010 Datasheet
1,023Kb / 28P
   1 Mbit (128K x8) Page-Write EEPROM
logo
Silicon Storage Technol...
SST29EE020 SST-SST29EE020 Datasheet
326Kb / 26P
   2 Mbit (256K x8) Page-Mode EEPROM
logo
Maxwell Technologies
28C010T MAXWELL-28C010T Datasheet
359Kb / 20P
   1 Megabit (128K x 8-Bit) EEPROM
28C011T MAXWELL-28C011T Datasheet
348Kb / 19P
   1 Megabit (128K x 8-Bit) EEPROM
logo
ATMEL Corporation
AT28C010 ATMEL-AT28C010_06 Datasheet
410Kb / 17P
   1-megabit (128K x 8) Paged Parallel EEPROM
logo
Maxwell Technologies
28LV010 MAXWELL-28LV010 Datasheet
363Kb / 20P
   3.3V 1 Megabit (128K x 8-Bit) EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com