công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STB4NK60Z bảng dữ liệu(PDF) 5 Page - STMicroelectronics

tên linh kiện STB4NK60Z
Giải thích chi tiết về linh kiện  N-channel 600 V - 1.76 廓 - 4 A SuperMESH??Power MOSFET DPAK - D2PAK - IPAK - I2PAK - TO-220 - TO-220FP
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB4NK60Z bảng dữ liệu(HTML) 5 Page - STMicroelectronics

  STB4NK60Z_08 Datasheet HTML 1Page - STMicroelectronics STB4NK60Z_08 Datasheet HTML 2Page - STMicroelectronics STB4NK60Z_08 Datasheet HTML 3Page - STMicroelectronics STB4NK60Z_08 Datasheet HTML 4Page - STMicroelectronics STB4NK60Z_08 Datasheet HTML 5Page - STMicroelectronics STB4NK60Z_08 Datasheet HTML 6Page - STMicroelectronics STB4NK60Z_08 Datasheet HTML 7Page - STMicroelectronics STB4NK60Z_08 Datasheet HTML 8Page - STMicroelectronics STB4NK60Z_08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
STB4NK60Zx, STD4NK60Zx, STP4NK60Z, STP4NK60ZFP
Electrical characteristics
5/20
Table 8.
Gate-source Zener diode
Table 7.
Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
ISDM
(1)
1.
Pulsed: pulse duration = 300 µs, duty cycle 1.5%
Source-drain current
Source-drain current (pulsed)
4
16
A
A
VSD
(2)
2.
Pulse width limited by safe operating area
Forward on voltage
ISD = 4 A, VGS = 0
1.6
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 4 A, di/dt = 100 A/µs
VDD = 24 V, Tj = 150 °C
(see Figure 19)
400
1700
8.5
ns
nC
A
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
BVGSO
(1)
1.
The built-in back-to-back Zener diodes have specifically been designed to enhance not only the device’s
ESD capability, but also to make them safely absorb possible voltage transients that may occasionally be
applied from gate to source. In this respect the Zener voltage is appropriate to achieve an efficient and
cost-effective intervention to protect the device’s integrity. These integrated Zener diodes thus avoid the
usage of external components.
Gate-source breakdown voltage Igs=± 1 mA (open drain)
30
V


Số phần tương tự - STB4NK60Z_08

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STB4NK60Z-1 STMICROELECTRONICS-STB4NK60Z-1 Datasheet
759Kb / 16P
   N-CHANNEL600V-1.76ohm-4ATO-220/FP/DPAK/IPAK/D2PAK/I2PAK Zener-Protected SuperMESH?줡ower MOSFET
STB4NK60Z-1 STMICROELECTRONICS-STB4NK60Z-1 Datasheet
970Kb / 28P
   N-channel 600 V, 1.76 廓, 4 A SuperMESH??Power MOSFET in DPAK, D2PAK, IPAK, I2PAK, TO-220, TO-220FP
STB4NK60Z-1 STMICROELECTRONICS-STB4NK60Z-1 Datasheet
731Kb / 32P
   N-channel 600 V, 1.7 Ω typ., 4 A SuperMESH™ Power MOSFETs in I2PAK, D2PAK, IPAK and DPAK packages
Rev 9 - April 2018
STB4NK60Z-1 STMICROELECTRONICS-STB4NK60Z-1_V01 Datasheet
731Kb / 32P
   N-channel 600 V, 1.7 Ω typ., 4 A SuperMESH™ Power MOSFETs in I2PAK, D2PAK, IPAK and DPAK packages
Rev 9 - April 2018
logo
VBsemi Electronics Co.,...
STB4NK60ZT4 VBSEMI-STB4NK60ZT4 Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
More results

Mô tả tương tự - STB4NK60Z_08

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STD4NK60ZT4 STMICROELECTRONICS-STD4NK60ZT4 Datasheet
970Kb / 28P
   N-channel 600 V, 1.76 廓, 4 A SuperMESH??Power MOSFET in DPAK, D2PAK, IPAK, I2PAK, TO-220, TO-220FP
STX11NM60N STMICROELECTRONICS-STX11NM60N Datasheet
641Kb / 20P
   N-channel 600 V, 0.37 廓, 10 A MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, IPAK, DPAK, D2PAK
STD11NM60N-1 STMICROELECTRONICS-STD11NM60N-1_08 Datasheet
623Kb / 21P
   N-channel 600 V - 0.37 廓 - 10 A - TO-220 - TO-220FP- I2PAK - IPAK DPAK - D2PAK second generation MDmesh??Power MOSFET
STF5NK52ZD STMICROELECTRONICS-STF5NK52ZD Datasheet
777Kb / 17P
   N-channel 520 V,1.22 廓,4.4 A,TO-220,IPAK,I2PAK,DPAK,TO-220FP Zener-protected SuperMESH??Power MOSFET
September 2008 Rev 5
STD11NM60ND STMICROELECTRONICS-STD11NM60ND_10 Datasheet
756Kb / 19P
   N-channel 600 V, 0.37 廓, 10 A, FDmesh??II Power MOSFET I2PAK, TO-220, TO-220FP, IPAK, DPAK
STB6NK60Z_0711 STMICROELECTRONICS-STB6NK60Z_0711 Datasheet
444Kb / 17P
   N-channel 600 V - 1 廓 - 6 A - TO-220/TO-220FP/D2PAK/I2PAK Zener-Protected SuperMESH??Power MOSFET
STX8NM60N STMICROELECTRONICS-STX8NM60N Datasheet
706Kb / 19P
   N-channel 600 V, 0.56 廓,7 A MDmesh??II Power MOSFET TO-220, TO-220FP, IPAK, DPAK, D2PAK
STB60N55F3 STMICROELECTRONICS-STB60N55F3_09 Datasheet
630Kb / 20P
   N-channel 55 V, 6.5 m廓, 80 A, DPAK, IPAK, D2PAK, I2PAK, TO-220 TO-220FP STripFET??III Power MOSFET
STX6NM60N STMICROELECTRONICS-STX6NM60N Datasheet
698Kb / 19P
   N-channel 600 V, 0.85 ?? 4.6 A MDmesh??II Power MOSFET TO-220, TO-220FP, IPAK, DPAK, D2PAK
January 2009 Rev 3
STB3N62K3 STMICROELECTRONICS-STB3N62K3 Datasheet
567Kb / 19P
   N-channel 620 V, 2.2 廓 , 2.7 A SuperMESH3??Power MOSFET D2PAK, DPAK, TO-220FP, TO-220, IPAK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com