công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST7FLITEU09U3TR bảng dữ liệu(PDF) 8 Page - STMicroelectronics

tên linh kiện ST7FLITEU09U3TR
Giải thích chi tiết về linh kiện  8-bit MCU with single voltage Flash memory, ADC, timers
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITEU09U3TR bảng dữ liệu(HTML) 8 Page - STMicroelectronics

Back Button ST7FLITEU09U3TR Datasheet HTML 4Page - STMicroelectronics ST7FLITEU09U3TR Datasheet HTML 5Page - STMicroelectronics ST7FLITEU09U3TR Datasheet HTML 6Page - STMicroelectronics ST7FLITEU09U3TR Datasheet HTML 7Page - STMicroelectronics ST7FLITEU09U3TR Datasheet HTML 8Page - STMicroelectronics ST7FLITEU09U3TR Datasheet HTML 9Page - STMicroelectronics ST7FLITEU09U3TR Datasheet HTML 10Page - STMicroelectronics ST7FLITEU09U3TR Datasheet HTML 11Page - STMicroelectronics ST7FLITEU09U3TR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 115 page
background image
ST7LITEU05 ST7LITEU09
8/115
3 REGISTER & MEMORY MAP
As shown in Figure 5, the MCU is capable of ad-
dressing 64K bytes of memories and I/O registers.
The available memory locations consist of 128
bytes of register locations, 128 bytes of RAM and
1 Kbytes of user program memory. The RAM
space includes up to 64 bytes for the stack from
00C0h to 00FFh.
The highest address bytes contain the user reset
and interrupt vectors.
The Flash memory contains two sectors (see Fig-
ure 5) mapped in the upper part of the ST7 ad-
dressing space so the reset and interrupt vectors
are located in Sector 0 (FC00-FFFFh).
The size of Flash Sector 0 and other device op-
tions are configurable by Option byte.
IMPORTANT: Memory locations marked as “Re-
served” must never be accessed. Accessing a re-
seved area can have unpredictable effects on the
device.
Figure 5. Memory Map
Note:
1. DEE0h, DEE1h, DEE2h and DEE3h addresses are located in a reserved area but are special bytes
containing also the RC calibration values which are read-accessible only in user mode. If all the EEPROM
data or Flash space (including the RC calibration values locations) has been erased (after the read-out
protection removal), then the RC calibration values can still be obtained through these addresses.
0000h
RAM
Flash Memory
(2K)
Interrupt & Reset Vectors
HW Registers
0080h
007Fh
(see Table 3)
FFE0h
FFFFh
(see
Table
0100h
00FFh
Short Addressing
RAM (zero page)
64-Byte Stack
00FFh
0080h
00C0h
(128 Bytes)
F800h
F7FFh
Reserved
FFDFh
1 Kbyte
1 Kbyte
SECTOR 1
SECTOR 0
2K FLASH
FFFFh
FC00h
FBFFh
F800h
PROGRAM MEMORY
DEE0h
RCCRH0
RCCRL0
DEE1h
see section 7.1 on page 22
RCCRH1
RCCRL1
DEE2h
DEE3h
DATA
EEPROM
1080h
107Fh
1000h
0FFFh
Reserved
(128 Bytes)
1


Số phần tương tự - ST7FLITEU09U3TR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
ST7FLITEUS2B3 STMICROELECTRONICS-ST7FLITEUS2B3 Datasheet
1Mb / 108P
   8-bit MCU with single voltage Flash memory, ADC, timers
ST7FLITEUS2B6 STMICROELECTRONICS-ST7FLITEUS2B6 Datasheet
1Mb / 108P
   8-bit MCU with single voltage Flash memory, ADC, timers
ST7FLITEUS2M3 STMICROELECTRONICS-ST7FLITEUS2M3 Datasheet
1Mb / 108P
   8-bit MCU with single voltage Flash memory, ADC, timers
ST7FLITEUS2M3TR STMICROELECTRONICS-ST7FLITEUS2M3TR Datasheet
1Mb / 108P
   8-bit MCU with single voltage Flash memory, ADC, timers
ST7FLITEUS2M6 STMICROELECTRONICS-ST7FLITEUS2M6 Datasheet
1Mb / 108P
   8-bit MCU with single voltage Flash memory, ADC, timers
More results

Mô tả tương tự - ST7FLITEU09U3TR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
ST7LITEUSX STMICROELECTRONICS-ST7LITEUSX Datasheet
1Mb / 108P
   8-bit MCU with single voltage Flash memory, ADC, timers
ST7FOXF1 STMICROELECTRONICS-ST7FOXF1 Datasheet
3Mb / 226P
   8-bit MCU with single voltage Flash memory, SPI, I짼C, ADC, timers
ST7LITE2 STMICROELECTRONICS-ST7LITE2 Datasheet
1Mb / 131P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
August 2003 Rev. 2.0
ST7LITE0 STMICROELECTRONICS-ST7LITE0 Datasheet
1Mb / 122P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
August 2003 Rev. 2.4
ST72104G STMICROELECTRONICS-ST72104G Datasheet
1Mb / 140P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, IC INTERFACES
ST7DALI STMICROELECTRONICS-ST7DALI Datasheet
2Mb / 141P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI, DALI
ST7FLIT19BF1B6 STMICROELECTRONICS-ST7FLIT19BF1B6 Datasheet
2Mb / 159P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
ST72334J STMICROELECTRONICS-ST72334J_03 Datasheet
1Mb / 153P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
ST7LITE1XB STMICROELECTRONICS-ST7LITE1XB Datasheet
2Mb / 157P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
ST7LITE1XB STMICROELECTRONICS-ST7LITE1XB_08 Datasheet
2Mb / 159P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com