công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL072MFK bảng dữ liệu(PDF) 5 Page - Texas Instruments |
|
TL072MFK bảng dữ liệu(HTML) 5 Page - Texas Instruments |
5 / 14 page electrical characteristics, VCC± = ±15 V (unless otherwise noted) † ‡ TL071C TL071AC TL071BC TL071I PARAMETER TEST CONDITIONS† T ‡ TL071C TL072C TL071AC TL072AC TL071BC TL072BC TL071I TL072I UNIT PARAMETER TEST CONDITIONS† TA‡ TL074C TL074AC TL074BC TL074I UNIT MIN TYP MAX MIN TYP MAX MIN TYP MAX MIN TYP MAX VIO Input offset voltage VO =0 RS =50 Ω 25 °C 3 10 3 6 2 3 3 6 mV VIO Input offset voltage VO = 0, RS = 50 Ω Full range 13 7.5 5 8 mV αVIO Temperature coefficient of input offset voltage VO = 0, RS = 50 Ω Full range 18 18 18 18 µV/°C IIO Input offset current VO =0 25 °C 5 100 5 100 5 100 5 100 pA IIO Input offset current VO = 0 Full range 10 2 2 2 nA IIB Input bias current§ VO =0 25 °C 65 200 65 200 65 200 65 200 pA IIB Input bias current§ VO = 0 Full range 7 7 7 20 nA Common mode –12 –12 –12 –12 VICR Common-mode input voltage range 25 °C ±11 12 to ±11 12 to ±11 12 to ±11 12 to V ICR input voltage range 15 15 15 15 Maximum peak RL = 10 kΩ 25 °C ±12 ±13.5 ±12 ±13.5 ±12 ±13.5 ±12 ±13.5 VOM Maximum eak output voltage RL ≥ 10 kΩ Full range ±12 ±12 ±12 ±12 V swing RL ≥ 2 kΩ Full range ±10 ±10 ±10 ±10 AVD Large-signal differential voltage VO = ±10 V RL ≥ 2kΩ 25 °C 25 200 50 200 50 200 50 200 V/mV AVD differential voltage amplification VO = ±10 V, RL ≥ 2 kΩ Full range 15 25 25 25 V/mV B1 Unity-gain bandwidth 25 °C 3 3 3 3 MHz ri Input resistance 25 °C 1012 1012 1012 1012 Ω CMRR Common-mode VIC = VICRmin, 25 °C 70 100 75 100 75 100 75 100 dB CMRR rejection ratio VO = 0, RS = 50 Ω 25 °C 70 100 75 100 75 100 75 100 dB kSVR Supply-voltage rejection ratio VCC = ± 9 V to ± 15 V, 25 °C 70 100 80 100 80 100 80 100 dB kSVR rejection ratio ( ∆VCC±/∆VIO) VO = 0, RS = 50 Ω 25 °C 70 100 80 100 80 100 80 100 dB ICC Supply current VO =0 No load 25 °C 14 25 14 25 14 25 14 25 mA ICC y (each amplifier) VO = 0, No load 25 °C 1.4 2.5 1.4 2.5 1.4 2.5 1.4 2.5 mA VO1/VO2 Crosstalk attenuation AVD = 100 25 °C 120 120 120 120 dB † All characteristics are measured under open-loop conditions with zero common-mode voltage unless otherwise specified. ‡ Full range is TA = 0°C to 70°C for TL07_C,TL07_AC, TL07_BC and is TA = –40°C to 85°C for TL07_I. § Input bias currents of a FET-input operational amplifier are normal junction reverse currents, which are temperature sensitive as shown in Figure 4. Pulse techniques must be used that maintain the junction temperature as close to the ambient temperature as possible. |
Số phần tương tự - TL072MFK |
|
Mô tả tương tự - TL072MFK |