công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M27C2001-12N1X bảng dữ liệu(PDF) 2 Page - STMicroelectronics

tên linh kiện M27C2001-12N1X
Giải thích chi tiết về linh kiện  2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C2001-12N1X bảng dữ liệu(HTML) 2 Page - STMicroelectronics

  M27C2001-12N1X Datasheet HTML 1Page - STMicroelectronics M27C2001-12N1X Datasheet HTML 2Page - STMicroelectronics M27C2001-12N1X Datasheet HTML 3Page - STMicroelectronics M27C2001-12N1X Datasheet HTML 4Page - STMicroelectronics M27C2001-12N1X Datasheet HTML 5Page - STMicroelectronics M27C2001-12N1X Datasheet HTML 6Page - STMicroelectronics M27C2001-12N1X Datasheet HTML 7Page - STMicroelectronics M27C2001-12N1X Datasheet HTML 8Page - STMicroelectronics M27C2001-12N1X Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
M27C2001
2/16
Figure 2B. LCC Pin Connections
AI00718
A8
A10
17
A1
A0
Q0
A7
A4
A3
A2
A6
A5
9
A9
1
A11
A13
Q7
32
M27C2001
A14
G
E
25
Figure 2A. DIP Pin Connections
A1
A0
Q0
A7
A4
A3
A2
A6
A5
A13
A10
A8
A9
Q7
A14
A11
G
E
Q5
Q1
Q2
Q3
VSS
Q4
Q6
A17
P
A16
A12
VPP
VCC
A15
AI00717
M27C2001
8
1
2
3
4
5
6
7
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
The operationg modes of the M27C2001 are listed
in the Operating Modes table. A single power sup-
ply is required in the read mode. All inputs are TTL
levels except for VPP and 12V on A9 for Electronic
Signature.
Read Mode
The M27C2001 has two control functions, both of
which must be logically active in order to obtain
data at the outputs. Chip Enable (E) is the power
control and should be used for device selection.
Output Enable (G) is the output control and should
be used to gate data to the output pins, indepen-
dent of device selection. Assuming that the ad-
dresses are stable, the address access time
(tAVQV) is equal to the delay from E to output
(tELQV). Data is available at the output after a delay
of tGLQV from the falling edge of G, assuming that
E has been low and the addresses have been sta-
ble for at least tAVQV-tGLQV.
Standby Mode
The M27C2001 has a standby mode which reduc-
es the supply current from 30mA to 100
µA. The
M27C2001 is placed in the standby mode by ap-
plying a CMOS high signal to the E input. When in
the standby mode, the outputs are in a high imped-
ance state, independent of the G input.
Figure 2C. TSOP Pin Connections
A1
A0
Q0
A7
A4
A3
A2
A6
A5
A13
A10
A8
A9
Q7
A14
A11
G
E
Q5
Q1
Q2
Q3
Q4
Q6
A17
P
A16
A12
VPP
VCC
A15
AI01153B
M27C2001
(Normal)
8
1
9
16
17
24
25
32
VSS


Số phần tương tự - M27C2001-12N1X

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
M27C2001-12N1TR STMICROELECTRONICS-M27C2001-12N1TR Datasheet
227Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
More results

Mô tả tương tự - M27C2001-12N1X

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
M27C2001-12C1 STMICROELECTRONICS-M27C2001-12C1 Datasheet
261Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27C2001 STMICROELECTRONICS-M27C2001_06 Datasheet
227Kb / 25P
   2 Mbit (256Kb x 8) UV EPROM and OTP EPROM
M27W201 STMICROELECTRONICS-M27W201_06 Datasheet
231Kb / 24P
   2 Mbit (256Kb x 8) Low Voltage UV EPROM and OTP EPROM
April 2006 Rev 4
M27V201 STMICROELECTRONICS-M27V201 Datasheet
103Kb / 15P
   2 Mbit (256Kb x 8) Low Voltage UV EPROM and OTP EPROM
May 1998
M27W201 STMICROELECTRONICS-M27W201 Datasheet
170Kb / 16P
   2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM
M27C4002 STMICROELECTRONICS-M27C4002 Datasheet
196Kb / 18P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C4002 STMICROELECTRONICS-M27C4002_06 Datasheet
225Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C4002-10C1 STMICROELECTRONICS-M27C4002-10C1 Datasheet
236Kb / 24P
   4 Mbit (256Kb x16) UV EPROM and OTP EPROM
M27C801 STMICROELECTRONICS-M27C801 Datasheet
153Kb / 16P
   8 Mbit 1Mb x 8 UV EPROM and OTP EPROM
M27C801 STMICROELECTRONICS-M27C801_07 Datasheet
207Kb / 24P
   8 Mbit (1Mb x 8) UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com