công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC14174BFEL bảng dữ liệu(PDF) 1 Page - ON Semiconductor |
|
MC14174BFEL bảng dữ liệu(HTML) 1 Page - ON Semiconductor |
1 / 8 page © Semiconductor Components Industries, LLC, 2000 August, 2000 – Rev. 4 1 Publication Order Number: MC14174B/D MC14174B Hex Type D Flip-Flop The MC14174B hex type D flip–flop is constructed with MOS P–channel and N–channel enhancement mode devices in a single monolithic structure. Data on the D inputs which meets the setup time requirements is transferred to the Q outputs on the positive edge of the clock pulse. All six flip–flops share common clock and reset inputs. The reset is active low, and independent of the clock. • Static Operation • All Inputs and Outputs Buffered • Diode Protection on All Inputs • Supply Voltage Range = 3.0 Vdc to 18 Vdc • Capable of Driving Two Low–Power TTL Loads or One Low–Power Schottky TTL Load over the Rated Temperature Range • Functional Equivalent to TTL 74174 MAXIMUM RATINGS (Voltages Referenced to VSS) (Note 2.) Symbol Parameter Value Unit VDD DC Supply Voltage Range –0.5 to +18.0 V Vin, Vout Input or Output Voltage Range (DC or Transient) –0.5 to VDD + 0.5 V Iin, Iout Input or Output Current (DC or Transient) per Pin ±10 mA PD Power Dissipation, per Package (Note 3.) 500 mW TA Ambient Temperature Range –55 to +125 °C Tstg Storage Temperature Range –65 to +150 °C TL Lead Temperature (8–Second Soldering) 260 °C 2. Maximum Ratings are those values beyond which damage to the device may occur. 3. Temperature Derating: Plastic “P and D/DW” Packages: – 7.0 mW/ _C From 65_C To 125_C This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high–impedance circuit. For proper operation, Vin and Vout should be constrained to the range VSS v (Vin or Vout) v VDD. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either VSS or VDD). Unused outputs must be left open. http://onsemi.com A = Assembly Location WL, L = Wafer Lot YY, Y = Year WW, W = Work Week Device Package Shipping ORDERING INFORMATION MC14174BCP PDIP–16 2000/Box MC14174BD SOIC–16 48/Rail MC14174BDR2 SOIC–16 2500/Tape & Reel 1. For ordering information on the EIAJ version of the SOIC packages, please contact your local ON Semiconductor representative. MARKING DIAGRAMS 1 16 PDIP–16 P SUFFIX CASE 648 MC14174BCP AWLYYWW SOIC–16 D SUFFIX CASE 751B 1 16 14174B AWLYWW SOEIAJ–16 F SUFFIX CASE 966 1 16 MC14174B ALYW MC14174BF SOEIAJ–16 See Note 1. MC14174BFEL SOEIAJ–16 See Note 1. |
Số phần tương tự - MC14174BFEL |
|
Mô tả tương tự - MC14174BFEL |