công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MDA210G bảng dữ liệu(PDF) 1 Page - Rectron Semiconductor |
|
MDA210G bảng dữ liệu(HTML) 1 Page - Rectron Semiconductor |
1 / 2 page SINGLE-PHASE GLASS PASSIVATED VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes RECTRON SEMICONDUCTOR TECHNICAL SPECIFICATION FEATURES * Low cost * Low leakage * Low forward voltage * Mounting position: Any * Weight: 1.26 grams * UL listed the recognized component directory, file #E94233 * Epoxy: Device has UL flammability classification 94V-O MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25 oC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. MDA200G THRU MDA210G RS-1 MAXIMUM RATINGS (At TA = 25 oC unless otherwise noted) ELECTRICAL CHARACTERISTICS (At TA = 25 oC unless otherwise noted) SILICON BRIDGE RECTIFIER Dimensions in inches and (millimeters) 2005-3 REV: A RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum DC Blocking Voltage Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Operating Temperature Range SYMBOL VRRM VDC IO IFSM TSTG VRMS Volts Volts Volts Amps 2.0 50 -55 to + 150 Amps 0 C UNITS T J -55 to + 150 0 C 50 100 200 400 600 800 1000 70 35 140 280 420 700 560 MDA200G MDA201G MDA202G MDA204G MDA206G MDA208G MDA210G Maximum Average Forward Output Current at TA = 50 oC Storage Temperature Range 50 100 200 400 600 800 1000 CHARACTERISTICS VF SYMBOL IR UNITS 1.1 1 mAmps Maximum Reverse Current at Rated Maximum Forward Voltage Drop per Bridge Volts @TA = 25 oC @TA = 100 oC MDA200G MDA201G MDA202G MDA204G MDA206G MDA208G MDA210G DC Blocking Voltage per element Element at 3.14A DC 5.0 uAmps .414 (10.5) .374 (9.5) .035 (0.9) DIA .360 (9.1) .320 (8.1) .390 MIN. (9.9) .160 (4.1) .140 (3.6) .650 (16.5) .610 (15.5) .161 (4.1) .150 (3.8) .050 (1.27) SPACING .028 (0.7) TYP. AC MECHANICAL DATA Typical Thermal Resistance from junction to ambient Typical Thermal Resistance from junction to case R θ JC R θ JA 0C/W Note: ”Fully ROHS compliant”,”100% Sn plating(Pb-free). 40 13 |
Số phần tương tự - MDA210G |
|
Mô tả tương tự - MDA210G |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |