công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCF52235 bảng dữ liệu(PDF) 3 Page - Freescale Semiconductor, Inc

tên linh kiện MCF52235
Giải thích chi tiết về linh kiện  Microcontroller
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF52235 bảng dữ liệu(HTML) 3 Page - Freescale Semiconductor, Inc

  MCF52235 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF52235 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
MCF52235 Family Configurations
MCF52235 ColdFire Microcontroller, Rev. 6
Freescale Semiconductor
3
1
MCF52235 Family Configurations
Table 1. MCF52235 Family Configurations
Module
52230
52231
52232
52233
52234
52235
52236
Version 2 ColdFire Core with EMAC
(Enhanced Multiply-Accumulate Unit)
••••••
System Clock (MHz)
60
60
50
60
60
60
50
Performance (Dhrystone 2.1 MIPS)
56
56
46
56
56
56
46
Flash / Static RAM (SRAM)
128/32
Kbytes
128/32
Kbytes
128/32
Kbytes
256/32
Kbytes
256/32
Kbytes
256/32
Kbytes
256/32
Kbytes
Interrupt Controllers (INTC0/INTC1)
••••••
Fast Analog-to-Digital Converter (ADC)
••••••
Random Number Generator and Crypto
Acceleration Unit (CAU)
—————
FlexCAN 2.0B Module
——
••
Fast Ethernet Controller (FEC) with on-chip
interface (EPHY)
••••••
Four-channel Direct-Memory Access (DMA)
••••••
Software Watchdog Timer (WDT)
••••••
Programmable Interrupt Timer
2222222
Four-Channel General Purpose Timer
••••••
32-bit DMA Timers
4444444
QSPI
••••••
UART(s)
3333333
I2C
••••••
Eight/Four-channel 8/16-bit PWM Timer
••••••
General Purpose I/O Module (GPIO)
••••••
Chip Configuration and Reset Controller
Module
••••••
Background Debug Mode (BDM)
••••••
JTAG - IEEE 1149.1 Test Access Port1
1 The full debug/trace interface is available only on the 112- and 121-pin packages. A reduced debug interface is bonded on the
80-pin package.
••••••
Package
80 LQFP
112 LQFP
80 LQFP
112 LQFP
80 LQFP
80 LQFP
112 LQFP
112 LQFP
121
MAPBGA
112 LQFP
121
MAPBGA
80 LQFP


Số phần tương tự - MCF52235

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF52235 FREESCALE-MCF52235 Datasheet
1Mb / 50P
   ColdFire Microcontroller
MCF52235 FREESCALE-MCF52235 Datasheet
602Kb / 48P
   ColdFire짰 Microcontroller
MCF52235 FREESCALE-MCF52235 Datasheet
1,001Kb / 54P
   ColdFire Microcontroller
logo
NXP Semiconductors
MCF52235 NXP-MCF52235 Datasheet
1Mb / 55P
   MCF52235 ColdFire Microcontroller Data Sheet
Rev. 10, 3/2011
logo
Freescale Semiconductor...
MCF52235CAL60 FREESCALE-MCF52235CAL60 Datasheet
1Mb / 54P
   MCF52235 ColdFire Microcontroller Data Sheet
More results

Mô tả tương tự - MCF52235

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
LM3S617 ETC2-LM3S617 Datasheet
2Mb / 379P
   Microcontroller
LM3S612 ETC2-LM3S612 Datasheet
2Mb / 419P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com