công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM5330A bảng dữ liệu(PDF) 8 Page - Nippon Precision Circuits Inc

tên linh kiện SM5330A
Giải thích chi tiết về linh kiện  3-channel Video Filter with Built-in 4-system Switch
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NPC [Nippon Precision Circuits Inc]
Trang chủ  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5330A bảng dữ liệu(HTML) 8 Page - Nippon Precision Circuits Inc

Back Button SM5330A Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5330A Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5330A Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5330A Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5330A Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5330A Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5330A Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5330A Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5330A Datasheet HTML 12Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
SM5330A
SEIKO NPC CORPORATION —8
SPECIFICATIONS
Absolute Maximum Ratings
GND = 0V, VCC = VDD = VCCD
Recommended Operating Conditions
Electrical Characteristics
DC Characteristics
VCC = 5.0V, VDD = 3.0 to 5.5V, Ta = 25°C, fin = 100kHz, VIN = 1.0Vp-p, RISET = 1.8kΩ, RL = 75kΩ,
CH-1 and CH-2 bias inputs, CH-3 clamp input, FCM = H, FCSET = 3Fh, unless otherwise noted.
Parameter
Symbol
Condition
Rating
Unit
Supply voltage
VCC
VCC, VDD, VCCD
−0.3 to 7.0
V
Input voltage
VIN
GND – 0.3 to VCC + 0.3
V
Storage temperature range
TSTG
−55 to +125
°C
Power dissipation
PD
θja = 60°C/W (at Ta = 25°C, PCB
wiring density: 100%, 0.5m/s air
flow)
0.91
W
Junction temperature
TJ
125
°C
Parameter
Symbol
Condition
Rating
Unit
Supply voltage 1
VCC
VCC, VCCD
4.75 to 5.25
V
Supply voltage 2
VDD
VDD
3.0 to 5.5
V
Operating ambient temperature
Ta
Wiring density: 100%,
air flow: 0.5m/s
–20 to 70
°C
Parameter
Symbol
Condition
Rating
Unit
Test
level
min
typ
max
Current consumption
ICC1
VCC = 5.25V, VIN = 0.0VP–P
112
154
mA
I
HIGH-level input voltage 1
VIH1
SDA, SCL
0.7 VDD
––
V
I
LOW-level Input voltage 1
VIL1
0.3 VDD
VI
HIGH-level input voltage 2
VIH2
ADS
0.8 VCC
––
V
I
Middle-level input voltage 2
VIM2
VCC/2
− 0.2
VCC/2
+ 0.2
VI
LOW-level input voltage 2
VIL2
0.2 VCC
VI
HIGH-level input voltage 3
VIH3
IN1_L1, IN1_L3, IN2_L1, IN2_L3
3.5
V
I
Middle-level input voltage 3
VIM3
1.4
2.4
V
I
LOW-level input voltage 3
VIL3
0.8
V
I
HIGH-level input voltage 4
VIH4
IN1_L2, IN2_L2
3.5
V
I
LOW-level Input voltage 4
VIL4
2.4
V
I
HIGH-level input voltage 5
VIH5
IN1_SW, IN2_SW
3.2
V
I
LOW-level Input voltage 5
VIL5
1.8
V
I
HIGH-level input voltage 6
VIH6
I/O_0, I/O_1
3.0
V
I
LOW-level Input voltage 6
VIL6
1.5
V
I
HIGH-level input leakage current 1
ILH1
SDA, SCL at input voltage = VDD
± 1.0
µAI
LOW-level input leakage current 1
ILL1
SDA, SCL at input voltage = 0V
± 1.0
µAI
HIGH-level input leakage current 2
ILH2
I/O_0, I/O_1 at input voltage = VCC
± 1.0
µAI
LOW-level input leakage current 2
ILL2
I/O_0, I/O_1 at input voltage = 0V
± 1.0
µAI
LOW-level output voltage
VOL
SDA, I/O_0, I/O_1 at output current
= 3mA
0.0
0.4
V
I


Số phần tương tự - SM5330A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Silicon Microstructures...
SM5331-BCE-S-010-000 SMI-SM5331-BCE-S-010-000 Datasheet
682Kb / 7P
   Low Pressure Digital Sensor
logo
Silicon Mitus, Inc.
SM5334 SILICONMITUS-SM5334 Datasheet
176Kb / 2P
   Over-Voltage Protection IC with Low RDS_ON 8 mΩ
Jun. 2017-Rev 0.0.2
SM5335 SILICONMITUS-SM5335 Datasheet
200Kb / 2P
   Over-Voltage Protection IC with Low RDS_ON 29mΩ
July 2021 -Rev. 0.0.1
SM5336 SILICONMITUS-SM5336 Datasheet
272Kb / 3P
   Over-Voltage Protection IC with Smart Thermal Protection
May 2021 - Rev. 0.0.0
More results

Mô tả tương tự - SM5330A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Nippon Precision Circui...
SM5301BS NPC-SM5301BS Datasheet
204Kb / 15P
   3-channel Video Buffer with Built-in Wideband Filters with Filter Through Function
SM5309B NPC-SM5309B Datasheet
409Kb / 24P
   3-channel Video Buffer with Built-in wideband LPF
SM5302A NPC-SM5302A Datasheet
503Kb / 26P
   3-channel Video Buffer with Built-in wideband LPF
SM5309A NPC-SM5309A Datasheet
419Kb / 24P
   3-channel Video Buffer with Built-in wideband LPF
SM5301 NPC-SM5301 Datasheet
178Kb / 12P
   3-channel Video Buffer with Built-in Wideband Filters
logo
Toshiba Semiconductor
TC9237BF TOSHIBA-TC9237BF Datasheet
596Kb / 15P
   MODULATION SYSTEM DA CONVERTER WITH BUILT IN DIGITAL FILTER
logo
Nippon Precision Circui...
SM5320A NPC-SM5320A Datasheet
696Kb / 23P
   5-channel Video Buffer with Built-in wideband LPF
logo
STMicroelectronics
STV6419 STMICROELECTRONICS-STV6419 Datasheet
101Kb / 4P
   Low-cost audio/video switch and 4-channel SD video filter
logo
Texas Instruments
THS7320 TI-THS7320 Datasheet
1Mb / 35P
[Old version datasheet]   3-Channel ED Filter Video Amplifier with 4-V/V Gain
logo
SG Micro Corp
SGM9132 SGMICRO-SGM9132 Datasheet
309Kb / 11P
   3-Channel, Video Filter Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com