công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM4040B30IDBZR bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
|
LM4040B30IDBZR bảng dữ liệu(HTML) 2 Page - Texas Instruments |
2 / 51 page www.ti.com LM4040 PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE SLOS456K – JANUARY 2005 – REVISED MARCH 2008 ORDERING INFORMATION(1) DEVICE ORDERABLE TOP-SIDE TA VKA PACKAGE(2) GRADE PART NUMBER MARKING(3) SC-70 (DCK) Reel of 3000 LM4040A20IDCKR MS_ Reel of 3000 LM4040A20IDBZR SOT-23-3 (DBZ) 4MC_ 2.048 V Reel of 250 LM4040A20IDBZT Bulk of 1000 LM4040A20ILP TO-92/TO-226 (LP) PREVIEW Reel of 2000 LM4040A20ILPR SC-70 (DCK) Reel of 3000 LM4040A25IDCKR P2_ Reel of 3000 LM4040A25IDBZR SOT-23-3 (DBZ) 4NG_ 2.5 V Reel of 250 LM4040A25IDBZT Bulk of 1000 LM4040A25ILP TO-92/TO-226 (LP) PREVIEW Reel of 2000 LM4040A25ILPR SC-70 (DCK) Reel of 3000 LM4040A30IDCKR P9_ Reel of 3000 LM4040A30IDBZR SOT-23-3 (DBZ) 4M6_ 3 V Reel of 250 LM4040A30IDBZT Bulk of 1000 LM4040A30ILP TO-92/TO-226 (LP) PREVIEW Reel of 2000 LM4040A30ILPR A grade: SC-70 (DCK) Reel of 3000 LM4040A41IDCKR P4_ 0.1% initial Reel of 3000 LM4040A41IDBZR accuracy SOT-23-3 (DBZ) 4M2_ –40 °C to 85°C and 4.096 V Reel of 250 LM4040A41IDBZT 100 ppm/ °C Bulk of 1000 LM4040A41ILP temperature TO-92/TO-226 (LP) PREVIEW Reel of 2000 LM4040A41ILPR coefficient SC-70 (DCK) Reel of 3000 LM4040A50IDCKR N5_ Reel of 3000 LM4040A50IDBZR SOT-23-3 (DBZ) 4NA_ 5 V Reel of 250 LM4040A50IDBZT Bulk of 1000 LM4040A50ILP TO-92/TO-226 (LP) PREVIEW Reel of 2000 LM4040A50ILPR SC-70 (DCK) Reel of 3000 LM4040A82IDCKR PD_ Reel of 3000 LM4040A82IDBZR SOT-23-3 (DBZ) 4NL_ 8.192 V Reel of 250 LM4040A82IDBZT Bulk of 1000 LM4040A82ILP TO-92/TO-226 (LP) PREVIEW Reel of 2000 LM4040A82ILPR SC-70 (DCK) Reel of 3000 LM4040A10IDCKR PH_ Reel of 3000 LM4040A10IDBZR SOT-23-3 (DBZ) 4NQ_ 10 V Reel of 250 LM4040A10IDBZT Bulk of 1000 LM4040A10ILP TO-92/TO-226 (LP) PREVIEW Reel of 2000 LM4040A10ILPR (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com. (2) Package drawings, thermal data, and symbolization are available at www.ti.com/packaging. (3) DBZ/DCK: The actual top-side marking has one additional character that designates the wafer fab/assembly site. 2 Submit Documentation Feedback Copyright © 2005–2008, Texas Instruments Incorporated |
Số phần tương tự - LM4040B30IDBZR |
|
Mô tả tương tự - LM4040B30IDBZR |