công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L78M24CP bảng dữ liệu(PDF) 10 Page - STMicroelectronics |
|
L78M24CP bảng dữ liệu(HTML) 10 Page - STMicroelectronics |
10 / 29 page Electrical characteristics L78MxxC 10/29 Table 10. Electrical characteristics of L78M18C (refer to the test circuits, TJ = 25 °C, VI = 26 V, IO = 350 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified) Symbol Parameter Test conditions Min. Typ. Max. Unit VO Output voltage 17.3 18 18.7 V VO Output voltage IO = 5 to 350 mA, VI = 20.5 to 33 V 17.1 18 18.9 V ΔVO Line regulation VI = 21 to 33 V, IO = 200 mA 100 mV VI = 24 to 33 V, IO = 200 mA 50 ΔVO Load regulation IO = 5 to 500 mA, TJ = 25°C 360 mV IO = 5 to 200 mA, TJ = 25°C 180 Id Quiescent current 6 mA ΔId Quiescent current change IO = 5 to 350 mA 0.5 mA IO = 200 mA, VI = 21 to 33 V 0.8 ΔVO/ΔT Output voltage drift IO = 5 mA, TJ = 0 to 125°C -1.1 mV/°C SVR Supply voltage rejection VI = 22 to 32 V, f = 120Hz, IO = 300mA 53 dB eN Output noise voltage B =10Hz to 100kHz 100 µV Vd Dropout voltage 2 V Isc Short circuit current VI = 35 V 240 mA Table 11. Electrical characteristics of L78M24C (refer to the test circuits, TJ = 25 °C, VI = 23 V, IO = 350 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified) Symbol Parameter Test conditions Min. Typ. Max. Unit VO Output voltage 23 24 25 V VO Output voltage IO = 5 to 350 mA, VI = 27 to 38 V 22.8 24 25.2 V ΔVO Line regulation VI = 27 to 38 V, IO = 200 mA 100 mV VI = 28 to 38 V, IO = 200 mA 50 ΔVO Load regulation IO = 5 to 500 mA, TJ = 25°C 480 mV IO = 5 to 200 mA, TJ = 25°C 240 Id Quiescent current 6 mA ΔId Quiescent current change IO = 5 to 350 mA 0.5 mA IO = 200 mA, VI = 27 to 38 V 0.8 ΔVO/ΔT Output voltage drift IO = 5 mA, TJ = 0 to 125°C -1.2 mV/°C SVR Supply voltage rejection VI = 28 to 38 V, f = 120Hz, IO = 300mA 50 dB eN Output noise voltage B =10Hz to 100kHz 170 µV Vd Dropout voltage 2 V Isc Short circuit current VI = 35 V 240 mA |
Số phần tương tự - L78M24CP |
|
Mô tả tương tự - L78M24CP |