công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STK14EC16-BF25TR bảng dữ liệu(PDF) 4 Page - Simtek Corporation

tên linh kiện STK14EC16-BF25TR
Giải thích chi tiết về linh kiện  256Kx16 AutoStore nvSRAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SIMTEK [Simtek Corporation]
Trang chủ  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK14EC16-BF25TR bảng dữ liệu(HTML) 4 Page - Simtek Corporation

  STK14EC16-BF25TR Datasheet HTML 1Page - Simtek Corporation STK14EC16-BF25TR Datasheet HTML 2Page - Simtek Corporation STK14EC16-BF25TR Datasheet HTML 3Page - Simtek Corporation STK14EC16-BF25TR Datasheet HTML 4Page - Simtek Corporation STK14EC16-BF25TR Datasheet HTML 5Page - Simtek Corporation STK14EC16-BF25TR Datasheet HTML 6Page - Simtek Corporation STK14EC16-BF25TR Datasheet HTML 7Page - Simtek Corporation STK14EC16-BF25TR Datasheet HTML 8Page - Simtek Corporation STK14EC16-BF25TR Datasheet HTML 9Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4
Simtek Confidential
Jan, 2008
Document Control #ML0061 Rev 1.1
STK14EC16
Preliminary
ABSOLUTE MAXIMUM RATINGSa
Voltage on Input Relative to Ground . . . . . . . . . . . . . –0.5V to 4.1V
Voltage on Input Relative to VSS . . . . . . . . . .–0.5V to (VCC + 0.5V)
Voltage on DQ0-7 or HSB . . . . . . . . . . . . . . . .–0.5V to (VCC + 0.5V)
Temperature under Bias. . . . . . . . . . . . . . . . . . . . . .–55
°C to 125°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . .–55
°C to 140°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .–65
°C to 150°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1W
DC Output Current (1 output at a time, 1s duration) . . . . . . . 15mA
Note a:
Stresses greater than those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device. This is a
stress rating only, and functional operation of the device at con-
ditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rat-
ing conditions for extended periods may affect reliability.
DC CHARACTERISTICS
(VCC = 2.7V-3.6V)
Note: The HSB pin has IOUT=-10 uA for VOH of 2.4 V. This parameter is characterized but not tested.
SYMBOL
PARAMETER
COMMERCIAL
INDUSTRIAL
UNITS
NOTES
MIN
MAX
MIN
MAX
ICC1
Average VCC Current
70
65
50
75
70
52
mA
mA
mA
tAVAV = 15ns
tAVAV = 25ns
tAVAV = 45ns
Dependent on output loading and cycle
rate. Values obtained without output
loads.
ICC2
Average VCC Current during STORE
6
6
mA
All Inputs Don’t Care, VCC = max
Average current for duration of STORE
cycle (tSTORE)
ICC3
Average VCC Current at tAVAV = 200ns
3V, 25°C, Typical
26
26
mA
W
≥ (V
CC– 0.2V)
All Other Inputs Cycling at CMOS Levels
Dependent on output loading and cycle
rate. Values obtained without output
loads.
ICC4
Average VCAP Current during Auto Store
Cycle
6
6
mA
All Inputs Don’t Care
Average current for duration of STORE
cycle (tSTORE)
ISB
VCC Standby Current
(Standby, Stable CMOS Levels)
3
3
mA
E
≥ (V
CC -0.2V)
All Others VIN0.2V or ≥ (VCC-0.2V)
Standby current level after nonvolatile
cycle complete
IILK
Input Leakage Current
±1
±1
μA
VCC = max
VIN = VSS to VCC
IOLK
Off-State Output Leakage Current
±1
±1
μA
VCC = max
VIN = VSS to VCC, E or G ≥ VIH
VIH
Input Logic “1” Voltage
2.0
VCC + 0.5
2.0
VCC + 0.5
V
All Inputs
VIL
Input Logic “0” Voltage
VSS –0.5
0.8
VSS –0.5
0.8
V
All Inputs
VOH
Output Logic “1” Voltage
2.4
2.4
V
IOUT =– 2mA (except HSB)
VOL
Output Logic “0” Voltage
0.4
0.4
V
IOUT = 4mA
TA
Operating Temperature
0
70
–40
85
°C
VCC
Operating Voltage
2.7
3.6
2.7
3.6
V
3.3V nominal
VCAP
Storage Capacitance
61
134
61
180
μF
Between VCAP pin and VSS, 5V rated
(Nom. 68
μF to 150 μF +20%, - 10%)
NVC
Nonvolatile STORE operations
200
200
K
DATAR
Data Retention
20
20
Years
@ 55 deg C
TF (TSOP-II 44) PACKAGE THERMAL CHARACTERISTICS
θ
jc tbd; θja tbd [0fpm], tbd [200fpm], tbd C/W [500fpm].
UF (TSOP-II 54) PACKAGE THERMAL CHARACTERISTICS
θ
jc tbd; θja tbd [0fpm], tbd [200fpm], tbd C/W [500fpm].
BF (FBGA48) PACKAGE THERMAL CHARACTERISTICS
θ
jc tbd C/W; θja tbd [0fpm], tbd [200fpm], tbd C/W [500fpm].


Số phần tương tự - STK14EC16-BF25TR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Simtek Corporation
STK14EC8 SIMTEK-STK14EC8 Datasheet
202Kb / 18P
   512Kx8 Autostore nvSRAM
STK14EC8 SIMTEK-STK14EC8 Datasheet
492Kb / 19P
   512Kx8 Autostore nvSRAM
STK14EC8-BF15 SIMTEK-STK14EC8-BF15 Datasheet
492Kb / 19P
   512Kx8 Autostore nvSRAM
STK14EC8-BF15I SIMTEK-STK14EC8-BF15I Datasheet
492Kb / 19P
   512Kx8 Autostore nvSRAM
STK14EC8-BF15ITR SIMTEK-STK14EC8-BF15ITR Datasheet
492Kb / 19P
   512Kx8 Autostore nvSRAM
More results

Mô tả tương tự - STK14EC16-BF25TR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Simtek Corporation
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK14CA8 SIMTEK-STK14CA8 Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK12C68 SIMTEK-STK12C68 Datasheet
524Kb / 20P
   8Kx8 AutoStore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
   32Kx8 AutoStore nvSRAM
logo
Simtek Corporation
STK14C88 SIMTEK-STK14C88_08 Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3_08 Datasheet
425Kb / 18P
   32Kx8 AutoStore nvSRAM
STK16C88-3 SIMTEK-STK16C88-3_08 Datasheet
343Kb / 13P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com