công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74ACT08PWG4 bảng dữ liệu(PDF) 1 Page - Texas Instruments |
|
SN74ACT08PWG4 bảng dữ liệu(HTML) 1 Page - Texas Instruments |
1 / 17 page SN54ACT08, SN74ACT08 QUADRUPLE 2INPUT POSITIVEAND GATES SCAS535C − SEPTEMBER 1995 − REVISED OCTOBER 2003 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D 4.5-V to 5.5-V VCC Operation D Inputs Accept Voltages to 5.5 V D Max tpd of 10 ns at 5 V D Inputs Are TTL-Voltage Compatible SN54ACT08 ... J OR W PACKAGE SN74ACT08 ... D, DB, N, NS, OR PW PACKAGE (TOP VIEW) 1 2 3 4 5 6 7 14 13 12 11 10 9 8 1A 1B 1Y 2A 2B 2Y GND VCC 4B 4A 4Y 3B 3A 3Y 32 1 20 19 910 11 12 13 4 5 6 7 8 18 17 16 15 14 4A NC 4Y NC 3B 1Y NC 2A NC 2B SN54ACT08 . . . FK PACKAGE (TOP VIEW) NC − No internal connection description/ordering information The ’ACT08 devices are quadruple 2-input positive-AND gates. These devices perform the Boolean functions Y = A B or Y = A + B in positive logic. ORDERING INFORMATION TA PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING PDIP − N Tube SN74ACT08N SN74ACT08N SOIC − D Tube SN74ACT08D ACT08 SOIC − D Tape and reel SN74ACT08DR ACT08 −40 °C to 85°C SOP − NS Tape and reel SN74ACT08NSR ACT08 −40 C to 85 C SSOP − DB Tape and reel SN74ACT08DBR AD08 TSSOP − PW Tube SN74ACT08PW AD08 TSSOP − PW Tape and reel SN74ACT08PWR AD08 CDIP − J Tube SNJ54ACT08J SNJ54ACT08J −55 °C to 125°C CFP − W Tube SNJ54ACT08W SNJ54ACT08W −55 C to 125 C LCCC − FK Tube SNJ54ACT08FK SNJ54ACT08FK † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. FUNCTION TABLE (each gate) INPUTS OUTPUT A B OUTPUT Y H H H L XL X L L Copyright 2003, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. On products compliant to MILPRF38535, all parameters are tested unless otherwise noted. On all other products, production processing does not necessarily include testing of all parameters. |
Số phần tương tự - SN74ACT08PWG4 |
|
Mô tả tương tự - SN74ACT08PWG4 |