công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STK14EC16-TF15ITR bảng dữ liệu(PDF) 3 Page - Simtek Corporation

tên linh kiện STK14EC16-TF15ITR
Giải thích chi tiết về linh kiện  256Kx16 AutoStore nvSRAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SIMTEK [Simtek Corporation]
Trang chủ  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK14EC16-TF15ITR bảng dữ liệu(HTML) 3 Page - Simtek Corporation

  STK14EC16-TF15ITR Datasheet HTML 1Page - Simtek Corporation STK14EC16-TF15ITR Datasheet HTML 2Page - Simtek Corporation STK14EC16-TF15ITR Datasheet HTML 3Page - Simtek Corporation STK14EC16-TF15ITR Datasheet HTML 4Page - Simtek Corporation STK14EC16-TF15ITR Datasheet HTML 5Page - Simtek Corporation STK14EC16-TF15ITR Datasheet HTML 6Page - Simtek Corporation STK14EC16-TF15ITR Datasheet HTML 7Page - Simtek Corporation STK14EC16-TF15ITR Datasheet HTML 8Page - Simtek Corporation STK14EC16-TF15ITR Datasheet HTML 9Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
STK14EC16
3
Simtek Confidential
Jan, 2008
Document Control #ML0061 Rev 1.1
Preliminary
PIN DESCRIPTIONS
Pin Name
I/O
Description
A17-A0
Input
Address: The 18 address inputs select one of 262,144 words in the nvSRAM array
DQ15-DQ0
I/O
Data: Bi-directional 16-bit data bus for accessing the nvSRAM
E
Input
Chip Enable: The active low E input selects the device
LB
Input
Byte Write Select Input: Controls DQ7-DQ0 (unselected byte will not write or read).
UB
Input
Byte Write Select Input: Controls DQ15-DQ8 (unselected byte will not write or read).
W
Input
Write Enable: The active low W enables data on the DQ pins to be written to the address location latched by the falling edge of E
G
Input
Output Enable: The active low G input enables the data output buffers during read cycles. De-asserting G high causes the DQ pins
to tri-state.
VCC
Power Supply
Power: 3.0V +20%, -10%
HSB
I/O
Hardware Store Busy: When low this output indicates a Store is in progress (also low during power up while busy). When pulled
low external to the chip, it will initiate a nonvolatile STORE operation. A weak pull up resistor keeps this pin high if not connected.
(Connection Optional).
VCAP
Power Supply
Autostore Capacitor: Supplies power to the nvSRAM during a power loss to store data from SRAM to nonvolatile storage ele-
ments.
VSS
Power Supply
Ground
NC
No Connect
This pin is not connected to the die. (Do not connect in design; reserved for future use)
44-Pin TSOP-II
(See full mechanical drawings on pages 18 – 20)
54-Pin TSOP-II
48-Ball FBGA
VSS
A2
A3
A4
A5
DQ0
DQ1
VCC
VCAP
DQ2
DQ3
A6
A7
A8
A1
A17
A16
A15
A14
A13
DQ7
DQ6
VSS
VCC
DQ5
DQ4
A12
A11
A9
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
A0
A10
E
W
DQ8
DQ9
DQ10
DQ11
G
DQ12
DQ13
DQ14
DQ15
UB
LB
VSS
A0
A1
A2
A3
A4
A5
DQ0
DQ1
VCC
VCAP
DQ2
DQ3
A6
A7
A8
NC
NC
A17
A16
A15
A14
A13
G
DQ7
DQ6
VSS
VCC
DQ5
DQ4
HSB
A12
A11
A9
NC
NC
NC
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
NC
A10
E
NC
NC
23
24
25
26
27
W
54
53
52
51
50
49
48
47
46
45
UB
LB
DQ15
DQ14
DQ13
DQ12
DQ11
DQ10
DQ9
DQ8
NC
LB
G
A0
A1
A2
NC
DQ8
UB
A3
A4
E
DQ0
DQ9 DQ10
A5
A6
DQ1 DQ 2
VSS
DQ11
A17
A7
DQ3
VCC
VCC DQ12 VCAP
A16
DQ4
VSS
DQ14 DQ13
A14
A15
DQ5 DQ 6
DQ15 HSB
A12
A13
W
DQ7
NC
A8
A 9
A10
A11
NC
1
2
3
4
5
6
A
B
C
D
E
F
G
H
(TOP)
(TOP)
(TOP)


Số phần tương tự - STK14EC16-TF15ITR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Simtek Corporation
STK14EC8 SIMTEK-STK14EC8 Datasheet
202Kb / 18P
   512Kx8 Autostore nvSRAM
STK14EC8 SIMTEK-STK14EC8 Datasheet
492Kb / 19P
   512Kx8 Autostore nvSRAM
STK14EC8-BF15 SIMTEK-STK14EC8-BF15 Datasheet
492Kb / 19P
   512Kx8 Autostore nvSRAM
STK14EC8-BF15I SIMTEK-STK14EC8-BF15I Datasheet
492Kb / 19P
   512Kx8 Autostore nvSRAM
STK14EC8-BF15ITR SIMTEK-STK14EC8-BF15ITR Datasheet
492Kb / 19P
   512Kx8 Autostore nvSRAM
More results

Mô tả tương tự - STK14EC16-TF15ITR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Simtek Corporation
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK14CA8 SIMTEK-STK14CA8 Datasheet
593Kb / 19P
   128Kx8 Autostore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
   32Kx8 AutoStore nvSRAM
STK12C68 SIMTEK-STK12C68 Datasheet
524Kb / 20P
   8Kx8 AutoStore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
   32Kx8 AutoStore nvSRAM
logo
Simtek Corporation
STK14C88 SIMTEK-STK14C88_08 Datasheet
388Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3_08 Datasheet
425Kb / 18P
   32Kx8 AutoStore nvSRAM
STK16C88-3 SIMTEK-STK16C88-3_08 Datasheet
343Kb / 13P
   32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com