công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SM320C6000PYP225 bảng dữ liệu(PDF) 1 Page - Texas Instruments |
|
SM320C6000PYP225 bảng dữ liệu(HTML) 1 Page - Texas Instruments |
1 / 148 page TMS320C6713 FLOATINGPOINT DIGITAL SIGNAL PROCESSOR SPRS186L − DECEMBER 2001 − REVISED NOVEMBER 2005 1 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 D Highest-Performance Floating-Point Digital Signal Processor (DSP) − Eight 32-Bit Instructions/Cycle − 32/64-Bit Data Word − 225-, 200-MHz (GDP), and 200-, 167-MHz (PYP) Clock Rates − 4.4-, 5-, 6-Instruction Cycle Times − 1800/1350, 1600/1200, and 1336/1000 MIPS/MFLOPS − Rich Peripheral Set, Optimized for Audio − Highly Optimized C/C++ Compiler − Extended Temperature Devices Available D Advanced Very Long Instruction Word (VLIW) TMS320C67x DSP Core − Eight Independent Functional Units: − Two ALUs (Fixed-Point) − Four ALUs (Floating- and Fixed-Point) − Two Multipliers (Floating- and Fixed-Point) − Load-Store Architecture With 32 32-Bit General-Purpose Registers − Instruction Packing Reduces Code Size − All Instructions Conditional D Instruction Set Features − Native Instructions for IEEE 754 − Single- and Double-Precision − Byte-Addressable (8-, 16-, 32-Bit Data) − 8-Bit Overflow Protection − Saturation; Bit-Field Extract, Set, Clear; Bit-Counting; Normalization D L1/L2 Memory Architecture − 4K-Byte L1P Program Cache (Direct-Mapped) − 4K-Byte L1D Data Cache (2-Way) − 256K-Byte L2 Memory Total: 64K-Byte L2 Unified Cache/Mapped RAM, and 192K-Byte Additional L2 Mapped RAM D Device Configuration − Boot Mode: HPI, 8-, 16-, 32-Bit ROM Boot − Endianness: Little Endian, Big Endian D 32-Bit External Memory Interface (EMIF) − Glueless Interface to SRAM, EPROM, Flash, SBSRAM, and SDRAM − 512M-Byte Total Addressable External Memory Space D Enhanced Direct-Memory-Access (EDMA) Controller (16 Independent Channels) D 16-Bit Host-Port Interface (HPI) D Two McASPs − Two Independent Clock Zones Each (1 TX and 1 RX) − Eight Serial Data Pins Per Port: Individually Assignable to any of the Clock Zones − Each Clock Zone Includes: − Programmable Clock Generator − Programmable Frame Sync Generator − TDM Streams From 2-32 Time Slots − Support for Slot Size: 8, 12, 16, 20, 24, 28, 32 Bits − Data Formatter for Bit Manipulation − Wide Variety of I2S and Similar Bit Stream Formats − Integrated Digital Audio Interface Transmitter (DIT) Supports: − S/PDIF, IEC60958-1, AES-3, CP-430 Formats − Up to 16 transmit pins − Enhanced Channel Status/User Data − Extensive Error Checking and Recovery D Two Inter-Integrated Circuit Bus (I2C Bus) Multi-Master and Slave Interfaces D Two Multichannel Buffered Serial Ports: − Serial-Peripheral-Interface (SPI) − High-Speed TDM Interface − AC97 Interface D Two 32-Bit General-Purpose Timers D Dedicated GPIO Module With 16 pins (External Interrupt Capable) D Flexible Phase-Locked-Loop (PLL) Based Clock Generator Module D IEEE-1149.1 (JTAG†) Boundary-Scan-Compatible D 208-Pin PowerPAD Plastic (Low-Profile) Quad Flatpack (PYP) D 272-BGA Packages (GDP) D 0.13-µm/6-Level Copper Metal Process − CMOS Technology D 3.3-V I/Os, 1.2-V‡ Internal (GDP & PYP) Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. Copyright 2005, Texas Instruments Incorporated TMS320C67x and PowerPAD are trademarks of Texas Instruments. I2C Bus is a trademark of Philips Electronics N.V. Corporation All trademarks are the property of their respective owners. † IEEE Standard 1149.1-1990 Standard-Test-Access Port and Boundary Scan Architecture. ‡ These values are compatible with existing 1.26−V designs. PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Số phần tương tự - SM320C6000PYP225 |
|
Mô tả tương tự - SM320C6000PYP225 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |