công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD1888JSTZ-REEL bảng dữ liệu(PDF) 8 Page - Analog Devices |
|
AD1888JSTZ-REEL bảng dữ liệu(HTML) 8 Page - Analog Devices |
8 / 32 page AD1888 Rev. A | Page 8 of 32 ABSOLUTE MAXIMUM RATINGS Table 3. Parameter Min Max Unit Power Supplies Digital (DVDD) −0.3 +3.6 V Analog (AVDD) −0.3 +6.0 V Input Current (Except Supply Pins) ±10.0 mA Analog Input Voltage (Signal Pins) −0.3 AVDD + 0.3 V Digital Input Voltage (Signal Pins) −0.3 DVDD + 0.3 V Ambient Temperature (Operating) 0 +70 °C Storage Temperature −65 +150 °C Stresses greater than those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ENVIRONMENTAL CONDITIONS Ambient temperature rating:1 TCASE = Case temperature in °C PD = Power dissipation in W θJA = Thermal resistance (junction-to-ambient) θJC = Thermal resistance (junction-to-case) 1 All measurements per EIA/JESD51 with 2S2P test board per EIA/JESD51-7. Table 4. Package θJA θJC LQFP 50.1°C/W 17.8°C/W LFCSP 50°C/W 25.88°C/W ESD CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. |
Số phần tương tự - AD1888JSTZ-REEL |
|
Mô tả tương tự - AD1888JSTZ-REEL |