công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM3200 bảng dữ liệu(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LM3200
Giải thích chi tiết về linh kiện  Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3200 bảng dữ liệu(HTML) 5 Page - National Semiconductor (TI)

  LM3200_05 Datasheet HTML 1Page - National Semiconductor (TI) LM3200_05 Datasheet HTML 2Page - National Semiconductor (TI) LM3200_05 Datasheet HTML 3Page - National Semiconductor (TI) LM3200_05 Datasheet HTML 4Page - National Semiconductor (TI) LM3200_05 Datasheet HTML 5Page - National Semiconductor (TI) LM3200_05 Datasheet HTML 6Page - National Semiconductor (TI) LM3200_05 Datasheet HTML 7Page - National Semiconductor (TI) LM3200_05 Datasheet HTML 8Page - National Semiconductor (TI) LM3200_05 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Typical Performance Characteristics (Circuit in Figure 1,PV
IN =VDD = EN = 3.6V, BYP = 0V, TA =
25˚C, unless otherwise noted)
Quiescent Supply Current vs Supply Voltage
Shutdown Supply Current vs Temperature
(EN = 0V)
20126104
20126105
Switching Frequency Variation vs Temperature
(V
OUT = 1.5V, IOUT = 200 mA)
Output Voltage vs Supply Voltage
(V
OUT = 1.5V)
20126106
20126107
Output Voltage vs Temperature
(V
OUT = 1.5V)
Output Voltage vs Temperature
(V
OUT = 3.25V)
20126108
20126109
www.national.com
5


Số phần tương tự - LM3200_05

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM3200TL NSC-LM3200TL Datasheet
885Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
LM3200TL/NOPB TI1-LM3200TL/NOPB Datasheet
982Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
logo
National Semiconductor ...
LM3200TLX NSC-LM3200TLX Datasheet
885Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
LM3200 TI-LM3200_15 Datasheet
937Kb / 24P
[Old version datasheet]   LM3200 Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
More results

Mô tả tương tự - LM3200_05

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM3204 TI1-LM3204 Datasheet
959Kb / 25P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
National Semiconductor ...
LM3200 NSC-LM3200 Datasheet
885Kb / 15P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3204 NSC-LM3204 Datasheet
878Kb / 16P
   Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
Texas Instruments
LM3204 TI-LM3204_15 Datasheet
903Kb / 24P
[Old version datasheet]   LM3204 Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
LM3200 TI-LM3200_15 Datasheet
937Kb / 24P
[Old version datasheet]   LM3200 Miniature, Adjustable, Step-Down DC-DC Converter with Bypass Mode for RF Power Amplifiers
logo
National Semiconductor ...
LM2706 NSC-LM2706 Datasheet
451Kb / 15P
   Miniature, Variable, Step-Down DC-DC Converter with Bypass for RF Power Amplifiers
logo
Texas Instruments
LM3242 TI1-LM3242_14 Datasheet
4Mb / 28P
[Old version datasheet]   6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter with Auto Bypass for RF Power Amplifiers
REVISED MARCH 2013
logo
National Semiconductor ...
LM3202 NSC-LM3202 Datasheet
1Mb / 15P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205_09 Datasheet
1Mb / 18P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205 Datasheet
1Mb / 18P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com