công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM2655MTCX-ADJ bảng dữ liệu(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LM2655MTCX-ADJ
Giải thích chi tiết về linh kiện  2.5A High Efficiency Synchronous Switching Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2655MTCX-ADJ bảng dữ liệu(HTML) 6 Page - National Semiconductor (TI)

Back Button LM2655MTCX-ADJ Datasheet HTML 2Page - National Semiconductor (TI) LM2655MTCX-ADJ Datasheet HTML 3Page - National Semiconductor (TI) LM2655MTCX-ADJ Datasheet HTML 4Page - National Semiconductor (TI) LM2655MTCX-ADJ Datasheet HTML 5Page - National Semiconductor (TI) LM2655MTCX-ADJ Datasheet HTML 6Page - National Semiconductor (TI) LM2655MTCX-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LM2655MTCX-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LM2655MTCX-ADJ Datasheet HTML 9Page - National Semiconductor (TI) LM2655MTCX-ADJ Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
All Output Voltage Versions Electrical Characteristics (Continued)
Specifications with standard typeface are for T
J = 25˚C, and those in boldface type apply over full Operating Temperature
Range.V
IN = 10V unless otherwise specified.
Symbol
Parameter
Conditions
Typical
(Note 6)
Limit
(Note 5)
Units
T
SD_HYST
Thermal Shutdown
Hysteresis Temperature
25
˚C
Low-side Driver (LDR) Parameters
Specifications with standard typeface are for T
J = 25˚C, and those in boldface type apply over full Operating Temperature
Range.V
IN = 10V unless otherwise specified.
Symbol
Parameter
Conditions
Typical
(Note 5)
Limit
(Note 6)
Units
V
OH
Logic High Level
V
IN = 10V
6.8
6.6
V
V(min)
V
IN = 6.0V
6
5.8
V
V(min)
V
OL
Logic Low Level
0
0.05
V
V(max)
I
SINK
LDR Sink Current
LDR Voltage = 1V
500
mA
I
SOURCE
LDR Source Current
LDR Voltage = 2V
180
mA
T
RR
Rise Time
C
GS=1000pF
18
ns
T
F
Fall Time
C
GS=1000pF
7
ns
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but device parameter specifications may not be guaranteed under these conditions. For guaranteed specifications and test conditions, see
the Electrical Characteristics.
Note 2: The maximum allowable power dissipation is calculated by using PDMAX =(TJMAX −TA)/θJA, where TJMAX is the maximum junction temperature, TA is the
ambient temperature, and
θJA is the junction-to-ambient thermal resistance of the specified package. The 893 mW rating results from using 150˚C, 25˚C, and
140˚C/W for TJMAX,TA, and θJA respectively. A θJA of 140˚C/W represents the worst-case condition of no heat sinking of the 16-pin TSSOP package. Heat sinking
allows the safe dissipation of more power. The Absolute Maximum power dissipation must be derated by 7.14 mW per ˚C above 25˚C ambient. The LM2655 actively
limits its junction temperatures to about 165˚C.
Note 3: The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. The machine model is a 200pF capacitor discharged
directly into each pin.
Note 4: ESD susceptibility using the human body model is 500V for VCB,VSW, LDR, and LDELAY.
Note 5: Typical numbers are at 25˚C and represent the most likely norm.
Note 6: All limits guaranteed at room temperature (standard typeface) and at temperature extremes (bold typeface). All room temperature limits are 100%
production tested. All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality Control (SQC) methods. All limits are used
to calculate Average Outgoing Quality Level (AOQL).
Note 7: Measured with respect to VSW.
Note 8: Measured while switching in closed loop with Vin = 15V.
Note 9: Average output current limit obtained using typical application circuit. This figure is dependant on the the inductor used.
Note 10: Bond wire resistance accounts for approximately 40m
Ω of RSW(ON).
www.national.com
6


Số phần tương tự - LM2655MTCX-ADJ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM2655MTCX-ADJ/NOPB TI-LM2655MTCX-ADJ/NOPB Datasheet
757Kb / 18P
[Old version datasheet]   2.5A High Efficiency Synchronous Switching Regulator
More results

Mô tả tương tự - LM2655MTCX-ADJ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM2655 NSC-LM2655 Datasheet
377Kb / 16P
   2.5A High Efficiency Synchronous Switching Regulator
logo
Texas Instruments
LM2655 TI-LM2655_15 Datasheet
757Kb / 18P
[Old version datasheet]   2.5A High Efficiency Synchronous Switching Regulator
logo
Fitipower Integrated Te...
FP6375 FITIPOWER-FP6375 Datasheet
1Mb / 13P
   High Efficiency 1MHz 2.5A Synchronous Step Down Regulator
logo
Texas Instruments
LM2651 TI1-LM2651_14 Datasheet
966Kb / 20P
[Old version datasheet]   1.5A High Efficiency Synchronous Switching Regulator
logo
National Semiconductor ...
LM2653 NSC-LM2653 Datasheet
243Kb / 13P
   1.5A High Efficiency Synchronous Switching Regulator
LM2653 NSC-LM2653_05 Datasheet
663Kb / 12P
   1.5A High Efficiency Synchronous Switching Regulator
LM2651 NSC-LM2651 Datasheet
222Kb / 10P
   1.5A High Efficiency Synchronous Switching Regulator
LM2651 NSC-LM2651_05 Datasheet
630Kb / 11P
   1.5A High Efficiency Synchronous Switching Regulator
logo
Monolithic Power System...
MP2120 MPS-MP2120 Datasheet
367Kb / 11P
   2.5A, 5.5V Synchronous Step-Down Switching Regulator
logo
ACE Technology Co., LTD...
ACE713C ACE-ACE713C Datasheet
414Kb / 4P
   High Efficiency 1.25MHz, 2.5A Boost Regulator
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com