công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM2655 bảng dữ liệu(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LM2655
Giải thích chi tiết về linh kiện  2.5A High Efficiency Synchronous Switching Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2655 bảng dữ liệu(HTML) 1 Page - National Semiconductor (TI)

  LM2655_05 Datasheet HTML 1Page - National Semiconductor (TI) LM2655_05 Datasheet HTML 2Page - National Semiconductor (TI) LM2655_05 Datasheet HTML 3Page - National Semiconductor (TI) LM2655_05 Datasheet HTML 4Page - National Semiconductor (TI) LM2655_05 Datasheet HTML 5Page - National Semiconductor (TI) LM2655_05 Datasheet HTML 6Page - National Semiconductor (TI) LM2655_05 Datasheet HTML 7Page - National Semiconductor (TI) LM2655_05 Datasheet HTML 8Page - National Semiconductor (TI) LM2655_05 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LM2655
2.5A High Efficiency Synchronous Switching Regulator
General Description
The LM2655 is a current-mode controlled PWM step-down
switching regulator. It has the unique ability to operate in
synchronous or asynchronous mode. This gives the de-
signer flexibility to choose between the high efficiency of
synchronous operation, or the low solution cost of asynchro-
nous operation. Along with flexibility, the LM2655 offers high
power density with the small footprint of a TSSOP-16 pack-
age.
High efficiency (>90%) is obtained through the use of an
internal low ON-resistance (33m
Ω) MOSFET, and an exter-
nal N-Channel MOSFET. This feature, together with its low
quiescent current, makes the LM2655 an ideal fit in portable
applications.
Integrated in the LM2655 are all the power, control, and drive
functions for asynchronous operation. In addition, a low-side
driver output allows easy synchronous operation. The IC
uses patented current sensing circuitry that eliminates the
external current sensing resistor required by other current-
mode DC-DC converters. A programmable soft-start feature
limits start up current surges and provides a means of se-
quencing multiple power supplies.
Features
n
Ultra-high efficiency up to 96%
n
4V to 14V input voltage range
n
Internal high-side MOSFET with low R
DS(ON) = 0.033
n
300 kHz fixed frequency internal oscillator
n
Low-side drive for synchronous operation
n
Guaranteed less than 12 µA shutdown current
n
Patented current sensing for current mode control
n
Programmable soft-start
n
Input undervoltage lockout
n
Output overvoltage shutdown protection
n
Output undervoltage shutdown protection
n
Thermal Shutdown
n
16-pin TSSOP package
Applications
n
Hard disk drives
n
Internet appliances
n
TFT monitors
n
Computer peripherals
n
Battery powered devices
Typical Application
10128429
April 2005
© 2005 National Semiconductor Corporation
DS101284
www.national.com


Số phần tương tự - LM2655_05

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM2655MTC-3.3/NOPB TI-LM2655MTC-3.3/NOPB Datasheet
757Kb / 18P
[Old version datasheet]   2.5A High Efficiency Synchronous Switching Regulator
logo
National Semiconductor ...
LM2655MTC-ADJ NSC-LM2655MTC-ADJ Datasheet
377Kb / 16P
   2.5A High Efficiency Synchronous Switching Regulator
logo
Texas Instruments
LM2655MTC-ADJ/NOPB TI-LM2655MTC-ADJ/NOPB Datasheet
757Kb / 18P
[Old version datasheet]   2.5A High Efficiency Synchronous Switching Regulator
LM2655MTCX-3.3/NOPB TI-LM2655MTCX-3.3/NOPB Datasheet
757Kb / 18P
[Old version datasheet]   2.5A High Efficiency Synchronous Switching Regulator
LM2655MTCX-ADJ/NOPB TI-LM2655MTCX-ADJ/NOPB Datasheet
757Kb / 18P
[Old version datasheet]   2.5A High Efficiency Synchronous Switching Regulator
More results

Mô tả tương tự - LM2655_05

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM2655 NSC-LM2655 Datasheet
377Kb / 16P
   2.5A High Efficiency Synchronous Switching Regulator
logo
Texas Instruments
LM2655 TI-LM2655_15 Datasheet
757Kb / 18P
[Old version datasheet]   2.5A High Efficiency Synchronous Switching Regulator
logo
Fitipower Integrated Te...
FP6375 FITIPOWER-FP6375 Datasheet
1Mb / 13P
   High Efficiency 1MHz 2.5A Synchronous Step Down Regulator
logo
Texas Instruments
LM2651 TI1-LM2651_14 Datasheet
966Kb / 20P
[Old version datasheet]   1.5A High Efficiency Synchronous Switching Regulator
logo
National Semiconductor ...
LM2653 NSC-LM2653 Datasheet
243Kb / 13P
   1.5A High Efficiency Synchronous Switching Regulator
LM2653 NSC-LM2653_05 Datasheet
663Kb / 12P
   1.5A High Efficiency Synchronous Switching Regulator
LM2651 NSC-LM2651 Datasheet
222Kb / 10P
   1.5A High Efficiency Synchronous Switching Regulator
LM2651 NSC-LM2651_05 Datasheet
630Kb / 11P
   1.5A High Efficiency Synchronous Switching Regulator
logo
Monolithic Power System...
MP2120 MPS-MP2120 Datasheet
367Kb / 11P
   2.5A, 5.5V Synchronous Step-Down Switching Regulator
logo
ACE Technology Co., LTD...
ACE713C ACE-ACE713C Datasheet
414Kb / 4P
   High Efficiency 1.25MHz, 2.5A Boost Regulator
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com