công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM2619 bảng dữ liệu(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LM2619
Giải thích chi tiết về linh kiện  500mA Sub-Miniature Step-Down DC-DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2619 bảng dữ liệu(HTML) 10 Page - National Semiconductor (TI)

Back Button LM2619_03 Datasheet HTML 6Page - National Semiconductor (TI) LM2619_03 Datasheet HTML 7Page - National Semiconductor (TI) LM2619_03 Datasheet HTML 8Page - National Semiconductor (TI) LM2619_03 Datasheet HTML 9Page - National Semiconductor (TI) LM2619_03 Datasheet HTML 10Page - National Semiconductor (TI) LM2619_03 Datasheet HTML 11Page - National Semiconductor (TI) LM2619_03 Datasheet HTML 12Page - National Semiconductor (TI) LM2619_03 Datasheet HTML 13Page - National Semiconductor (TI) LM2619_03 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Device Information (Continued)
PFM OPERATION
Connecting the SYNC/MODE to SGND sets the LM2619 to
hysteretic PFM operation. While in PFM (Pulse Frequency
Modulation) mode, the output voltage is regulated by switch-
ing with a discrete energy per cycle and then modulating the
cycle rate, or frequency, to control power to the load. This is
done by using an error comparator to sense the output
voltage. The device waits as the load discharges the output
filter capacitor, until the output voltage drops below the lower
threshold of the PFM error-comparator. Then the device
initiates a cycle by turning on the PFET switch. This allows
current to flow from the input, through the inductor to the
output, charging the output filter capacitor. The PFET is
turned off when the output voltage rises above the regulation
threshold of the PFM error comparator. Thus, the output
voltage ripple in PFM mode is proportional to the hysteresis
of the error comparator.
In PFM mode, the device only switches as needed to service
the load. This lowers current consumption by reducing power
consumed during the switching action in the circuit, due to
transition losses in the internal MOSFETs, gate drive cur-
rents, eddy current losses in the inductor, etc. It also im-
proves light-load voltage regulation. During the second half
of the cycle, the intrinsic body diode of the NFET synchro-
nous rectifier conducts until the inductor current ramps to
zero.
OPERATING MODE SELECTION
The LM2619 is designed for digital control of the operating
modes by the system controller. This prevents the spurious
switch over from low-noise PWM mode between transmis-
sion intervals in mobile phone applications that can occur in
other products.
The SYNC/MODE digital input pin is used to select the
operating mode. Setting SYNC/MODE high (above 1.3V)
selects 600kHz current-mode PWM operation. PWM mode
is optimized for low-noise, high-power operation for use
when the load is active. Setting SYNC/MODE low (below
0.4V) selects hysteretic voltage-mode PFM operation. PFM
mode is optimized for reducing power consumption and
extending battery life when the load is in a low-power
standby mode. In PFM mode, quiescent current into the V
DD
pin is 160µA typ. In contrast, PWM mode V
DD-pin quiescent
current is 600µA typ.
PWM operation is intended for use with loads of 50mA or
more, when low noise operation is desired. Below 100mA,
PFM operation can be used to allow precise regulation, and
reduced current consumption. The LM2619 has an over-
voltage feature that prevents the output voltage from rising
too high, when the device is left in PWM mode under low-
load conditions. See Overvoltage Protection, for more infor-
mation.
Switch modes with the SYNC/MODE pin, using a signal with
a slew rate faster than 5V/100µs. Use a comparator, Schmitt
trigger or logic gate to drive the SYNC/MODE pin. Do not
leave the pin floating or allow it to linger between thresholds.
These measures will prevent output voltage errors in re-
sponse to an indeterminate logic state. The LM2619
switches on each rising edge of SYNC. Ensure a minimum
load to keep the output voltage in regulation when switching
modes frequently.
FREQUENCY SYNCHRONIZATION
The SYNC/MODE input can also be used for frequency
synchronization. During synchronization, the LM2619 ini-
tiates cycles on the rising edge of the clock. When synchro-
nized to an external clock, it operates in PWM mode. The
device can synchronize to a 50% duty-cycle clock over
frequencies from 500kHz to 1MHz. If a different duty cycle is
used other than 50% the range for acceptable duty cycles is
30% to 70%.
Use the following waveform and duty cycle guidelines when
applying an external clock to the SYNC/MODE pin. Clock
under/overshoot should be less than 100mV below GND or
above V
DD. When applying noisy clock signals, especially
sharp edged signals from a long cable during evaluation,
terminate the cable at its characteristic impedance and add
an RC filter to the SYNC pin, if necessary, to soften the slew
rate and over/undershoot. Note that sharp edged signals
from a pulse or function generator can develop under/
overshoot as high as 10V at the end of an improperly termi-
nated cable.
OVERVOLTAGE PROTECTION
The LM2619 has an over-voltage comparator that prevents
the output voltage from rising too high when the device is left
in PWM mode under low-load conditions. When the output
voltage rises by about 100mV (Figure 3) over its regulation
threshold, the OVP comparator inhibits PWM operation to
skip pulses until the output voltage returns to the regulation
threshold. When resistor dividers are used the OVP thresh-
old at the output will be the value of the threshold at the
feedback pin times the resistor divider ratio. In over voltage
protection, output voltage and ripple will increase.
SHUTDOWN MODE
Setting the EN digital input pin low (<0.4V) places the
LM2619 in a 0.02µA (typ) shutdown mode. During shutdown,
the PFET switch, NFET synchronous rectifier, reference,
control and bias circuitry of the LM2619 are turned off.
Setting EN high enables normal operation. While turning on,
soft start is activated.
EN should be set low to turn off the LM2619 during system
power-up and undervoltage conditions when the supply is
PFM Mode Switching Waveform
20057426
A: Inductor Current, 500mA/div
B: SW Pin, 2V/div
C: VOUT, 50mV/div, AC Coupled
FIGURE 7.
www.national.com
10


Số phần tương tự - LM2619_03

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM2619ATL NSC-LM2619ATL Datasheet
844Kb / 15P
   500mA Sub-Miniature Step-Down DC-DC Converter
logo
Texas Instruments
LM2619ATL/NOPB TI1-LM2619ATL/NOPB Datasheet
1Mb / 21P
[Old version datasheet]   500-mA Sub-Miniature Step-Down DC-DC Converter
logo
National Semiconductor ...
LM2619ATLX NSC-LM2619ATLX Datasheet
844Kb / 15P
   500mA Sub-Miniature Step-Down DC-DC Converter
LM2619MTC NSC-LM2619MTC Datasheet
799Kb / 16P
   500mA Step-Down DC-DC Converter
LM2619MTCX NSC-LM2619MTCX Datasheet
799Kb / 16P
   500mA Step-Down DC-DC Converter
More results

Mô tả tương tự - LM2619_03

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM2619 NSC-LM2619 Datasheet
844Kb / 15P
   500mA Sub-Miniature Step-Down DC-DC Converter
LM2619MTC NSC-LM2619MTC Datasheet
799Kb / 16P
   500mA Step-Down DC-DC Converter
logo
Advanced Analogic Techn...
AAT1130 ANALOGICTECH-AAT1130 Datasheet
3Mb / 19P
   2.5MHz 500mA Step-Down DC/DC Converter
logo
Texas Instruments
LM2619 TI1-LM2619_15 Datasheet
1Mb / 21P
[Old version datasheet]   500-mA Sub-Miniature Step-Down DC-DC Converter
logo
Linear Technology
LTC3542 LINER-LTC3542 Datasheet
212Kb / 16P
   500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
logo
HY-LINE Power Component...
P78A1R5 HY-LINE-P78A1R5 Datasheet
327Kb / 2P
   500mA DC-DC Step Down Converter P78A-Series
Rev: 4.08 f
logo
Linear Technology
LTC3542 LINER-LTC3542_15 Datasheet
222Kb / 16P
   500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
logo
Texas Instruments
LM3204 TI1-LM3204_16 Datasheet
950Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3200 TI1-LM3200 Datasheet
982Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3262 TI1-LM3262 Datasheet
2Mb / 41P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com