công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL28271 bảng dữ liệu(PDF) 2 Page - Intersil Corporation

tên linh kiện ISL28271
Giải thích chi tiết về linh kiện  Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28271 bảng dữ liệu(HTML) 2 Page - Intersil Corporation

  ISL28271_07 Datasheet HTML 1Page - Intersil Corporation ISL28271_07 Datasheet HTML 2Page - Intersil Corporation ISL28271_07 Datasheet HTML 3Page - Intersil Corporation ISL28271_07 Datasheet HTML 4Page - Intersil Corporation ISL28271_07 Datasheet HTML 5Page - Intersil Corporation ISL28271_07 Datasheet HTML 6Page - Intersil Corporation ISL28271_07 Datasheet HTML 7Page - Intersil Corporation ISL28271_07 Datasheet HTML 8Page - Intersil Corporation ISL28271_07 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
FN6390.2
August 17, 2007
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5V
Supply Turn-on Voltage Slew Rate . . . . . . . . . . . . . . . . . . . . . 1V/µs
Input Current (IN, FB) ISL28272 . . . . . . . . . . . . . . . . . . . . . . . . 5mA
Differential Input Voltage (IN, FB) ISL28272 . . . . . . . . . . . . . . . 0.5V
Input Current (IN, FB) ISL28271 . . . . . . . . . . . . . . . . . . . . . . . . 5mA
Differential Input (IN, FB) Voltage ISL28271 . . . . . . . . . . . . . . . 1.0V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . V- - 0.5V to V+ + 0.5V
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .300V
Thermal Resistance
θJA (°C/W)
16 Ld QSOP Package . . . . . . . . . . . . . . . . . . . . . . .
112
Output Short-Circuit Duration . . . . . . . . . . . . . . . . . . . . . . .Indefinite
Ambient Operating Temperature Range . . . . . . . . . -40°C to +125°C
Storage Temperature Range . . . . . . . . . . . . . . . . . . -65°C to +150°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . +125°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
V+ = +5V, V- = GND, VFB+ = 1/2V+, RL = Open, TA = +25°C, unless otherwise specified. Boldface limits apply
over the operating temperature range, -40°C to +125°C.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 1)
TYP
MAX
(Note 1)
UNIT
VOS
Input Offset Voltage
ISL28271
-600
-1200
±35
600
1200
µV
ISL28272
-500
-750
±
35
500
750
µV
TCVOS
Input Offset Voltage Temperature
Coefficient -40°C to +125°C
0.7
µV/°C
IOS
Input Offset Current between IN+ and
IN-, and between FB+ and FB-
See graphs for extended temperature range
-40°C to +85°C
-30
-80
±5
30
80
pA
IB
Input Bias Current (IN+, IN-, FB+, and
FB- terminals)
See graphs for extended temperature range
-40°C to +85°C
-30
-80
±10
30
80
pA
eN
Input Noise Voltage
ISL28271
f = 0.1Hz to 10Hz
10
µVP-P
ISL28272
6
µVP-P
Input Noise Voltage Density
ISL28271
fo = 1kHz
240
nV/
√Hz
ISL28272
78
nV/
√Hz
iN
Input Noise Current Density
ISL28271
fo = 1kHz
0.92
pA/
√Hz
ISL28272
0.2
pA/
√Hz
RIN
Input Resistance
1G
Ω
VIN
Input Voltage Range
V+ = 2.4V to 5.0V
0
V+
V
CMRR
Common Mode Rejection Ratio
ISL28271
VCM = 0V to 5V
80
70
100
dB
ISL28272
80
75
100
dB
PSRR
Power Supply Rejection Ratio
V+ = 2.4V to 5V
80
75
100
dB
EG
Gain Error
ISL28271
RL = 100kΩ to 2.5V
+0.081
%
ISL28272
-0.19
ISL28271, ISL28272


Số phần tương tự - ISL28271_07

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL28271FAZ INTERSIL-ISL28271FAZ Datasheet
680Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Renesas Technology Corp
ISL28271FAZ RENESAS-ISL28271FAZ Datasheet
978Kb / 14P
   Dual Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Intersil Corporation
ISL28271FAZ-T7 INTERSIL-ISL28271FAZ-T7 Datasheet
680Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Renesas Technology Corp
ISL28271INEVAL1Z RENESAS-ISL28271INEVAL1Z Datasheet
978Kb / 14P
   Dual Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifier
More results

Mô tả tương tự - ISL28271_07

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
ISL28271 RENESAS-ISL28271 Datasheet
978Kb / 14P
   Dual Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifier
logo
Intersil Corporation
ISL28271 INTERSIL-ISL28271 Datasheet
680Kb / 14P
   Dual Micropower, Single Supply, Rail-to- Rail Input and Output (RRIO) Instrumentation Amplifier
ISL28270 INTERSIL-ISL28270 Datasheet
729Kb / 18P
   Dual and Quad Channel Micropower Single Supply, Rail-to-Rail Input and Output RRIO Instrumentation Amplifiers
ISL28270_0708 INTERSIL-ISL28270_0708 Datasheet
627Kb / 18P
   Dual and Quad Channel Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifiers
logo
Renesas Technology Corp
ISL28270 RENESAS-ISL28270 Datasheet
1Mb / 18P
   Dual and Quad Channel Micropower, Single Supply, Rail-to-Rail Input and Output (RRIO) Instrumentation Amplifiers
October 21, 2009
logo
Analog Devices
AD627 AD-AD627 Datasheet
545Kb / 16P
   Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier
REV. A
AD627 AD-AD627_16 Datasheet
977Kb / 25P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
AD627 AD-AD627_15 Datasheet
1Mb / 25P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
Rev. E
AD627 AD-AD627_07 Datasheet
1Mb / 24P
   Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
REV. D
logo
Intersil Corporation
ISL28274 INTERSIL-ISL28274 Datasheet
767Kb / 18P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifier and Precision Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com