công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ISL28190 bảng dữ liệu(PDF) 9 Page - Intersil Corporation |
|
ISL28190 bảng dữ liệu(HTML) 9 Page - Intersil Corporation |
9 / 16 page 9 FN6247.7 March 17, 2008 FIGURE 25. CMRR vs TEMPERATURE, VCM = 3.8V, VS = ±2.5V FIGURE 26. PSRR vs TEMPERATURE ±1.5V TO ±2.5V FIGURE 27. POSITIVE VOUT vs TEMPERATURE RL = 1k, VS = ±2.5V FIGURE 28. NEGATIVE VOUT vs TEMPERATURE RL = 1k, VS = ±2.5V Typical Performance Curves (Continued) 70 80 90 100 110 120 130 140 -40 -20 0 204060 80 100 120 TEMPERATURE (°C) n = 50 MEDIAN MIN MAX 75 76 77 78 79 80 81 82 83 -40 -20 0 20 40 60 80 100 120 TEMPERATURE (°C) n = 50 MEDIAN MIN MAX 4.962 4.964 4.966 4.968 4.970 4.972 4.974 4.976 4.978 4.980 4.982 -40 -20 0 20 40 60 80 100 120 TEMPERATURE (°C) MAX MIN n = 50 MEDIAN 10 15 20 25 30 35 40 45 50 -40 -20 0 20406080 100 120 TEMPERATURE (°C) n = 50 MEDIAN MIN MAX Pin Descriptions ISL28190 (6 Ld SOT-23) ISL28190 (6 Ld μTDFN) ISL28290 (10 Ld MSOP) ISL28290 (10 Ld μTQFN) ISL28290 (8 Ld SOIC) PIN NAME FUNCTION EQUIVALENT CIRCUIT 42 2 (A) 8 (B) 1 (A) 7 (B) 2 (A) 6 (B) IN- IN-_A IN-_B Inverting input Circuit 1 33 3 (A) 7 (B) 2 (A) 6 (B) 3 (A) 5 (B) IN+ IN+_A IN+_B Non-inverting input (See Circuit 1) 2 4 4 3 4 V- Negative supply IN+ IN- V+ V- ISL28190, ISL28290 |
Số phần tương tự - ISL28190_08 |
|
Mô tả tương tự - ISL28190_08 |