công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCF52231 bảng dữ liệu(PDF) 11 Page - Freescale Semiconductor, Inc

tên linh kiện MCF52231
Giải thích chi tiết về linh kiện  ColdFire짰 Microcontroller
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF52231 bảng dữ liệu(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MCF52231 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF52231 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF52231 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCF52231 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCF52231 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCF52231 Datasheet HTML 12Page - Freescale Semiconductor, Inc MCF52231 Datasheet HTML 13Page - Freescale Semiconductor, Inc MCF52231 Datasheet HTML 14Page - Freescale Semiconductor, Inc MCF52231 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
MCF52235 Family Configurations
MCF52235 ColdFire® Microcontroller Data Sheet, Rev. 0
Preliminary
Freescale Semiconductor
11
16-state controller, an instruction register, and three test registers (a 1-bit bypass register, a 256-bit
boundary-scan register, and a 32-bit ID register). The boundary scan register links the device’s pins into
one shift register. Test logic, implemented using static logic design, is independent of the device system
logic.
The MCF52235 implementation can do the following:
Perform boundary-scan operations to test circuit board electrical continuity
Sample MCF52235 system pins during operation and transparently shift out the result in the
boundary scan register
Bypass the MCF52235 for a given circuit board test by effectively reducing the boundary-scan
register to a single bit
Disable the output drive to pins during circuit-board testing
Drive output pins to stable levels
1.2.5
On-Chip Memories
1.2.5.1
SRAM
The SRAM module provides a general-purpose 32-Kbyte memory block that the ColdFire core can access
in a single cycle. The location of the memory block can be set to any 32-Kbyte boundary within the
4-Gbyte address space. This memory is ideal for storing critical code or data structures and for use as the
system stack. Because the SRAM module is physically connected to the processor's high-speed local bus,
it can quickly service core-initiated accesses or memory-referencing commands from the debug module.
The SRAM module is also accessible by the DMA. The dual-ported nature of the SRAM makes it ideal
for implementing applications with double-buffer schemes, where the processor and a DMA device
operate in alternate regions of the SRAM to maximize system performance.
1.2.5.2
Flash
The ColdFire Flash Module (CFM) is a non-volatile memory (NVM) module that connects to the
processor’s high-speed local bus. The CFM is constructed with four banks of 32K x 16-bit Flash arrays to
generate 256 Kbytes of 32-bit Flash memory. These arrays serve as electrically erasable and
programmable, non-volatile program and data memory. The Flash memory is ideal for program and data
storage for single-chip applications, allowing for field reprogramming without requiring an external high
voltage source. The CFM interfaces to the ColdFire core through an optimized read-only memory
controller which supports address speculation and interleaved accesses from the 2-cycle Flash arrays for
improved performance. For operation at reduced core frequencies, the access time can be decreased (under
program control) to a single-cycle access. A backdoor mapping of the Flash memory is used for all
program, erase, and verify operations, as well as providing a read datapath for the DMA. Flash memory
may also be programmed via the EzPort, which is a serial Flash programming interface that allows the
Flash to be read, erased and programmed by an external controller in a format compatible with most SPI
bus Flash memory chips. This allows easy device programming via Automated Test Equipment or bulk
programming tools.


Số phần tương tự - MCF52231

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF52231 FREESCALE-MCF52231 Datasheet
1,001Kb / 54P
   ColdFire Microcontroller
logo
NXP Semiconductors
MCF52231 NXP-MCF52231 Datasheet
1Mb / 55P
   MCF52235 ColdFire Microcontroller Data Sheet
Rev. 10, 3/2011
logo
Freescale Semiconductor...
MCF52231CAF60 FREESCALE-MCF52231CAF60 Datasheet
1Mb / 54P
   MCF52235 ColdFire Microcontroller Data Sheet
logo
NXP Semiconductors
MCF52231CAF60 NXP-MCF52231CAF60 Datasheet
1Mb / 55P
   MCF52235 ColdFire Microcontroller Data Sheet
Rev. 10, 3/2011
logo
Freescale Semiconductor...
MCF52231CAL60 FREESCALE-MCF52231CAL60 Datasheet
1Mb / 54P
   MCF52235 ColdFire Microcontroller Data Sheet
More results

Mô tả tương tự - MCF52231

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF5282CVM66 FREESCALE-MCF5282CVM66 Datasheet
8Mb / 766P
   MCF5282 and MCF5216 ColdFire짰 Microcontroller User?셲 Manual
MCF5329 FREESCALE-MCF5329_08 Datasheet
1,008Kb / 50P
   ColdFire짰 Microprocessor
MCF5208EC FREESCALE-MCF5208EC Datasheet
523Kb / 46P
   ColdFire짰 Microprocessor
MCF52277 FREESCALE-MCF52277 Datasheet
1Mb / 46P
   ColdFire짰 Microprocessor
MCF547X FREESCALE-MCF547X_07 Datasheet
594Kb / 34P
   MCF547x ColdFire짰 Microprocessor
MCF5484CZP200 FREESCALE-MCF5484CZP200 Datasheet
608Kb / 34P
   MCF548x ColdFire짰 Microprocessor
logo
NXP Semiconductors
MCF5485EC NXP-MCF5485EC Datasheet
737Kb / 34P
   MCF548x ColdFire짰 Microprocessor
Rev. 4, 12/2007
logo
Freescale Semiconductor...
MCF548X FREESCALE-MCF548X_07 Datasheet
596Kb / 34P
   MCF548x ColdFire짰 Microprocessor
MCF5251 FREESCALE-MCF5251_08 Datasheet
679Kb / 34P
   ColdFire짰 Microprocessor
MCF5373 FREESCALE-MCF5373_08 Datasheet
1Mb / 44P
   ColdFire짰 Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com