công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCF52233 bảng dữ liệu(PDF) 9 Page - Freescale Semiconductor, Inc

tên linh kiện MCF52233
Giải thích chi tiết về linh kiện  ColdFire짰 Microcontroller
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF52233 bảng dữ liệu(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MCF52233 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF52233 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF52233 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF52233 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF52233 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCF52233 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCF52233 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCF52233 Datasheet HTML 12Page - Freescale Semiconductor, Inc MCF52233 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
MCF52235 Family Configurations
MCF52235 ColdFire® Microcontroller Data Sheet, Rev. 0
Preliminary
Freescale Semiconductor
9
DMA Controller
— Four fully programmable channels
— Dual-address transfer support with 8-, 16- and 32-bit data capability along with support for
16-byte (4 X 32-bit) burst transfers
— Source/destination address pointers that can increment or remain constant
— 24-bit byte transfer counter per channel
— Auto-alignment transfers supported for efficient block movement
— Bursting and cycle steal support
— support for channel-to-channel linking
— Software-programmable DMA channel selections in the UARTs (3) and 32-bit timers (4)
•Reset
— Separate reset in and reset out signals
— Seven sources of reset:
– Power-on reset (POR)
– External
– Software
– Watchdog
– Loss of clock
– Loss of lock
– Low-voltage detection (LVD)
— Status flag indication of source of last reset
Chip Integration Module (CIM)
— System configuration during reset
— Selects one of six clock modes
— Configures output pad drive strength
— Unique part identification number and part revision number
General Purpose I/O interface
— Up to 73 bits of general purpose I/O
— Bit manipulation supported via set/clear functions
— Unused peripheral pins may be used as extra GPIO
JTAG support for system level board testing
1.2.2
V2 Core Overview
The Version 2 ColdFire processor core is comprised of two separate pipelines that are decoupled by an
instruction buffer. The two-stage Instruction Fetch Pipeline (IFP) is responsible for instruction-address
generation and instruction fetch. The instruction buffer is a first-in-first-out (FIFO) buffer that holds


Số phần tương tự - MCF52233

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF52233 FREESCALE-MCF52233 Datasheet
1,001Kb / 54P
   ColdFire Microcontroller
logo
NXP Semiconductors
MCF52233 NXP-MCF52233 Datasheet
1Mb / 55P
   MCF52235 ColdFire Microcontroller Data Sheet
Rev. 10, 3/2011
logo
Freescale Semiconductor...
MCF52233CAF60 FREESCALE-MCF52233CAF60 Datasheet
1Mb / 54P
   MCF52235 ColdFire Microcontroller Data Sheet
logo
NXP Semiconductors
MCF52233CAF60 NXP-MCF52233CAF60 Datasheet
1Mb / 55P
   MCF52235 ColdFire Microcontroller Data Sheet
Rev. 10, 3/2011
logo
Freescale Semiconductor...
MCF52233CAL60 FREESCALE-MCF52233CAL60 Datasheet
1Mb / 54P
   MCF52235 ColdFire Microcontroller Data Sheet
More results

Mô tả tương tự - MCF52233

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF5282CVM66 FREESCALE-MCF5282CVM66 Datasheet
8Mb / 766P
   MCF5282 and MCF5216 ColdFire짰 Microcontroller User?셲 Manual
MCF5329 FREESCALE-MCF5329_08 Datasheet
1,008Kb / 50P
   ColdFire짰 Microprocessor
MCF5208EC FREESCALE-MCF5208EC Datasheet
523Kb / 46P
   ColdFire짰 Microprocessor
MCF52277 FREESCALE-MCF52277 Datasheet
1Mb / 46P
   ColdFire짰 Microprocessor
MCF547X FREESCALE-MCF547X_07 Datasheet
594Kb / 34P
   MCF547x ColdFire짰 Microprocessor
MCF5484CZP200 FREESCALE-MCF5484CZP200 Datasheet
608Kb / 34P
   MCF548x ColdFire짰 Microprocessor
logo
NXP Semiconductors
MCF5485EC NXP-MCF5485EC Datasheet
737Kb / 34P
   MCF548x ColdFire짰 Microprocessor
Rev. 4, 12/2007
logo
Freescale Semiconductor...
MCF548X FREESCALE-MCF548X_07 Datasheet
596Kb / 34P
   MCF548x ColdFire짰 Microprocessor
MCF5251 FREESCALE-MCF5251_08 Datasheet
679Kb / 34P
   ColdFire짰 Microprocessor
MCF5373 FREESCALE-MCF5373_08 Datasheet
1Mb / 44P
   ColdFire짰 Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com