công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL28166 bảng dữ liệu(PDF) 8 Page - Intersil Corporation

tên linh kiện ISL28166
Giải thích chi tiết về linh kiện  39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28166 bảng dữ liệu(HTML) 8 Page - Intersil Corporation

Back Button ISL28166 Datasheet HTML 4Page - Intersil Corporation ISL28166 Datasheet HTML 5Page - Intersil Corporation ISL28166 Datasheet HTML 6Page - Intersil Corporation ISL28166 Datasheet HTML 7Page - Intersil Corporation ISL28166 Datasheet HTML 8Page - Intersil Corporation ISL28166 Datasheet HTML 9Page - Intersil Corporation ISL28166 Datasheet HTML 10Page - Intersil Corporation ISL28166 Datasheet HTML 11Page - Intersil Corporation ISL28166 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
FN6155.3
March 20, 2008
FIGURE 29. CMRR vs TEMPERATURE V+ = ±2.5V, ±1.5V
FIGURE 30. PSRR vs TEMPERATURE ±1.2V TO ±2.5V
FIGURE 31. VOUT HIGH vs TEMP VS = ±2.5V, RL = 1k
FIGURE 32. VOUT HIGH VS = ±2.5V, RL = 100k
FIGURE 33. VOUT LOW VS = ±2.5V, RL = 1k
FIGURE 34. VOUT LOW VS = ±2.5V, RL = 100k
Typical Performance Curves (Continued)
90
95
100
105
110
115
120
125
130
135
-40
-20
0
20
40
60
80
100
120
n = 1000
MEDIAN
MAX
MIN
TEMPERATURE (°C)
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
n = 1000
MIN
MAX
85
90
95
100
105
110
115
120
125
130
MEDIAN
4.850
4.855
4.860
4.865
4.870
4.875
4.880
4.885
4.890
4.895
4.900
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
n = 1000
MEDIAN
MIN
MAX
4.9968
4.9970
4.9972
4.9974
4.9976
4.9978
4.9980
4.9982
4.9984
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
n = 1000
MEDIAN
MIN
MAX
4.9968
4.9970
4.9972
4.9974
4.9976
4.9978
4.9980
4.9982
4.9984
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
n = 1000
MAX
MIN
MEDIAN
2.5
3.0
3.5
4.0
4.5
5.0
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°
C)
n = 1000
MIN
MAX
MEDIAN
ISL28166, ISL28266


Số phần tương tự - ISL28166

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL28166 INTERSIL-ISL28166 Datasheet
793Kb / 12P
   39uA Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28166 INTERSIL-ISL28166 Datasheet
836Kb / 13P
   39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
logo
Renesas Technology Corp
ISL28166 RENESAS-ISL28166 Datasheet
965Kb / 11P
   39μA Micropower Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amp
January 16, 2014
ISL28166EVAL1Z RENESAS-ISL28166EVAL1Z Datasheet
965Kb / 11P
   39μA Micropower Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amp
January 16, 2014
logo
Intersil Corporation
ISL28166FHZ-T7 INTERSIL-ISL28166FHZ-T7 Datasheet
793Kb / 12P
   39uA Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
More results

Mô tả tương tự - ISL28166

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL28166_0808 INTERSIL-ISL28166_0808 Datasheet
836Kb / 13P
   39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28156 INTERSIL-ISL28156_08 Datasheet
820Kb / 13P
   39關A Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28166 INTERSIL-ISL28166 Datasheet
793Kb / 12P
   39uA Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28156 INTERSIL-ISL28156 Datasheet
822Kb / 14P
   39uA Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28168 INTERSIL-ISL28168 Datasheet
851Kb / 16P
   34關A Micro-power Single and Dual Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28158 INTERSIL-ISL28158 Datasheet
854Kb / 16P
   34關A Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28166 RENESAS-ISL28166 Datasheet
965Kb / 11P
   39μA Micropower Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amp
January 16, 2014
logo
Intersil Corporation
ISL28158 INTERSIL-ISL28158_08 Datasheet
870Kb / 17P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28158 RENESAS-ISL28158 Datasheet
1Mb / 19P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Intersil Corporation
ISL28138 INTERSIL-ISL28138 Datasheet
861Kb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com