công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL28138FHZ-T7A bảng dữ liệu(PDF) 11 Page - Intersil Corporation

tên linh kiện ISL28138FHZ-T7A
Giải thích chi tiết về linh kiện  4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28138FHZ-T7A bảng dữ liệu(HTML) 11 Page - Intersil Corporation

Back Button ISL28138FHZ-T7A Datasheet HTML 7Page - Intersil Corporation ISL28138FHZ-T7A Datasheet HTML 8Page - Intersil Corporation ISL28138FHZ-T7A Datasheet HTML 9Page - Intersil Corporation ISL28138FHZ-T7A Datasheet HTML 10Page - Intersil Corporation ISL28138FHZ-T7A Datasheet HTML 11Page - Intersil Corporation ISL28138FHZ-T7A Datasheet HTML 12Page - Intersil Corporation ISL28138FHZ-T7A Datasheet HTML 13Page - Intersil Corporation ISL28138FHZ-T7A Datasheet HTML 14Page - Intersil Corporation ISL28138FHZ-T7A Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
FN6336.2
February 19, 2008
Applications Information
Introduction
The ISL28138 and ISL28238 are single and dual channel
CMOS rail-to-rail input, output (RRIO) micropower precision
operational amplifiers. The parts are designed to operate
from single supply (2.4V to 5.5V) or dual supply (±1.2V to
±2.75V). The parts have an input common mode range that
extends 0.25V above the positive rail and 100mV below the
the negative supply rail. The output operation can swing
within about 3mV of the supply rails with a 100k
Ω load.
Rail-to-Rail Input
Many rail-to-rail input stages use two differential input pairs,
a long-tail PNP (or PFET) and an NPN (or NFET). Severe
penalties have to be paid for this circuit topology. As the
input signal moves from one supply rail to another, the
operational amplifier switches from one input pair to the
other causing drastic changes in input offset voltage and an
undesired change in magnitude and polarity of input offset
current.
The ISL28138 and ISL28238 achieve input rail-to-rail
operation without sacrificing important precision
specifications and degrading distortion performance. The
devices’ input offset voltage exhibits a smooth behavior
throughout the entire common-mode input range. The input
bias current versus the common-mode voltage range gives
us an undistorted behavior from typically 100mV below the
negative rail and 0.25V higher than the V+ rail.
Pin Descriptions
ISL28138
(6 Ld SOT-23)
ISL28138
(8 Ld SOIC)
ISL28238
(8 Ld SOIC)
(8 Ld MSOP)
PIN NAME
FUNCTION
EQUIVALENT CIRCUIT
1, 5
NC
Not connected
42
2 (A)
6 (B)
IN-
IN-_A
IN-_B
inverting input
Circuit 1
33
3 (A)
5 (B)
IN+
IN+_A
IN+_B
Non-inverting
input
(See circuit 1)
2
4
4
V-
Negative supply
Circuit 2
16
1 (A)
7 (B)
OUT
OUT_A
OUT_B
Output
Circuit 3
6
7
8
V+
Positive supply
(See circuit 2)
58
EN
Chip enable
Circuit 4
IN-
V+
V-
IN+
V+
V-
CAPACITIVELY
COUPLED
ESD CLAMP
V+
V-
OUT
V+
V-
EN
ISL28138, ISL28238


Số phần tương tự - ISL28138FHZ-T7A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
ISL28138FHZ-T7A RENESAS-ISL28138FHZ-T7A Datasheet
1Mb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
February 19, 2008
More results

Mô tả tương tự - ISL28138FHZ-T7A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
ISL28138 RENESAS-ISL28138 Datasheet
1Mb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
February 19, 2008
logo
Intersil Corporation
ISL28148 INTERSIL-ISL28148 Datasheet
881Kb / 18P
   4.5MHz, Single Dual and Quad Precision Rail-to-Rail Input-Output RRIO Op Amps with Very Low Input Bias Current
logo
Renesas Technology Corp
ISL28148 RENESAS-ISL28148 Datasheet
1Mb / 17P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output Op Amps with Very Low Input Bias Current
logo
Intersil Corporation
ISL28156 INTERSIL-ISL28156 Datasheet
822Kb / 14P
   39uA Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28158 INTERSIL-ISL28158_08 Datasheet
870Kb / 17P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28158 RENESAS-ISL28158 Datasheet
1Mb / 19P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Intersil Corporation
ISL28166 INTERSIL-ISL28166 Datasheet
793Kb / 12P
   39uA Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28156 INTERSIL-ISL28156_08 Datasheet
820Kb / 13P
   39關A Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28236FBZ INTERSIL-ISL28236FBZ Datasheet
694Kb / 15P
   5MHz, Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps
July 24, 2014
ISL28158 INTERSIL-ISL28158 Datasheet
854Kb / 16P
   34關A Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com