công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL28256FUZ-T7 bảng dữ liệu(PDF) 2 Page - Intersil Corporation

tên linh kiện ISL28256FUZ-T7
Giải thích chi tiết về linh kiện  39關A Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28256FUZ-T7 bảng dữ liệu(HTML) 2 Page - Intersil Corporation

  ISL28256FUZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL28256FUZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL28256FUZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL28256FUZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL28256FUZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL28256FUZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL28256FUZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL28256FUZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL28256FUZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
FN6154.4
February 11, 2008
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5V
Supply Turn On Voltage Slew Rate . . . . . . . . . . . . . . . . . . . . . 1V/µs
Differential Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.5V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . V- - 0.5V to V+ + 0.5V
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .300V
Thermal Resistance
θJA (°C/W)
6 Ld SOT-23 Package . . . . . . . . . . . . . . . . . . . . . . .
230
6 Ld SO Package . . . . . . . . . . . . . . . . . . . . . . . . . .
110
8 Ld MSOP Package . . . . . . . . . . . . . . . . . . . . . . . .
115
Output Short-Circuit Duration . . . . . . . . . . . . . . . . . . . . . . .Indefinite
Ambient Operating Temperature Range . . . . . . . . . -40°C to +125°C
Storage Temperature Range . . . . . . . . . . . . . . . . . . -65°C to +150°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . +125°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
V+ = 5V, V- = 0V,VCM = 2.5V, TA = +25°C unless otherwise specified.
Boldface limits apply over the operating temperature range, -40°C to +125°C. Temperature data
established by characterization.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 1)
TYP
MAX
(Note 1)
UNIT
VOS
Input Offset Voltage
8 Ld SOIC
-120
-200
-7
120
250
µV
6 Ld SOT-23
-400
-450
-7
400
450
µV
Input Offset Drive vs Temperature
1.5
µV/°C
IOS
Input Offset Current
-1.5
-5
0.34
1.2
2.5
nA
IB
Input Bias Current
-2
-3.5
1.14
5
5
nA
EN
Input Noise Voltage Density
FO = 1kHz
46
nV/
√Hz
IN
Input Noise Current Density
FO = 1kHz
0.14
pA/
√Hz
CMIR
Input Common-Mode Voltage Range
0
5
V
CMRR
Common-Mode Rejection Ratio
VCM = 0V to 5V
80
75
110
dB
PSRR
Power Supply Rejection Ratio
VS = 2.4V to 5V
90
75
104
dB
AVOL
Large Signal Voltage Gain
VO = 0.5V to 4.5V, RL = 100kΩ
200
175
412
V/mV
VO = 0.5V to 4.5V, RL = 1kΩ
35
30
70
V/mV
VOUT
Maximum Output Voltage Swing
Output low, RL = 100kΩ
36
8
mV
Output low, RL = 1kΩ
130
150
200
mV
Output high, RL = 100kΩ
4.992
4.99
4.985
V
Output high, RL = 1kΩ
4.85
4.8
4.88
V
SR
Slew Rate
0.05
V/µs
GBW
Gain Bandwidth Product
AV = 1
250
kHz
IS,ON
Supply Current, Enabled
29
18
39
47
56
µA
ΔV
OS
ΔT
----------------
ISL28156, ISL28256


Số phần tương tự - ISL28256FUZ-T7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL28256FUZ-T7 INTERSIL-ISL28256FUZ-T7 Datasheet
826Kb / 13P
   Low Input Bias Current Op Amps
More results

Mô tả tương tự - ISL28256FUZ-T7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
ISL28166_0808 INTERSIL-ISL28166_0808 Datasheet
836Kb / 13P
   39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28166 INTERSIL-ISL28166_08 Datasheet
824Kb / 13P
   39關A Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28156 INTERSIL-ISL28156 Datasheet
822Kb / 14P
   39uA Micropower Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28166 INTERSIL-ISL28166 Datasheet
793Kb / 12P
   39uA Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
ISL28158 INTERSIL-ISL28158 Datasheet
854Kb / 16P
   34關A Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28158 INTERSIL-ISL28158_08 Datasheet
870Kb / 17P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
logo
Renesas Technology Corp
ISL28158 RENESAS-ISL28158 Datasheet
1Mb / 19P
   Micro-power Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28156 RENESAS-ISL28156 Datasheet
1Mb / 13P
   39μA Micropower Precision Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amp
January 16, 2014
logo
Intersil Corporation
ISL28168 INTERSIL-ISL28168 Datasheet
851Kb / 16P
   34關A Micro-power Single and Dual Rail-to-Rail Input-Output (RRIO) Low Input Bias Current Op Amps
ISL28138 INTERSIL-ISL28138 Datasheet
861Kb / 16P
   4.5MHz, Single and Dual Precision Rail-to-Rail Input-Output (RRIO) Op Amps with Very Low Input Bias Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com