công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CA3240E bảng dữ liệu(PDF) 6 Page - Intersil Corporation

tên linh kiện CA3240E
Giải thích chi tiết về linh kiện  Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTERSIL [Intersil Corporation]
Trang chủ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CA3240E bảng dữ liệu(HTML) 6 Page - Intersil Corporation

Back Button CA3240E Datasheet HTML 2Page - Intersil Corporation CA3240E Datasheet HTML 3Page - Intersil Corporation CA3240E Datasheet HTML 4Page - Intersil Corporation CA3240E Datasheet HTML 5Page - Intersil Corporation CA3240E Datasheet HTML 6Page - Intersil Corporation CA3240E Datasheet HTML 7Page - Intersil Corporation CA3240E Datasheet HTML 8Page - Intersil Corporation CA3240E Datasheet HTML 9Page - Intersil Corporation CA3240E Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
FN1050.6
March 4, 2005
Application Information
Circuit Description
The schematic diagram details one amplifier section of the
CA3240. It consists of a differential amplifier stage using PMOS
transistors (Q9 and Q10) with gate-to-source protection against
static discharge damage provided by zener diodes D3, D4, and
D5. Constant current bias is applied to the differential amplifier
from transistors Q2 and Q5 connected as a constant current
source. This assures a high common-mode rejection ratio. The
output of the differential amplifier is coupled to the base of gain
stage transistor Q13 by means of an NPN current mirror that
supplies the required differential-to-single-ended conversion.
The gain stage transistor Q13 has a high impedance active
load (Q3 and Q4) to provide maximum open-loop gain. The
collector of Q13 directly drives the base of the compound
emitter-follower output stage. Pulldown for the output stage is
provided by two independent circuits: (1) constant-current-
connected transistors Q14 and Q15 and (2) dynamic current-
sink transistor Q16 and its associated circuitry. The level of
pulldown current is constant at about 1mA for Q15 and varies
from 0 to 18mA for Q16 depending on the magnitude of the
voltage between the output terminal and V+. The dynamic
current sink becomes active whenever the output terminal is
more negative than V+ by about 15V. When this condition
exists, transistors Q21 and Q16 are turned on causing Q16 to
sink current from the output terminal to V-. This current always
flows when the output is in the linear region, either from the
load resistor or from the emitter of Q18 if no load resistor is
present. The purpose of this dynamic sink is to permit the
output to go within 0.2V (VCE (sat)) of V- with a 2kΩ load to
ground. When the load is returned to V+, it may be necessary
to supplement the 1mA of current from Q15 in order to turn on
the dynamic current sink (Q16). This may be accomplished by
placing a resistor (Approx. 2k
Ω) between the output and V-.
Output Circuit Considerations
Figure 23 shows output current-sinking capabilities of the
CA3240 at various supply voltages. Output voltage swing to
the negative supply rail permits this device to operate both
power transistors and thyristors directly without the need for
level-shifting circuitry usually associated with the 741 series
of operational amplifiers.
Figure 3 shows some typical configurations. Note that a series
resistor, RL, is used in both cases to limit the drive available to
the driven device. Moreover, it is recommended that a series
diode and shunt diode be used at the thyristor input to prevent
large negative transient surges that can appear at the gate of
thyristors, from damaging the integrated circuit.
Input Circuit Considerations
As indicated by the typical VICR, this device will accept
inputs as low as 0.5V below V-. However, a series current-
limiting resistor is recommended to limit the maximum input
terminal current to less than 1mA to prevent damage to the
input protection circuitry.
Moreover, some current-limiting resistance should be
provided between the inverting input and the output when
the CA3240 is used as a unity-gain voltage follower. This
resistance prevents the possibility of extremely large input-
signal transients from forcing a signal through the input-
protection network and directly driving the internal constant-
current source which could result in positive feedback via the
output terminal. A 3.9k
Ω resistor is sufficient.
The typical input current is on the order of 10pA when the
inputs are centered at nominal device dissipation. As the
output supplies load current, device dissipation will increase,
raising the chip temperature and resulting in increased input
current. Figure 4 shows typical input-terminal current versus
ambient temperature for the CA3240.
CA3240
RS
RL
MT1
MT2
120VAC
LOAD
30V NO LOAD
CA3240
LOAD
RL
V+
+HV
FIGURE 3. METHODS OF UTILIZING THE VCE (SAT) SINKING
CURRENT CAPABILITY OF THE CA3240 SERIES
CA3240, CA3240A


Số phần tương tự - CA3240E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Intersil Corporation
CA3240E INTERSIL-CA3240E Datasheet
609Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
August 2001
logo
Renesas Technology Corp
CA3240E RENESAS-CA3240E Datasheet
868Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
List of Unclassifed Man...
CA3240E ETC2-CA3240E Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Renesas Technology Corp
CA3240EZ RENESAS-CA3240EZ Datasheet
868Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
More results

Mô tả tương tự - CA3240E

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
CA3240 RENESAS-CA3240 Datasheet
868Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
CA3140 RENESAS-CA3140 Datasheet
1Mb / 24P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
Intersil Corporation
CA3240 INTERSIL-CA3240 Datasheet
609Kb / 15P
   Dual, 4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
August 2001
CA3140 INTERSIL-CA3140 Datasheet
1Mb / 19P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
September 1998
CA3140 INTERSIL-CA3140_05 Datasheet
1Mb / 23P
   4.5MHz, BiMOS Operational Amplifier with MOSFET Input/Bipolar Output
logo
NTE Electronics
NTE7141 NTE-NTE7141 Datasheet
34Kb / 4P
   Integrated Circuit Dual BIMOS Operational Amplifier w/MOSFET Input, Bipolar Output
logo
Harris Corporation
CA3410 HARRIS-CA3410 Datasheet
337Kb / 10P
   Quad BiMOS Operational Amplifiers With MOSFET Input, Bipolar Output
logo
NTE Electronics
NTE7144 NTE-NTE7144 Datasheet
31Kb / 4P
   Integrated Circuit BIMOS Operational Amplifier w/MOSFET Input, Bipolar Output
logo
Intersil Corporation
CA5470 INTERSIL-CA5470 Datasheet
57Kb / 5P
   Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
November 1996
CA5470 INTERSIL-CA5470_01 Datasheet
133Kb / 5P
   Quad, 14MHz, Microprocessor BiMOS-E Operational Amplifier with MOSFET Input/Bipolar Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com