công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM4040DIM3X-3.0 bảng dữ liệu(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LM4040DIM3X-3.0
Giải thích chi tiết về linh kiện  Precision Micropower Shunt Voltage Reference
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4040DIM3X-3.0 bảng dữ liệu(HTML) 1 Page - National Semiconductor (TI)

  LM4040DIM3X-3.0 Datasheet HTML 1Page - National Semiconductor (TI) LM4040DIM3X-3.0 Datasheet HTML 2Page - National Semiconductor (TI) LM4040DIM3X-3.0 Datasheet HTML 3Page - National Semiconductor (TI) LM4040DIM3X-3.0 Datasheet HTML 4Page - National Semiconductor (TI) LM4040DIM3X-3.0 Datasheet HTML 5Page - National Semiconductor (TI) LM4040DIM3X-3.0 Datasheet HTML 6Page - National Semiconductor (TI) LM4040DIM3X-3.0 Datasheet HTML 7Page - National Semiconductor (TI) LM4040DIM3X-3.0 Datasheet HTML 8Page - National Semiconductor (TI) LM4040DIM3X-3.0 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
LM4040
Precision Micropower Shunt Voltage Reference
General Description
Ideal for space critical applications, the LM4040 precision
voltage reference is available in the sub-miniature SC70 and
SOT-23 surface-mount package. The LM4040’s advanced
design eliminates the need for an external stabilizing capaci-
tor while ensuring stability with any capacitive load, thus
making the LM4040 easy to use. Further reducing design
effort is the availability of several fixed reverse breakdown
voltages: 2.048V, 2.500V, 3.000V, 4.096V, 5.000V, 8.192V,
and 10.000V. The minimum operating current increases from
60 µA for the LM4040-2.5 to 100 µA for the LM4040-10.0. All
versions have a maximum operating current of 15 mA.
The LM4040 utilizes fuse and zener-zap reverse breakdown
voltage trim during wafer sort to ensure that the prime parts
have an accuracy of better than ±0.1% (A grade) at 25˚C.
Bandgap reference temperature drift curvature correction
and low dynamic impedance ensure stable reverse break-
down voltage accuracy over a wide range of operating tem-
peratures and currents.
Also available is the LM4041 with two reverse breakdown
voltage versions: adjustable and 1.2V. Please see the
LM4041 data sheet.
Features
n
Small packages: SOT-23, TO-92 and SC70
n
No output capacitor required
n
Tolerates capacitive loads
n
Fixed reverse breakdown voltages of 2.048V,
2.500V,3.000V, 4.096V, 5.000V, 8.192V, and 10.000V
Key Specifications (LM4040-2.5)
j Output voltage tolerance
(A grade, 25˚C)
±0.1% (max)
j Low output noise
(10 Hz to 10 kHz)
35 µV
rms(typ)
j Wide operating current range
60 µA to 15 mA
j Industrial temperature range
−40˚C to +85˚C
j Extended temperature range
−40˚C to +125˚C
j Low temperature coefficient
100 ppm/˚C (max)
Applications
n
Portable, Battery-Powered Equipment
n
Data Acquisition Systems
n
Instrumentation
n
Process Control
n
Energy Management
n
Product Testing
n
Automotive
n
Precision Audio Components
Connection Diagrams
SOT-23
TO-92
SC70
01132301
*This pin must be left floating or connected to
pin 2.
Top View
See NS Package Number MF03A
(JEDEC Registration TO-236AB)
01132303
Bottom View
See NS Package Number Z03A
01132330
*This pin must be left floating or connected to pin
1.
Top View
See NS Package Number MAA05A
April 2005
© 2005 National Semiconductor Corporation
DS011323
www.national.com


Số phần tương tự - LM4040DIM3X-3.0

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM4040DIM3X-3.0 NSC-LM4040DIM3X-3.0 Datasheet
365Kb / 30P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040DIM3X-3.0/NOPB TI1-LM4040DIM3X-3.0/NOPB Datasheet
1Mb / 52P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040DIM3X-3.0/NOPB TI1-LM4040DIM3X-3.0/NOPB Datasheet
1Mb / 67P
[Old version datasheet]   LM4040-N/-Q1 Precision Micropower Shunt Voltage Reference
More results

Mô tả tương tự - LM4040DIM3X-3.0

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com