công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SS210A bảng dữ liệu(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

tên linh kiện SS210A
Giải thích chi tiết về linh kiện  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BILIN [Galaxy Semi-Conductor Holdings Limited]
Trang chủ  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

SS210A bảng dữ liệu(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  SS210A Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited SS210A Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Ratings at 25
oC ambient temperature unless otherwise specified
SS22A SS23A SS24A SS25A SS26A SS28A SS29A SS210A
Maximum repetitive peak reverse voltage
VRRM
40
50
60
80
90
100
V
Maximum RMS voltage
VRWS
28
35
42
56
63
70
V
Maximum DC blocking voltage
VDC
40
50
60
80
90
100
V
Maximum average forward rectified current at
TL=90
IF(AV)
A
Peak forward surge current 8.3ms single
half-sine-wave
IFSM
A
Maximum instantaneous forward voltage
at IFM=2.0A (NOTE1)
VF
V
Maximum DC reverse current
TJ=25
at rated DC blocking voltage TJ=125
Operating temperature range
TJ
oC
Storage temperature range
TSTG
oC
UNITS
-55 ---- +150
IR
NOTE: 1.Pulse test: Pulse width 300us,duty cycle 1 %
Maximum thermal resistance
oC/W
-55 ---- +125
14
REVERSE VOLTAGE:
20 - 100 V
FORWARD CURRENT:
2.0 A
SURFACE MOUNT SCHOTTKY
BARRIER RECTIFIERS
Low forward voltage
Schottky barrier rectifier
Guardring protection
20
21
0.50
0.4
0.03
m A
R JL
28
30
0.75
2.0
0.85
75
20
30
Case: SMA molded plastic body
1111
Polarity: Color band denotes cathode end
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Mounting position: ANY
(DO-214AC)SMA
Weight: 0.002 ounces, 0.064 gram
MECHANICAL DATA
Reverse energy tested
High current capability
Extremely low thermal resistance
GALAXY ELECTRICAL
BL
Document Number 0281010
1.
inch(mm)
www.galaxycn.com
10
5.0
BLGALAXYELECTRICAL
SS22A---SS210A


Số phần tương tự - SS210A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SEMTECH ELECTRONICS LTD...
SS210A SEMTECH_ELEC-SS210A Datasheet
205Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Diode Semiconductor Kor...
SS210A DSK-SS210A Datasheet
188Kb / 2P
   SURFACE MOUNT SCHOTTKY
logo
First Silicon Co., Ltd
SS210A FS-SS210A Datasheet
186Kb / 2P
   VOLTAGE 20V ~ 200V 2.0AMP Surface Mount Schottky Barrier Rectifiers
logo
Yangzhou yangjie electr...
SS210A YANGJIE-SS210A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
Galaxy Semi-Conductor H...
SS210A BILIN-SS210A Datasheet
219Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Mô tả tương tự - SS210A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
logo
Weitron Technology
B520B WEITRON-B520B_09 Datasheet
603Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 04-Aug-08
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com