công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD8010_2000 bảng dữ liệu(PDF) 11 Page - Analog Devices |
|
AD8010_2000 bảng dữ liệu(HTML) 11 Page - Analog Devices |
11 / 12 page AD8010 –11– REV. B Table I. –3 dB Bandwidth and Slew Rate vs. Closed-Loop Gain and Resistor Values Package: N-8 Closed-Loop –3 dB BW Slew Rate Gain RF ( )RG ( ) (MHz) (V/ s) +1 453 ∞ 285 900 +2 374 374 255 900 +5 348 86.6 200 800 +10 562 61.9 120 550 Package: R-16 Closed-Loop –3 dB BW Slew Rate Gain RF ( )RG ( ) (MHz) (V/ s) +1 412 ∞ 245 900 +2 392 392 220 900 +5 392 97.6 160 800 +10 604 66.5 95 550 Package: SO-8 Closed-Loop –3 dB BW Slew Rate Gain RF ( )RG ( ) (MHz) (V/ s) +1 392 ∞ 345 950 +2 374 374 305 1000 +5 348 86.6 220 1000 +10 499 54.9 135 650 1. VO = 0.2 V p-p for –3 dB Bandwidth. 2. VO = 2 V p-p for Slew Rate. 3. Bypassing per Figure 29. 150 50 RF RG VOUT 18.75 VIN Figure 32. Test Circuit for Table I Closed-Loop Gain and Bandwidth The AD8010 is a current feedback amplifier optimized for use in high performance video and data acquisition applications. Since it uses a current feedback architecture, its closed-loop –3 dB bandwidth is dependent on the magnitude of the feedback resistor. The desired closed-loop bandwidth and gain are obtained by varying the feedback resistor (RF) to set the bandwidth, and varying the gain resistor (RG) to set the desired gain. The char- acteristic curves and specifications for this data sheet reflect the performance of the AD8010 using the values of RF noted at the top of the specifications table. If a greater –3 dB bandwidth and/or slew rate is required (at the expense of video performance), Table I provides the recommended resistor values. Figure 32 shows the test circuit and conditions used to produce Table I. Effect of Feedback Resistor Tolerance on Gain Flatness Because of the relationship between the 3 dB bandwidth and the feedback resistor, the fine scale gain flatness will, to some extent, vary with feedback resistor tolerance. It is therefore recommended that resistors with a 1% tolerance be used if it is desired to main- tain flatness over a wide range of production lots. In addition, resistors of different construction have different associated para- sitic capacitance and inductance. Metal-film resistors were used for the bulk of the characterization for this data sheet. It is pos- sible that values other than those indicated will be optimal for other resistor types. Quality of Coaxial Cable Optimum flatness when driving a coax cable is possible only when the driven cable is terminated at each end with a resistor matching its characteristic impedance. If the coax was ideal, then the resulting flatness would not be affected by the length of the cable. While outstanding results can be achieved using inex- pensive cables, it should be noted that some variation in flatness due to varying cable lengths may be experienced. |
Số phần tương tự - AD8010_2000 |
|
Mô tả tương tự - AD8010_2000 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |