công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM2622 bảng dữ liệu(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LM2622
Giải thích chi tiết về linh kiện  600kHz/1.3MHz Step-up PWM DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2622 bảng dữ liệu(HTML) 1 Page - National Semiconductor (TI)

  LM2622_04 Datasheet HTML 1Page - National Semiconductor (TI) LM2622_04 Datasheet HTML 2Page - National Semiconductor (TI) LM2622_04 Datasheet HTML 3Page - National Semiconductor (TI) LM2622_04 Datasheet HTML 4Page - National Semiconductor (TI) LM2622_04 Datasheet HTML 5Page - National Semiconductor (TI) LM2622_04 Datasheet HTML 6Page - National Semiconductor (TI) LM2622_04 Datasheet HTML 7Page - National Semiconductor (TI) LM2622_04 Datasheet HTML 8Page - National Semiconductor (TI) LM2622_04 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LM2622
600kHz/1.3MHz Step-up PWM DC/DC Converter
General Description
The LM2622 is a step-up DC/DC converter with a 1.6A, 0.2
internal switch and pin selectable operating frequency. With
the ability to convert 3.3V to multiple outputs of 8V, -8V, and
23V, the LM2622 is an ideal part for biasing TFT displays.
The LM2622 can be operated at switching frequencies of
600kHz and 1.3MHz allowing for easy filtering and low noise.
An external compensation pin gives the user flexibility in
setting frequency compensation, which makes possible the
use of small, low ESR ceramic capacitors at the output. The
LM2622 is available in a low profile 8-lead MSOP package.
Features
n
1.6A, 0.2
Ω, internal switch
n
Operating voltage as low as 2.0V
n
600kHz/1.3MHz pin selectable frequency operation
n
Over temperature protection
n
8-Lead MSOP package
Applications
n
TFT Bias Supplies
n
Handheld Devices
n
Portable Applications
n
GSM/CDMA Phones
n
Digital Cameras
Typical Application Circuit
10127331
600 kHz Operation
May 2004
© 2004 National Semiconductor Corporation
DS101273
www.national.com


Số phần tương tự - LM2622_04

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM2622MM-ADJ NSC-LM2622MM-ADJ Datasheet
429Kb / 16P
   600kHz/1.3MHz Step-up PWM DC/DC Converter
logo
Texas Instruments
LM2622MM-ADJ/NOPB TI-LM2622MM-ADJ/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   LM2622 600kHz/1.3MHz Step-up PWM DC/DC Converter
logo
National Semiconductor ...
LM2622MMX-ADJ NSC-LM2622MMX-ADJ Datasheet
429Kb / 16P
   600kHz/1.3MHz Step-up PWM DC/DC Converter
logo
Texas Instruments
LM2622MMX-ADJ/NOPB TI-LM2622MMX-ADJ/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   LM2622 600kHz/1.3MHz Step-up PWM DC/DC Converter
LM2622 TI-LM2622_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM2622 600kHz/1.3MHz Step-up PWM DC/DC Converter
More results

Mô tả tương tự - LM2622_04

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM2622 NSC-LM2622 Datasheet
429Kb / 16P
   600kHz/1.3MHz Step-up PWM DC/DC Converter
logo
Texas Instruments
LM2622 TI-LM2622_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM2622 600kHz/1.3MHz Step-up PWM DC/DC Converter
logo
National Semiconductor ...
LM2700 NSC-LM2700 Datasheet
478Kb / 17P
   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
Texas Instruments
LM2700Q TI1-LM2700Q Datasheet
370Kb / 19P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700Q TI1-LM2700Q_15 Datasheet
1Mb / 25P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
LM2700 TI1-LM2700_14 Datasheet
1Mb / 25P
[Old version datasheet]   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
National Semiconductor ...
LM2700 NSC-LM2700_04 Datasheet
512Kb / 17P
   600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
Texas Instruments
LM2700Q-Q1 TI-LM2700Q-Q1_15 Datasheet
1Mb / 25P
[Old version datasheet]   LM2700Q 600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
logo
ELM Technology Corporat...
ELM92 ELM-TECH-ELM92 Datasheet
1Mb / 14P
   600kHz High output current PWM step-up DC/DC converter
logo
Texas Instruments
LM2700 TI-LM2700_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM2700 600kHz/1.25MHz, 2.5A, Step-up PWM DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com