công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM12454 bảng dữ liệu(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LM12454
Giải thích chi tiết về linh kiện  12-Bit Sign Data Acquisition System with Self-Calibration
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM12454 bảng dữ liệu(HTML) 22 Page - National Semiconductor (TI)

Back Button LM12454_06 Datasheet HTML 18Page - National Semiconductor (TI) LM12454_06 Datasheet HTML 19Page - National Semiconductor (TI) LM12454_06 Datasheet HTML 20Page - National Semiconductor (TI) LM12454_06 Datasheet HTML 21Page - National Semiconductor (TI) LM12454_06 Datasheet HTML 22Page - National Semiconductor (TI) LM12454_06 Datasheet HTML 23Page - National Semiconductor (TI) LM12454_06 Datasheet HTML 24Page - National Semiconductor (TI) LM12454_06 Datasheet HTML 25Page - National Semiconductor (TI) LM12454_06 Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
Pin Descriptions
V
A+VD+ Analog
and digital supply voltage pins. The
LM12(H)454/8’s supply voltage operating range is
+3.0V to +5.5V. Accuracy is guaranteed only if
V
A+ and VD+ are connected to the same power
supply. Each pin should have a parallel combina-
tion of 10 µF (electrolytic or tantalum) and 0.1 µF
(ceramic) bypass capacitors connected between it
and ground.
D0–D15 The internal data input/output TRI-STATE buffers
are connected to these pins. These buffers are
designed to drive capacitive loads of 100 pF or
less. External buffers are necessary for driving
higher load capacitances. These pins allows the
user a means of instruction input and data output.
With a logic high applied to the BW pin, data lines
D8–D15 are placed in a high impedance state and
data lines D0–D7 are used for instruction input
and data output when the LM12(H)454/8 is con-
nected to an 8-bit wide data bus. A logic low on
the BW pin allows the LM12(H)454/8 to exchange
information over a 16-bit wide data bus.
RD
Input for the active low READ bus control signal.
The data input/output TRI-STATE buffers, as se-
lected by the logic signal applied to the BW pin,
are enabled when RD and CS are both low. This
allows the LM12(H)454/8 to transmit information
onto the data bus.
WR
Input for the active low WRITE bus control signal.
The data input/output TRI-STATE buffers, as se-
lected by the logic signal applied to the BW pin,
are enabled when WR and CS are both low. This
allows the LM12(H)454/8 to receive information
from the data bus.
CS
Input for the active low Chip Select control signal.
A logic low should be applied to this pin only
during
a
READ
or
WRITE
access
to
the
LM12(H)454/8. The internal clocking is halted and
conversion stops while Chip Select is low. Conver-
sion resumes when the Chip Select input signal
returns high.
ALE
Address Latch Enable input. It is used in systems
containing a multiplexed data bus. When ALE is
asserted high, the LM12(H)454/8 accepts infor-
mation on the data bus as a valid address. A
high-to-low transition will latch the address data on
A0–A4 while the CS is low. Any changes on
A0–A4 and CS while ALE is low will not affect the
LM12(H)454/8. See Figure 10. When a non-
multiplexed bus is used, ALE is continuously as-
serted high. See Figure 11.
CLK
External clock input pin. The LM12(H)454/8 oper-
ates with an input clock frequency in the range of
0.05 MHz to 10.0 MHz.
A0–A4
The LM12(H)454/8’s address lines. They are used
to access all internal registers, Conversion FIFO,
and Instruction RAM.
SYNC
Synchronization input/output. When used as an
output, it is designed to drive capacitive loads of
100 pF or less. External buffers are necessary for
driving higher load capacitances. SYNC is an in-
put if the Configuration register’s “I/O Select” bit is
low. A rising edge on this pin causes the internal
S/H to hold the input signal. The next rising clock
edge either starts a conversion or makes a com-
parison to a programmable limit depending on
which function is requested by a programming
instruction. This pin will be an output if “I/O Se-
lect” is set high. The SYNC output goes high
when a conversion or a comparison is started and
low when completed. (See Section 2.2). An inter-
nal reset after power is first applied to the
LM12(H)454/8 automatically sets this pin as an
input.
BW
Bus Width input pin. This input allows the
LM12(H)454/8 to interface directly with either an
8- or 16-bit data bus. A logic high sets the width to
8 bits and places D8–D15 in a high impedance
state. A logic low sets the width to 16 bits.
INT
Active low interrupt output. This output is designed
to drive capacitive loads of 100 pF or less. Exter-
nal buffers are necessary for driving higher load
capacitances. An interrupt signal is generated any
time a non-masked interrupt condition takes place.
There are eight different conditions that can cause
an interrupt. Any interrupt is reset by reading the
Interrupt Status register. (See Section 2.3.)
DMARQ Active high Direct Memory Access Request out-
put. This output is designed to drive capacitive
loads of 100 pF or less. External buffers are nec-
essary for driving higher load capacitances. It
goes high whenever the number of conversion
results in the conversion FIFO equals a program-
mable value stored in the Interrupt Enable regis-
ter. It returns to a logic low when the FIFO is
empty.
GND
LM12(H)454/8 ground connection. It should be
connected to a low resistance and inductance
analog ground return that connects directly to the
system power supply ground.
IN0–IN7
(IN0–IN3
LM12H454
LM12454)
The eight (LM12(H)458) or four (LM12454)
analog inputs. A given channel is selected
through the instruction RAM. Any of the chan-
nels can be configured as an independent
single-ended input. Any pair of channels,
whether adjacent or non-adjacent, can operate
as a fully differential pair.
S/H IN+
S/H IN−
The LM12454’s non-inverting and inverting
inputs to the internal S/H.
MUXOUT+
MUXOUT−
The LM12454’s non-inverting and inverting
outputs from the internal multiplexer.
V
REF−
The
negative
reference
input.
The
LM12(H)454/8 operate with 0V
≤ V
REF−
V
REF+.
This pin should be bypassed to
ground with a parallel combination of 10 µF
and 0.1 µF (ceramic) capacitors.
V
REF+
The
positive
reference
input.
The
LM12(H)454/8 operate with 0V
≤ V
REF+
V
A+. This pin should be bypassed to ground
with a parallel combination of 10 µF and
0.1 µF (ceramic) capacitors.
V
REFOUT
The internal 2.5V bandgap’s output pin. This
pin should be bypassed to ground with a 100
µF capacitor.
www.national.com
22


Số phần tương tự - LM12454_06

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM12454CIV NSC-LM12454CIV Datasheet
991Kb / 43P
   12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12454 TI1-LM12454_14 Datasheet
1Mb / 45P
[Old version datasheet]   LM12454/LM12458/LM12H458 12-Bit Sign Data Acquisition System with Self-Calibration
More results

Mô tả tương tự - LM12454_06

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM12454 NSC-LM12454 Datasheet
991Kb / 43P
   12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12L458 TI1-LM12L458_16 Datasheet
803Kb / 38P
[Old version datasheet]   12-Bit Sign Data Acquisition System with Self-Calibration
logo
National Semiconductor ...
LM12L458 NSC-LM12L458 Datasheet
695Kb / 36P
   12-Bit Sign Data Acquisition System with Self-Calibration
LM12L458 NSC-LM12L458_06 Datasheet
884Kb / 29P
   12-Bit Sign Data Acquisition System with Self-Calibration
logo
Texas Instruments
LM12454 TI1-LM12454_14 Datasheet
1Mb / 45P
[Old version datasheet]   LM12454/LM12458/LM12H458 12-Bit Sign Data Acquisition System with Self-Calibration
LM12454 TI1-LM12454 Datasheet
1Mb / 43P
[Old version datasheet]   12-Bit Sign Data Acquisition System
logo
National Semiconductor ...
LM12434 NSC-LM12434 Datasheet
1Mb / 80P
   Sign Data Acquisition System with Serial I/O and Self-Calibration
logo
Micro Linear Corporatio...
ML2200 MICRO-LINEAR-ML2200 Datasheet
1Mb / 28P
   12-Bit Plus Sign Data Acquisition Peripheral
logo
Sipex Corporation
SP8121 SIPEX-SP8121 Datasheet
168Kb / 13P
   Monolithic, 12-Bit Data Acquisition System
SP8481 SIPEX-SP8481 Datasheet
208Kb / 12P
   Monolithic, 12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com