công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OP179GRT bảng dữ liệu(PDF) 7 Page - Analog Devices

tên linh kiện OP179GRT
Giải thích chi tiết về linh kiện  Rail-to-Rail High Output Current Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

OP179GRT bảng dữ liệu(HTML) 7 Page - Analog Devices

Back Button OP179GRT Datasheet HTML 3Page - Analog Devices OP179GRT Datasheet HTML 4Page - Analog Devices OP179GRT Datasheet HTML 5Page - Analog Devices OP179GRT Datasheet HTML 6Page - Analog Devices OP179GRT Datasheet HTML 7Page - Analog Devices OP179GRT Datasheet HTML 8Page - Analog Devices OP179GRT Datasheet HTML 9Page - Analog Devices OP179GRT Datasheet HTML 10Page - Analog Devices OP179GRT Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
OP179/OP279
–7–
REV. G
In order to achieve rail-to-rail output behavior, the OP179/OP279
design employs a complementary common-emitter (or gmRL)
output stage (Q15-Q16), as illustrated in Figure 2. These
amplifiers provide output current until they are forced into
saturation, which occurs at approximately 50 mV from either
supply rail. Thus, their saturation voltage is the limit on the
maximum output voltage swing in the OP179/OP279. The
output stage also exhibits voltage gain, by virtue of the use of
common-emitter amplifiers; and, as a result, the voltage gain of
the output stage (thus, the open-loop gain of the device) exhib-
its a strong dependence to the total load resistance at the output
of the OP179/OP279 as illustrated in TPC 7.
Q7
Q3
Q15
Q9
105
VPOS
VNEG
Q13
VOUT
Q4
Q16
I3
I4
Q11
Q12
Q5
Q10
I2
Q1
Q2
I1
Q8
Q6
105
Q14
150
Figure 2. OP179/OP279 Equivalent Output Circuit
Input Overvoltage Protection
As with any semiconductor device, whenever the condition
exists for the input to exceed either supply voltage, the device’s
input overvoltage characteristic must be considered. When an
overvoltage occurs, the amplifier could be damaged, depending
on the magnitude of the applied voltage and the magnitude of
the fault current. Figure 3 illustrates the input overvoltage char-
acteristic of the OP179/OP279. This graph was generated with
the power supplies at ground and a curve tracer connected to
the input. As can be seen, when the input voltage exceeds either
supply by more than 0.6 V, internal pn-junctions energize,
which allows current to flow from the input to the supplies. As
illustrated in the simplified equivalent input circuit (Figure 1),
the OP179/OP279 does not have any internal current limiting
resistors, so fault currents can quickly rise to damaging levels.
This input current is not inherently damaging to the device as
long as it is limited to 5 mA or less. For the OP179/OP279, once
the input voltage exceeds the supply by more than 0.6 V, the
input current quickly exceeds 5 mA. If this condition continues to
exist, an external series resistor should be added. The size of the
resistor is calculated by dividing the maximum overvoltage by
5 mA. For example, if the input voltage could reach 100 V, the
external resistor should be (100 V/5 mA) = 20 k
Ω. This resis-
tance should be placed in series with either or both inputs if they
are exposed to an overvoltage. Again, in order to ensure optimum
dc and ac performance, it is important to balance source imped-
ance levels. For more information on general overvoltage charac-
teristics of amplifiers refer to the 1993 Seminar Applications Guide,
available from the Analog Devices Literature Center.
5
–3
–5
–2.0
–4
1
–2
–1
2
3
4
2.0
1.0
0
–1.0
0
INPUT VOLTAGE – V
Figure 3. OP179/OP279 Input Overvoltage Characteristic
Output Phase Reversal
Some operational amplifiers designed for single-supply operation
exhibit an output voltage phase reversal when their inputs are
driven beyond their useful common-mode range. Typically for
single-supply bipolar op amps, the negative supply determines
the lower limit of their common-mode range. With these devices,
external clamping diodes, with the anode connected to ground
and the cathode to the inputs, input signal excursions are pre-
vented from exceeding the device’s negative supply (i.e., GND),
preventing a condition that could cause the output voltage to
change phase. JFET input amplifiers may also exhibit phase
reversal and, if so, a series input resistor is usually required to
prevent it.
The OP179/OP279 is free from reasonable input voltage range
restrictions provided that input voltages no greater than the
supply voltages are applied. Although the device’s output will
not change phase, large currents can flow through the input
protection diodes, shown in Figure 1. Therefore, the technique
recommended in the Input Overvoltage Protection section should
be applied in those applications where the likelihood of input
voltages exceeding the supply voltages is possible.
Capacitive Load Drive
The OP179/OP279 has excellent capacitive load driving capa-
bilities. It can drive up to 10 nF directly as the performance
graph titled Small Signal Overshoot vs. Load Capacitance
(TPC 18) shows. However, even though the device is stable, a
capacitive load does not come without a penalty in bandwidth.
As shown in Figure 4, the bandwidth is reduced to under 1 MHz
for loads greater than 3 nF. A “snubber” network on the output
will not increase the bandwidth, but it does significantly reduce
the amount of overshoot for a given capacitive load. A snubber
consists of a series R-C network (RS, CS), as shown in Figure 5,
connected from the output of the device to ground. This net-
work operates in parallel with the load capacitor, CL, to provide
phase lag compensation. The actual value of the resistor and
capacitor is best determined empirically.


Số phần tương tự - OP179GRT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
OP179GRT AD-OP179GRT Datasheet
228Kb / 16P
   Rail-to-Rail High Output Current Operational Amplifiers
REV. F
OP179GRT AD-OP179GRT Datasheet
254Kb / 16P
   Rail-to-Rail High Output Current Operational Amplifiers
REV. G
OP179GRT AD-OP179GRT Datasheet
239Kb / 16P
   Rail-to-Rail High Output Current Operational Amplifiers
REV. G
More results

Mô tả tương tự - OP179GRT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
OP179 AD-OP179 Datasheet
228Kb / 16P
   Rail-to-Rail High Output Current Operational Amplifiers
REV. F
OP279GSZ AD-OP279GSZ Datasheet
254Kb / 16P
   Rail-to-Rail High Output Current Operational Amplifiers
REV. G
OP279 AD-OP279_15 Datasheet
254Kb / 16P
   Rail-to-Rail High Output Current Operational Amplifiers
OP279GS-REEL7 AD-OP279GS-REEL7 Datasheet
239Kb / 16P
   Rail-to-Rail High Output Current Operational Amplifiers
REV. G
OP279GRU-REEL AD-OP279GRU-REEL Datasheet
254Kb / 16P
   Rail-to-Rail High Output Current Operational Amplifiers
REV. G
OP179 AD-OP179_15 Datasheet
254Kb / 16P
   Rail-to-Rail High Output Current Operational Amplifiers
logo
Unisonic Technologies
LV358 UTC-LV358_17 Datasheet
408Kb / 12P
   RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TS461 STMICROELECTRONICS-TS461_05 Datasheet
192Kb / 12P
   Output Rail-to-Rail Operational Amplifiers
logo
SG Micro Corp
SGM8931 SGMICRO-SGM8931 Datasheet
365Kb / 16P
   Rail-to-Rail Output Operational Amplifiers
logo
STMicroelectronics
TS464CDT STMICROELECTRONICS-TS464CDT Datasheet
280Kb / 13P
   Output rail-to-rail operational amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com