công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC12D040EVAL bảng dữ liệu(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện ADC12D040EVAL
Giải thích chi tiết về linh kiện  Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12D040EVAL bảng dữ liệu(HTML) 1 Page - National Semiconductor (TI)

  ADC12D040EVAL Datasheet HTML 1Page - National Semiconductor (TI) ADC12D040EVAL Datasheet HTML 2Page - National Semiconductor (TI) ADC12D040EVAL Datasheet HTML 3Page - National Semiconductor (TI) ADC12D040EVAL Datasheet HTML 4Page - National Semiconductor (TI) ADC12D040EVAL Datasheet HTML 5Page - National Semiconductor (TI) ADC12D040EVAL Datasheet HTML 6Page - National Semiconductor (TI) ADC12D040EVAL Datasheet HTML 7Page - National Semiconductor (TI) ADC12D040EVAL Datasheet HTML 8Page - National Semiconductor (TI) ADC12D040EVAL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
ADC12D040
Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with
Internal/External Reference
General Description
The ADC12D040 is a dual, low power monolithic CMOS
analog-to-digital converter capable of converting analog in-
put signals into 12-bit digital words at 40 Megasamples per
second (Msps), minimum. This converter uses a differential,
pipeline architecture with digital error correction and an on-
chip sample-and-hold circuit to minimize die size and power
consumption while providing excellent dynamic perfor-
mance. Operating on a single 5V power supply, the
ADC12D040 achieves 10.9 effective bits at 10 MHz input
and consumes just 600 mW at 40 Msps, including the refer-
ence current. The Power Down feature reduces power con-
sumption to 75 mW.
The differential inputs provide a full scale differential input
swing equal to 2V
REF with the possibility of a single-ended
input. Full use of the differential input is recommended for
optimum performance. The digital outputs for the two ADCs
are available on separate 12-bit buses with an output data
format choice of offset binary or 2’s complement.
For ease of interface, the digital output driver power pins of
the ADC12D040 can be connected to a separate supply
voltage in the range of 2.4V to the digital supply voltage,
making the outputs compatible with low voltage systems.
The ADC12D040’s speed, resolution and single supply op-
eration make it well suited for a variety of applications.
This device is available in the 64-lead TQFP package and
will operate over the industrial temperature range of −40˚C to
+85˚C. An evaluation board is available to facilitate the prod-
uct evaluation process
Features
n
Binary or 2’s complement output format
n
Single supply operation
n
Internal sample-and-hold
n
Outputs 2.4V to 5V compatible
n
Power down mode
n
Pin-compatible with ADC12DL066
n
Internal/External Reference
Key Specifications
n
SNR (f
IN = 10 MHz)
68 dB (typ)
n
ENOB (f
IN = 10 MHz)
10.9 bits (typ)
n
SFDR (f
IN = 10 MHz)
80 dB (typ)
n
Data Latency
6 Clock Cycles
n
Supply Voltage
+5V ±5%
n
Power Consumption, Operating
— Operating
600 mW (typ)
— Power Down Mode
75 mW (typ)
Applications
n
Ultrasound and Imaging
n
Instrumentation
n
Communications Receivers
n
Sonar/Radar
n
xDSL
n
Cable Modems
Connection Diagram
20046001
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
December 2005
© 2005 National Semiconductor Corporation
DS200460
www.national.com


Số phần tương tự - ADC12D040EVAL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
ADC12D040EVAL NSC-ADC12D040EVAL Datasheet
636Kb / 22P
   Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference and Sample-and-Hold
More results

Mô tả tương tự - ADC12D040EVAL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC12D040 TI1-ADC12D040_14 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
logo
National Semiconductor ...
ADC12D040 NSC-ADC12D040 Datasheet
636Kb / 22P
   Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference and Sample-and-Hold
ADC12040 NSC-ADC12040 Datasheet
519Kb / 20P
   12-Bit, 40 MSPS, 340 mW A/D Converter with Internal Sample-and-Hold
logo
Cadeka Microcircuits LL...
SPT7938 CADEKA-SPT7938 Datasheet
185Kb / 10P
   12-BIT, 40 MSPS, 170 mW A/D CONVERTER
logo
National Semiconductor ...
ADC10D040 NSC-ADC10D040 Datasheet
991Kb / 28P
   Dual 10-Bit, 40 MSPS, 267 mW A/D Converter
logo
Intersil Corporation
HI5767 INTERSIL-HI5767 Datasheet
133Kb / 13P
   10-Bit, 20/40/60 MSPS A/D Converter with Internal Voltage Reference
logo
National Semiconductor ...
ADC12L080 NSC-ADC12L080 Datasheet
1Mb / 23P
   12-Bit, 80 MSPS, 450 MHz Bandwidth A/D Converter with Internal Reference
logo
Texas Instruments
ADC12L080 TI1-ADC12L080_14 Datasheet
987Kb / 28P
[Old version datasheet]   12-Bit, 80 MSPS, 450 MHz Bandwidth A/D Converter with Internal Reference
logo
National Semiconductor ...
ADC12010 NSC-ADC12010 Datasheet
606Kb / 22P
   12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC12020 TI1-ADC12020 Datasheet
1Mb / 29P
[Old version datasheet]   12-Bit, 20 MSPS, 185 mW A/D Converter with Internal Sample-and-Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com