công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC12D040EVAL bảng dữ liệu(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện ADC12D040EVAL
Giải thích chi tiết về linh kiện  Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12D040EVAL bảng dữ liệu(HTML) 6 Page - National Semiconductor (TI)

Back Button ADC12D040EVAL Datasheet HTML 2Page - National Semiconductor (TI) ADC12D040EVAL Datasheet HTML 3Page - National Semiconductor (TI) ADC12D040EVAL Datasheet HTML 4Page - National Semiconductor (TI) ADC12D040EVAL Datasheet HTML 5Page - National Semiconductor (TI) ADC12D040EVAL Datasheet HTML 6Page - National Semiconductor (TI) ADC12D040EVAL Datasheet HTML 7Page - National Semiconductor (TI) ADC12D040EVAL Datasheet HTML 8Page - National Semiconductor (TI) ADC12D040EVAL Datasheet HTML 9Page - National Semiconductor (TI) ADC12D040EVAL Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Converter Electrical Characteristics (Continued)
Unless otherwise specified, the following specifications apply for AGND = DGND = DR GND = 0V, V
A VD +5V, VDR +3.0V, PD
= 0V, INT/EXT = V
D,VREF = +2.0V, OEA, OEB = 0V, fCLK = 40 MHz, tr =tf = 3 ns, CL = 20 pF/pin. Boldface limits apply for
T
J =TMIN to TMAX: all other limits TJ = 25˚C (Notes 7, 8, 9)
Symbol
Parameter
Conditions
Typical
(Note 10)
Limits
(Note 10)
Units
(Limits)
H3
Third Harmonic
f
IN = 1 MHz, VIN = −0.5 dBFS
−84
dB
f
IN = 10 MHz, VIN = −0.5 dBFS
−82
−69.5
dB (max)
SFDR
Spurious Free Dynamic Range
f
IN = 1 MHz, VIN = −0.5 dBFS
84
dB
f
IN = 10 MHz, VIN = −0.5 dBFS
80
69.5
dB (min)
IMD
Intermodulation Distortion
f
IN = 9.6 MHz and 10.2 MHz,
each = −6.0 dBFS
−80
dBFS
INTER-CHANNEL CHARACTERISTICS
Channel — Channel Offset Match
±0.02
%FS
Channel — Channel Gain Error
Match
±0.05
%FS
Crosstalk
10 MHz Tested Channel. 15 MHz
Other Channel
−80
dB
REFERENCE AND ANALOG INPUT CHARACTERISTICS
C
IN
V
IN Input Capacitance (each pin to
GND)
V
IN = 2.5 Vdc
+ 0.7 V
rms
(CLK LOW)
8
pF
(CLK HIGH)
7
pF
V
REF
Input Reference Voltage (Note 13)
2.00
1.0
V (min)
2.4
V (max)
R
REF
Reference Input Resistance
100
M
Ω (min)
V
IN
Analog Input Voltage Range
0
V (min)
4
V (max)
DC and Logic Electrical Characteristics
Unless otherwise specified, the following specifications apply for AGND = DGND = DR GND = 0V, V
A =VD = +5V, VDR =
+3.0V, PD = 0V, INT/EXT = V
D,VREF = +2.0V, OEA, OEB = 0V, fCLK = 40 MHz, tr =tf = 3 ns, CL = 20 pF/pin. Boldface limits
apply for T
J =TMIN to TMAX: all other limits TJ = 25˚C (Notes 7, 8, 9)
Symbol
Parameter
Conditions
Typical
(Note 10)
Limits
(Note 10)
Units
(Limits)
CLK, PD, OE DIGITAL INPUT CHARACTERISTICS
V
IN(1)
Logical “1” Input Voltage
V
D = 5.25V
2.0
V (min)
V
IN(0)
Logical “0” Input Voltage
V
D = 4.75V
1.0
V (max)
I
IN(1)
Logical “1” Input Current
V
IN = 5.0V
10
µA
I
IN(0)
Logical “0” Input Current
V
IN = 0V
−10
µA
C
IN
Digital Input Capacitance
5
pF
D0–D11 DIGITAL OUTPUT CHARACTERISTICS
V
OUT(1)
Logical “1” Output Voltage
I
OUT = −0.5 mA
V
DR = 2.5V
2.3
V (min)
V
DR =3V
2.7
V (min)
V
OUT(0)
Logical “0” Output Voltage
I
OUT = 1.6 mA, VDR =3V
0.4
V (max)
I
OZ
TRI-STATE Output Current
V
OUT = 2.5V or 5V
100
nA
V
OUT = 0V
−100
nA
+I
SC
Output Short Circuit Source
Current
V
OUT = 0V
−20
mA
−I
SC
Output Short Circuit Sink Current
V
OUT =VDR
20
mA
C
OUT
Digital Output Capacitance
5
pF
www.national.com
6


Số phần tương tự - ADC12D040EVAL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
ADC12D040EVAL NSC-ADC12D040EVAL Datasheet
636Kb / 22P
   Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference and Sample-and-Hold
More results

Mô tả tương tự - ADC12D040EVAL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC12D040 TI1-ADC12D040_14 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference
logo
National Semiconductor ...
ADC12D040 NSC-ADC12D040 Datasheet
636Kb / 22P
   Dual 12-Bit, 40 MSPS, 600 mW A/D Converter with Internal/External Reference and Sample-and-Hold
ADC12040 NSC-ADC12040 Datasheet
519Kb / 20P
   12-Bit, 40 MSPS, 340 mW A/D Converter with Internal Sample-and-Hold
logo
Cadeka Microcircuits LL...
SPT7938 CADEKA-SPT7938 Datasheet
185Kb / 10P
   12-BIT, 40 MSPS, 170 mW A/D CONVERTER
logo
National Semiconductor ...
ADC10D040 NSC-ADC10D040 Datasheet
991Kb / 28P
   Dual 10-Bit, 40 MSPS, 267 mW A/D Converter
logo
Intersil Corporation
HI5767 INTERSIL-HI5767 Datasheet
133Kb / 13P
   10-Bit, 20/40/60 MSPS A/D Converter with Internal Voltage Reference
logo
National Semiconductor ...
ADC12L080 NSC-ADC12L080 Datasheet
1Mb / 23P
   12-Bit, 80 MSPS, 450 MHz Bandwidth A/D Converter with Internal Reference
logo
Texas Instruments
ADC12L080 TI1-ADC12L080_14 Datasheet
987Kb / 28P
[Old version datasheet]   12-Bit, 80 MSPS, 450 MHz Bandwidth A/D Converter with Internal Reference
logo
National Semiconductor ...
ADC12010 NSC-ADC12010 Datasheet
606Kb / 22P
   12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC12020 TI1-ADC12020 Datasheet
1Mb / 29P
[Old version datasheet]   12-Bit, 20 MSPS, 185 mW A/D Converter with Internal Sample-and-Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com