công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM4931 bảng dữ liệu(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LM4931
Giải thích chi tiết về linh kiện  Audio Subsystem with Mono High Efficiency Loudsperker and Stereo Headphone Amplifiers
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4931 bảng dữ liệu(HTML) 10 Page - National Semiconductor (TI)

Back Button LM4931_06 Datasheet HTML 6Page - National Semiconductor (TI) LM4931_06 Datasheet HTML 7Page - National Semiconductor (TI) LM4931_06 Datasheet HTML 8Page - National Semiconductor (TI) LM4931_06 Datasheet HTML 9Page - National Semiconductor (TI) LM4931_06 Datasheet HTML 10Page - National Semiconductor (TI) LM4931_06 Datasheet HTML 11Page - National Semiconductor (TI) LM4931_06 Datasheet HTML 12Page - National Semiconductor (TI) LM4931_06 Datasheet HTML 13Page - National Semiconductor (TI) LM4931_06 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
Electrical Characteristics DV
DD = 3.3V, AVDD = 5V, RLHP =32Ω,RLHF =8Ω
(Notes 1, 2) (Continued)
The following specifications apply for the circuit shown in Figure 1, unless otherwise specified. Limits apply for T
A= 25˚C.
Symbol
Parameter
Conditions
LM4931
Units
(Limits)
Typical
(Note 6)
Limits
(Note 7)
X
TALK
Stereo Channel-to-Channel
Crosstalk
f
S = 48kHz
f
IN = 1kHz sinewave at –3dBFS
62
dB
∆A
CH-CH
Stereo Channel-to-Channel Gain
Mismatch
0.3
dB
e
N (Music)
Output Noise
A-Weighted filter
V
IN = digital zero (Note 10)
f
MCLK = 12.288MHz, PLL disabled
45
µV
f
MCLK = 12MHz, PLL active
70
µV
VCR
Volume Control Range
(Headphone Amplifier)
Minimum Gain
-46.5
dB
Maximum Gain
0
dB
SS
Volume Control Step Size
(Headphone Amplifier)
1.5
dB
Microphone Amplifier
V
BIAS
Mic Bias Voltage
2
V
GCR
Gain Control Range (Microphone
Amplifier)
Minimum Gain
6
dB
Maximum Gain
36
dB
SS
Gain Control Step Size
2
dB
Voice Codec (Typical numbers arew ith 1.024MHz voice clock and 8kHz sampling frequency
R
VDAC
Voice DAC Ripple
300Hz - 3.3kHz through headphone
output
+/-0.15
dB
R
VADC
Voice ADC Ripple
300Hz - 3.3kHz through headphone
output
+/-0.25
dB
PB
VDAC
Voice DAC Passband
–3dB Point
3.46
kHz
SBA
VDAC
Voice DAC Stopband Attenuation
Above 4kHz
72
dB
UPB
VADC
Upper Passband Cutoff Frequency Upper – 3dB Point
3.47
kHz
LPB
VADC
Lower Passband Cutoff Frequency Lower – 3dB Point
0.230
kHz
SBA
VADC
Voice ADC Stopband Attenuation
Above 4kHz
65
dB
SBA
NOTCH
Voice ADC Notch Attenuation
Centered on 55Hz, figure gives worst
case attenuation for 50Hz & 60Hz
58
dB
SNR (Voice)
Signal-to-Noise Ratio of Voice
Channel (Voice ADC path)
Signal = V
O at f = 1kHz and 1% THD+N,
MIC_P, MIC_N terminated to ground,
A-weighted, 36dB MIC Preamp gain
setting (Note 10)
f
MCLK = 12.288MHz, PLL disabled
83
dB
f
MCLK = 12MHz, PLL active
81
dB
STR
Side Tone Range
Minimum
–30
dB
Maximum
0
dB
SS
Side Tone Step Size
3
dB
Audio DAC (Typical numbers are with 6.144MHz audio clock and 48kHz sampling frequency)
R
DAC
Audio DAC Ripple
20Hz – 20kHz through headphone output
+/- 0.1
dB
PB
DAC
Audio DAC Passband width
–3dB point
22.7
kHz
SBA
DAC
Audio DAC Stop band Attenuation
Above 24kHz
76
dB
DR
DAC
Audio DAC Dynamic Range
DC – 20kHz
97
dB
SNR
DAC
Audio DAC SNR Digital Filter
Section
DC – 20kHz
97
dB
PLL
www.national.com
10


Số phần tương tự - LM4931_06

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM4931ITL/NOPB TI1-LM4931ITL/NOPB Datasheet
1Mb / 50P
[Old version datasheet]   Audio Power Amplifier Series Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
More results

Mô tả tương tự - LM4931_06

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM4931 NSC-LM4931 Datasheet
1Mb / 47P
   Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
LM4930 NSC-LM4930_04 Datasheet
994Kb / 35P
   Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4930 NSC-LM4930 Datasheet
966Kb / 33P
   Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
logo
Texas Instruments
LM4931 TI1-LM4931 Datasheet
1Mb / 50P
[Old version datasheet]   Audio Power Amplifier Series Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
LM4930 TI1-LM4930 Datasheet
1Mb / 40P
[Old version datasheet]   Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4930 TI1-LM4930_14 Datasheet
1Mb / 41P
[Old version datasheet]   Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
logo
National Semiconductor ...
LM49150 NSC-LM49150 Datasheet
782Kb / 28P
   Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
logo
Texas Instruments
LM49150 TI1-LM49150 Datasheet
1Mb / 31P
[Old version datasheet]   Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
LM49150 TI1-LM49150_14 Datasheet
1Mb / 31P
[Old version datasheet]   Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
LM4930 TI-LM4930_15 Datasheet
1Mb / 40P
[Old version datasheet]   LM4930 Boomer??Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com