công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM4766 bảng dữ liệu(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LM4766
Giải thích chi tiết về linh kiện  Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4766 bảng dữ liệu(HTML) 1 Page - National Semiconductor (TI)

  LM4766_06 Datasheet HTML 1Page - National Semiconductor (TI) LM4766_06 Datasheet HTML 2Page - National Semiconductor (TI) LM4766_06 Datasheet HTML 3Page - National Semiconductor (TI) LM4766_06 Datasheet HTML 4Page - National Semiconductor (TI) LM4766_06 Datasheet HTML 5Page - National Semiconductor (TI) LM4766_06 Datasheet HTML 6Page - National Semiconductor (TI) LM4766_06 Datasheet HTML 7Page - National Semiconductor (TI) LM4766_06 Datasheet HTML 8Page - National Semiconductor (TI) LM4766_06 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
LM4766 Overture
Audio Power Amplifier Series Dual 40W Audio Power
Amplifier with Mute
General Description
The LM4766 is a stereo audio amplifier capable of delivering
typically 40W per channel with the non-isolated "T" package
and 30W per channel with the isolated "TF" package of
continuous average output power into an 8
Ω load with less
than 0.1% (THD+N).
The performance of the LM4766, utilizing its Self Peak In-
stantaneous Temperature (˚Ke) (SPiKe) Protection Cir-
cuitry, places it in a class above discrete and hybrid amplifi-
ers by providing an inherently, dynamically protected Safe
Operating Area (SOA). SPiKe Protection means that these
parts are safeguarded at the output against overvoltage,
undervoltage, overloads, including thermal runaway and in-
stantaneous temperature peaks.
Each amplifier within the LM4766 has an independent
smooth transition fade-in/out mute that minimizes output
pops. The IC’s extremely low noise floor at 2µV and its
extremely low THD+N value of 0.06% at the rated power
make the LM4766 optimum for high-end stereo TVs or mini-
component systems.
Key Specifications
j THD+N at 1kHz at 2 x 30W continuous
average output power into 8
0.1% (max)
j THD+N at 1kHz at continuous average
output power of 2 x 30W into 8
0.009% (typ)
Features
n
SPiKe Protection
n
Minimal amount of external components necessary
n
Quiet fade-in/out mute mode
n
Non-Isolated 15-lead TO-220 package
n
Wide Supply Range 20V - 78V
Applications
n
High-end stereo TVs
n
Component stereo
n
Compact stereo
Connection Diagram
Plastic Package
10092802
Top View
Non-Isolated TO-220 Package
Order Number LM4766T
See NS Package Number TA15A
Isolated TO-220 Package
Order Number LM4766TF
See NS Package Number TF15B
SPiKeProtection and Overtureare trademarks of National Semiconductor Corporation.
March 2006
© 2006 National Semiconductor Corporation
DS100928
www.national.com


Số phần tương tự - LM4766_06

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM4766T NSC-LM4766T Datasheet
477Kb / 14P
   Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
logo
Texas Instruments
LM4766T/NOPB TI-LM4766T/NOPB Datasheet
955Kb / 23P
[Old version datasheet]    Overture Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
LM4766TF/NOPB TI-LM4766TF/NOPB Datasheet
955Kb / 23P
[Old version datasheet]    Overture Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
LM4766 TI-LM4766_15 Datasheet
955Kb / 23P
[Old version datasheet]    Overture Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
More results

Mô tả tương tự - LM4766_06

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM4766 NSC-LM4766 Datasheet
477Kb / 14P
   Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
logo
Texas Instruments
LM4766 TI-LM4766_15 Datasheet
955Kb / 23P
[Old version datasheet]    Overture Audio Power Amplifier Series Dual 40W Audio Power Amplifier with Mute
logo
National Semiconductor ...
LM2876 NSC-LM2876_00 Datasheet
658Kb / 22P
   Overture Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
LM2876 NSC-LM2876 Datasheet
565Kb / 19P
   Overture??Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier w/Mute
LM4765 NSC-LM4765 Datasheet
536Kb / 15P
   Audio Power Amplifier Series Dual 30W Audio Power Amplifier with Mute and Standby Modes
logo
Texas Instruments
LM4781 TI1-LM4781_14 Datasheet
1Mb / 31P
[Old version datasheet]   Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier with Mute
LM2876 TI1-LM2876 Datasheet
870Kb / 28P
[Old version datasheet]   Audio Power Amplifier Series High-Performance 40W Audio Power Amplifier
logo
National Semiconductor ...
LM1876 NSC-LM1876 Datasheet
593Kb / 16P
   Overture??Audio Power Amplifier Series Dual 20W Audio Power Amplifier with Mute and Standby Modes
LM4781 NSC-LM4781 Datasheet
1Mb / 25P
   Overture??Audio Power Amplifier Series 3 Channel 35W Audio Power Amplifier with Mute
LM4780 NSC-LM4780 Datasheet
1Mb / 24P
   Audio Power Amplifier Series Stereo 60W, Mono 120W Audio Power Amplifier with Mute
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com