công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC34671 bảng dữ liệu(PDF) 10 Page - Freescale Semiconductor, Inc

tên linh kiện MC34671
Giải thích chi tiết về linh kiện  High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34671 bảng dữ liệu(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC34671 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34671 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34671 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34671 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34671 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC34671 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC34671 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC34671 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC34671 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
34671
ELECTRICAL CHARACTERISTICS
ELECTRICAL PERFORMANCE CURVES
Figure 16. RDS(ON) vs Temperature
VBAT = 4.0V, ICHG=300mA, IBAT= 250mA
Figure 17. Recharge Voltage Threshold vs Temperature
RISET = 17.21kΩ, VIN = 5.0V
Figure 18. BAT Pin Supply Current vs Temperature
VBAT = 5.0V, VIN Not Powered or Charger Disabled
Figure 19. VIN Pin Supply Current vs Temperature
VIN = 5.0V
-40
-20
0
2040
6080
300
350
400
450
500
550
600
Temperature (
oC)
-40
-20
0
20
406080
3.90
3.95
4.00
4.05
4.10
4.15
4.20
Temperature (
oC)
-40
-20
0
204060
80
0.0
0.2
0.4
0.6
0.8
1.0
Temperature (
oC)
-40
-20
0
20
406080
0
250
500
750
1000
1250
1500
1750
2000
Charger Enabled
Temperature (
oC)
Charger Disabled


Số phần tương tự - MC34671

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MC34671 NXP-MC34671 Datasheet
831Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
Rev. 1.0, 01/2008
logo
Freescale Semiconductor...
MC34671AEP FREESCALE-MC34671AEP Datasheet
602Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
logo
NXP Semiconductors
MC34671AEP/R2 NXP-MC34671AEP/R2 Datasheet
831Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
Rev. 1.0, 01/2008
logo
Freescale Semiconductor...
MC34671AEPR2 FREESCALE-MC34671AEPR2 Datasheet
602Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
More results

Mô tả tương tự - MC34671

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
34671 NXP-34671 Datasheet
831Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
Rev. 1.0, 01/2008
logo
Freescale Semiconductor...
MC34671AEPR2 FREESCALE-MC34671AEPR2 Datasheet
602Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
MC34674 FREESCALE-MC34674_08 Datasheet
585Kb / 26P
   High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
MC34673 FREESCALE-MC34673 Datasheet
619Kb / 22P
   High Input Voltage 1.2A Charger for Single-cell Li-Ion Batteries
MC34674 FREESCALE-MC34674 Datasheet
1Mb / 26P
   High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
logo
Intersil Corporation
ISL6292BCR INTERSIL-ISL6292BCR Datasheet
293Kb / 12P
   Complete Charger for Single-Cell Li-ion Batteries
April 19, 2005
ISL9219IRZ INTERSIL-ISL9219IRZ Datasheet
226Kb / 12P
   Complete Charger for Single-Cell Li-ion/Polymer Batteries
April 7, 2010
ISL9220B INTERSIL-ISL9220B_10 Datasheet
463Kb / 15P
   Switching Charger for 1-Cell Li-ion Batteries
logo
Texas Instruments
BQ294602 TI1-BQ294602_16 Datasheet
917Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
BQ294602 TI-BQ294602 Datasheet
676Kb / 17P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com