công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC100ES6254FAR2 bảng dữ liệu(PDF) 8 Page - Integrated Device Technology |
|
MC100ES6254FAR2 bảng dữ liệu(HTML) 8 Page - Integrated Device Technology |
8 / 9 page MC100ES6254/D 8 TIMING SOLUTIONS OUTLINE DIMENSIONS CASE 873A-03 ISSUE B DATE 03/10/00 12 REF DIM MIN MAX MILLIMETERS A A1 7.00 BSC A2 0.80 BSC b 9.00 BSC b1 0.30 0.40 c 0.09 0.20 c1 0.09 0.16 D D1 e E E1 L L1 1.00 REF R1 0.08 0.20 R2 S 1 1.40 1.60 0.05 0.15 1.35 1.45 0.30 0.45 0.08 --- 0˚ 7˚ 9.00 BSC 7.00 BSC 0.50 0.70 q q 0.20 REF D1 D/2 E E1 1 8 9 17 25 32 D1/2 E1/2 E/2 4X D 7 A D B A-B 0.20 H D 4X A-B 0.20 C D 6 6 4 4 DETAIL G PIN 1 INDEX DETAIL AD R R2 θ˚ (S) L (L1) 0.25 GAUGE PLANE A2 A A1 ( θ1˚) 8X R R1 e SEATING PLANE DETAIL AD 0.1 C C 32X 28X H DETAIL G F F e/2 A, B, D 3 SECTION F-F BASE c1 c b b1 METAL A-B M 0.20 D C 5 8 PLATING NOTES: 1. DIMENSIONS ARE IN MILLIMETERS. 2. INTERPRET DIMENSIONS AND TOLERANCES PER ASME Y14.5M, 1994. 3. DATUMS A, B, AND D TO BE DETERMINED AT DATUM PLANE H. 4. DIMENSIONS D AND E TO BE DETERMINED AT SEATING PLANE C. 5. DIMENSION b DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL NOT CAUSE THE LEAD WIDTH TO EXCEED THE MAXIMUM b DIMENSION BY MORE THAN 0.08-mm. DAMBAR CANNOT BE LOCATED ON THE LOWER RADIUS OR THE FOOT. MINIMUM SPACE BETWEEN PROTRUSION AND ADJACENT LEAD OR PROTRUSION: 0.07-mm. 6. DIMENSIONS D1 AND E1 DO NOT INCLUDE MOLD PROTRUSION. ALLOWABLE PROTRUSION IS 0.25-mm PER SIDE. D1 AND E1 ARE MAXIMUM PLASTIC BODY SIZE DIMENSIONS INCLUDING MOLD MISMATCH. 7. EXACT SHAPE OF EACH CORNER IS OPTIONAL. 8. THESE DIMENSIONS APPLY TO THE FLAT SECTION OF THE LEAD BETWEEN 0.1-mm AND 0.25-mm FROM THE LEAD TIP. FA SUFFIX LQFP PACKAGE CASE 873A-02 ISSUE B Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com MC100ES6254 2.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer NETCOM IDT™ 2.5/3.3V Differential LVPECL 2x2 Clock Switch and Fanout Buffer Freescale Timing Solutions Organization has been acquired by Integrated Device Technology, Inc MC100ES6254 8 |
Số phần tương tự - MC100ES6254FAR2 |
|
Mô tả tương tự - MC100ES6254FAR2 |