công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S-1000C39-M5T1G bảng dữ liệu(PDF) 1 Page - Seiko Instruments Inc

tên linh kiện S-1000C39-M5T1G
Giải thích chi tiết về linh kiện  ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SII [Seiko Instruments Inc]
Trang chủ  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1000C39-M5T1G bảng dữ liệu(HTML) 1 Page - Seiko Instruments Inc

  S-1000C39-M5T1G Datasheet HTML 1Page - Seiko Instruments Inc S-1000C39-M5T1G Datasheet HTML 2Page - Seiko Instruments Inc S-1000C39-M5T1G Datasheet HTML 3Page - Seiko Instruments Inc S-1000C39-M5T1G Datasheet HTML 4Page - Seiko Instruments Inc S-1000C39-M5T1G Datasheet HTML 5Page - Seiko Instruments Inc S-1000C39-M5T1G Datasheet HTML 6Page - Seiko Instruments Inc S-1000C39-M5T1G Datasheet HTML 7Page - Seiko Instruments Inc S-1000C39-M5T1G Datasheet HTML 8Page - Seiko Instruments Inc S-1000C39-M5T1G Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
Rev.2.3_00
ULTRA-SMALL PACKAGE HIGH-PRECISION
VOLTAGE DETECTOR
S-1000 Series
Seiko Instruments Inc.
1
The S-1000 series is a series of high-precision voltage
detectors developed using CMOS process. The detection
voltage is fixed internally with an accuracy of
±1.0%. It
operates with low current consumption of 350 nA typ. Two
output forms, Nch open-drain and CMOS output, are
available. CMOS voltage detector, S-1000 Series is the most
suitable for the portable equipments with ultra low current
consumption, high precision and corresponding to the small
package.
Features
• Ultra-low current consumption
350 nA typ. (VDD
= detection voltage + 1.5 V)
• High-precision detection voltage
±1.0%
• Operating voltage range
0.95 to 5.5 V
• Hysteresis characteristics
5% typ.
• Detection voltage
1.5 to 4.6 V (0.1 V step)
• Output form
Nch open-drain output (Active “L”)
CMOS output (Active “L”)
• Lead-free products
Applications
• Power monitor for microcomputers and reset for CPUs.
• Power monitor for portable equipments such as cellular phones, digital still cameras and PDAs.
• Constant voltage power monitor for cameras, video equipments and communication devices.
Packages
Drawing code
Package name
Package
Tape
Reel
Land
SC-82AB
NP004-A
NP004-A
NP004-A
SOT-23-5
MP005-A
MP005-A
MP005-A
SNT-4A
PF004-A
PF004-A
PF004-A
PF004-A


Số phần tương tự - S-1000C39-M5T1G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ABLIC Inc.
S-1000C39-M5T1X ABLIC-S-1000C39-M5T1X Datasheet
580Kb / 38P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.3.1_02
More results

Mô tả tương tự - S-1000C39-M5T1G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ABLIC Inc.
S-1000 ABLIC-S-1000 Datasheet
580Kb / 38P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-80830C SII-S-80830C Datasheet
672Kb / 54P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S801 SII-S801 Datasheet
457Kb / 34P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
SHANGHAI BELLING CO., L...
BL8509B BELLING-BL8509B Datasheet
288Kb / 10P
   Ultra-small package High-precision Voltage Detector with delay
logo
AiT Semiconductor Inc.
A4806 AITSEMI-A4806 Datasheet
488Kb / 11P
   SUPERVISOR (RESET IC) ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
REV2.0
logo
Seiko Instruments Inc
S-80833CNMC SII-S-80833CNMC Datasheet
692Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-808XXC SII-S-808XXC Datasheet
702Kb / 58P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-80819CNMC-B8ET2G SII-S-80819CNMC-B8ET2G Datasheet
692Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
ABLIC Inc.
S-808XXC ABLIC-S-808XXC Datasheet
676Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
Rev.6.2_02
logo
Leshan Radio Company
LR8803 LRC-LR8803 Datasheet
453Kb / 10P
   Ultra-Small High-Precision Low Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com