công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S-1132B36-U5T1G bảng dữ liệu(PDF) 1 Page - Seiko Instruments Inc

tên linh kiện S-1132B36-U5T1G
Giải thích chi tiết về linh kiện  HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SII [Seiko Instruments Inc]
Trang chủ  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1132B36-U5T1G bảng dữ liệu(HTML) 1 Page - Seiko Instruments Inc

  S-1132B36-U5T1G Datasheet HTML 1Page - Seiko Instruments Inc S-1132B36-U5T1G Datasheet HTML 2Page - Seiko Instruments Inc S-1132B36-U5T1G Datasheet HTML 3Page - Seiko Instruments Inc S-1132B36-U5T1G Datasheet HTML 4Page - Seiko Instruments Inc S-1132B36-U5T1G Datasheet HTML 5Page - Seiko Instruments Inc S-1132B36-U5T1G Datasheet HTML 6Page - Seiko Instruments Inc S-1132B36-U5T1G Datasheet HTML 7Page - Seiko Instruments Inc S-1132B36-U5T1G Datasheet HTML 8Page - Seiko Instruments Inc S-1132B36-U5T1G Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
Rev.3.2_00
HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT
CMOS VOLTAGE REGULATOR
S-1132 Series
Seiko Instruments Inc.
1
The S-1132 Series is a positive voltage regulator with a low
dropout voltage, high output voltage accuracy, and low
current consumption (300 mA output current) developed
based on CMOS technology.
A 0.1
µF small ceramic capacitor can be used. It operates
with low current consumption of 20
µA typ.
A built-in Output current protector prevents the load current
from exceeding the current capacitance of the output
transistor.
Compared with the conventional 300 mA output current
CMOS voltage regulators, high-density mounting is realized
by using the super-small SNT-6A(H) package and a 0.1
µF
small ceramic capacitor.
Also, the low current consumption makes the S-1132 series
ideal for mobile devices.
Features
• Output voltage:
1.5 V to 5.5 V, selectable in 0.1 V steps.
• Low ESR capacitor can be used:
A ceramic capacitor of 0.1
µF or more can be used for the output capacitor.
• Wide input voltage range:
2.0 V to 6.5 V
• High-accuracy output voltage:
±1.0%
• Low dropout voltage:
130 mV typ. (3.0 V output product, IOUT
= 100 mA)
• Low current consumption:
During operation:
20
µA typ., 40 µA max.
During shutdown:
0.01
µA typ., 1.0 µA max.
• Output current:
300 mA output is possible (at VIN
≥ VOUT(S) + 1.0 V)
*1
• High ripple rejection:
70 dB typ. (at 1.0 kHz)
• Built-in overcurrent protector:
Overcurrent of output transistor can be restricted.
• Built-in ON/OFF circuit:
Ensures long battery life.
• Small package:
SOT-23-5, SOT-89-5, SNT-6A(H)
• Lead-free products
*1. Attention should be paid to the power dissipation of the package when the output current is large.
Applications
• Power supply for battery-powered devices
• Power supply for personal communication devices
• Power supply for home electric/electronic appliances
• Power supply for cellular phones
Packages
Drawing Code
Package Name
Package
Tape
Reel
Land
SOT-23-5
MP005-A
MP005-A
MP005-A
SOT-89-5
UP005-A
UP005-A
UP005-A
SNT-6A(H)
PI006-A
PI006-A
PI006-A
PI006-A


Số phần tương tự - S-1132B36-U5T1G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ABLIC Inc.
S-1132B36-U5T1X ABLIC-S-1132B36-U5T1X Datasheet
591Kb / 35P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.4.2_02
More results

Mô tả tương tự - S-1132B36-U5T1G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Seiko Instruments Inc
S-1135 SII-S-1135 Datasheet
2Mb / 48P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1131 SII-S-1131 Datasheet
451Kb / 29P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1133 SII-S-1133 Datasheet
645Kb / 37P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE-OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1133 ABLIC-S-1133 Datasheet
727Kb / 38P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE-OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-1132B33-U5T1G SII-S-1132B33-U5T1G Datasheet
549Kb / 35P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1132 ABLIC-S-1132 Datasheet
591Kb / 35P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.4.2_02
S-1131 ABLIC-S-1131 Datasheet
463Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.4.1_02
logo
Seiko Instruments Inc
S-1172 SII-S-1172 Datasheet
654Kb / 34P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
Unisonic Technologies
L1136 UTC-L1136_12 Datasheet
290Kb / 9P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
L1136 UTC-L1136 Datasheet
229Kb / 9P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com