công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S-1112B18MC-L6DTFG bảng dữ liệu(PDF) 1 Page - Seiko Instruments Inc |
|
S-1112B18MC-L6DTFG bảng dữ liệu(HTML) 1 Page - Seiko Instruments Inc |
1 / 30 page Rev.5.1_00 HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR S-1112/1122 Series Seiko Instruments Inc. 1 The S-1112/1122 Series is a positive voltage regulator with a low dropout voltage, high output voltage accuracy, and low current consumption developed based on CMOS technology. A built-in low on-resistance transistor provides a low dropout voltage and large output current, and a built- in overcurrent protector prevents the load current from exceeding the current capacitance of the output transistor. An ON/OFF circuit ensures a long battery life. Compared with the voltage regulators using the conventional CMOS process, a larger variety of capacitors are available, including small ceramic capacitors. Small SNT-6A(H) (S-1112 Series only) and SOT-23-5 packages realize high-density mounting. In SOT-23-5, the lineup includes the S- 1112 and S-1122 Series, which differ in pin configuration. Features • Output voltage: 1.5 V to 5.5 V, selectable in 0.1 V steps. • High-accuracy output voltage: ±1.0% • Low dropout voltage: 190 mV typ. (3.0 V output product, IOUT = 100 mA) • Low current consumption: During operation: 50 µA typ., 90 µA max. During shutdown: 0.1 µA typ., 1.0 µA max. • High peak current capability: 150 mA output is possible (at VIN ≥ VOUT(S) + 1.0 V) *1 • Built-in ON/OFF circuit: Ensures long battery life. • Low ESR capacitor can be used: A ceramic capacitor of 0.47 µF or more can be used for the output capacitor. • High ripple rejection: 80 dB typ. (at 1.0 kHz) • Built-in overcurrent protector: Overcurrent of output transistor can be restricted. • Small package: SNT-6A(H)(S-1112 series only), SOT-23-5 • Lead-free products *1. Attention should be paid to the power dissipation of the package when the output current is large. Applications • Power supply for battery-powered devices • Power supply for personal communication devices • Power supply for home electric/electronic appliances • Power supply for cellular phones Packages Drawing code Package name Package Tape Reel Land SNT-6A(H) PI006-A PI006-A PI006-A PI006-A SOT-23-5 MP005-A MP005-A MP005-A |
Số phần tương tự - S-1112B18MC-L6DTFG |
|
Mô tả tương tự - S-1112B18MC-L6DTFG |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |