công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S-1000N38-N4T1G bảng dữ liệu(PDF) 16 Page - Seiko Instruments Inc |
|
S-1000N38-N4T1G bảng dữ liệu(HTML) 16 Page - Seiko Instruments Inc |
16 / 38 page ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR S-1000 Series Rev.2.3_00 16 Seiko Instruments Inc. Detection voltage range Detection voltage VDD ( −VDET) Min. ( −VDET) Max. OUT Release voltage Release voltage range VDD ( +VDET) Min. ( +VDET) Max. OUT Figure 18 Detection voltage (CMOS output products) Figure 19 Release voltage (CMOS output products) 2. Hysteresis width (VHYS) The hysteresis width is the voltage difference between the detection voltage and the release voltage (The voltage at point B − The voltage at point A = VHYS in Figure 15). The existence of the hysteresis width prevents malfunction caused by noise on input signal. 3. Through-type current The through-type current refers to the current that flows instantaneously at the time of detection and release of a voltage detector. The through-type current is large in CMOS output products, small in Nch open-drain output products. 4. Oscillation In applications where a resistor is connected to the voltage detector input (Figure 20), taking a CMOS active “L” product for example, the through-type current which is generated when the output goes from “L” to “H” (release) causes a voltage drop equal to [through-type current] × [input resistance] across the resistor. When the input voltage drops below the detection voltage ( −VDET) as a result, the output voltage goes to low level. In this state, the through-type current stops and its resultant voltage drop disappears, and the output goes from “L” to “H”. The through-type current is then generated again, a voltage drop appears, and repeating the process finally induces oscillation. OUT VSS VDD RB RA VIN S-1000C Figure 20 An example for bad implementation of input voltage divider |
Số phần tương tự - S-1000N38-N4T1G |
|
Mô tả tương tự - S-1000N38-N4T1G |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |