công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S-1131B32UA-N4RTFG bảng dữ liệu(PDF) 6 Page - Seiko Instruments Inc |
|
S-1131B32UA-N4RTFG bảng dữ liệu(HTML) 6 Page - Seiko Instruments Inc |
6 / 29 page HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR S-1131 Series Rev.3.0_01 Seiko Instruments Inc. 6 Table 4 Pin No. Symbol Description 1 VOUT Output voltage pin 2 VSS GND pin 3 NC *1 No connection 4 NC *1 No connection 5 ON/OFF Shutdown pin 6 VIN Input voltage pin *1. The NC pin is electrically open. The NC pin can be connected to VIN or VSS. *1. Connect the exposed thermal die pad at shadowed area to the board, and set electric potential open or VSS. However, do not use it as the function of electrode. *2. Be careful of the contact with other wires because the pinch lead has the same electric potential as VSS. 6-Pin HSON(A) Top view 6 5 4 1 2 3 Bottom view *1 1 2 3 6 5 4 *2 Figure 5 Absolute Maximum Ratings Table 5 (Ta = 25°C unless otherwise specified) Item Symbol Absolute Maximum Rating Unit VIN VSS − 0.3 to VSS + 7 V Input voltage VON/OFF VSS − 0.3 to VIN + 0.3 V Output voltage VOUT VSS − 0.3 to VIN + 0.3 V SOT-89-3 500 mW SOT-89-5 500 mW Power dissipation 6-Pin HSON(A) PD 500 mW Operating ambient temperature Topr −40 to +85 °C Storage temperature Tstg −40 to +125 °C Caution The absolute maximum ratings are rated values exceeding which the product could suffer physical damage. These values must therefore not be exceeded under any conditions. |
Số phần tương tự - S-1131B32UA-N4RTFG |
|
Mô tả tương tự - S-1131B32UA-N4RTFG |