công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BUK7610-55AL bảng dữ liệu(PDF) 2 Page - NXP Semiconductors

tên linh kiện BUK7610-55AL
Giải thích chi tiết về linh kiện  N-channel TrenchMOS standard level FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7610-55AL bảng dữ liệu(HTML) 2 Page - NXP Semiconductors

  BUK7610-55AL Datasheet HTML 1Page - NXP Semiconductors BUK7610-55AL Datasheet HTML 2Page - NXP Semiconductors BUK7610-55AL Datasheet HTML 3Page - NXP Semiconductors BUK7610-55AL Datasheet HTML 4Page - NXP Semiconductors BUK7610-55AL Datasheet HTML 5Page - NXP Semiconductors BUK7610-55AL Datasheet HTML 6Page - NXP Semiconductors BUK7610-55AL Datasheet HTML 7Page - NXP Semiconductors BUK7610-55AL Datasheet HTML 8Page - NXP Semiconductors BUK7610-55AL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
BUK7610-55AL_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 9 January 2008
2 of 13
NXP Semiconductors
BUK7610-55AL
N-channel TrenchMOS standard level FET
2.
Pinning information
3.
Ordering information
4.
Limiting values
Table 2.
Pinning
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
G
gate
SOT404 (D2PAK)
2
D
drain
3
S
source
mb
D
mounting base;
connected to drain
mb
13
2
S
D
G
mbb076
Table 3.
Ordering information
Type number
Package
Name
Description
Version
BUK7610-55AL
D2PAK
plastic single-ended surface-mounted package (D2PAK); 3 leads (one lead
cropped)
SOT404
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
Tj ≥ 25 °C; Tj ≤ 175 °C-
55
V
VDGR
drain-gate voltage
RGS =20kΩ
-55
V
VGS
gate-source voltage
-20
20
V
ID
drain current
Tmb =25 °C; VGS = 10 V; see Figure 4 and 1
[1][2] -
122
A
Tmb =25 °C; VGS = 10 V; see Figure 4 and 1
[3] -75
A
Tmb = 100 °C; VGS = 10 V; see Figure 4
[3] -75
A
IDM
peak drain current
Tmb =25 °C; tp ≤ 10 μs; pulsed
-
490
A
Ptot
total power dissipation
Tmb =25 °C; see Figure 2
-
300
W
Tstg
storage temperature
-55
175
°C
Tj
junction temperature
-55
175
°C
Avalanche ruggedness
EDS(AL)S non-repetitive
drain-source avalanche
energy
ID =75A; Vsup ≤ 55 V; RGS =50 Ω;
VGS =10 V; Tj(init) =25 °C; unclamped
inductive load
-1.1
J
EDS(AL)R repetitive drain-source
avalanche energy
see Figure 3
[4][5]
[6]
--J
Source-drain diode
IS
source current
Tmb =25 °C
[1][2] -
122
A
Tmb =25 °C
[3] -75
A
ISM
peak source current
tp ≤ 10 μs; pulsed; Tmb =25 °C
-
490
A


Số phần tương tự - BUK7610-55AL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
BUK7610-55AL PHILIPS-BUK7610-55AL Datasheet
107Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 01-31 March 2005
BUK7610-55AL NXP-BUK7610-55AL Datasheet
203Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-9 January 2008
logo
Inchange Semiconductor ...
BUK7610-55AL ISC-BUK7610-55AL Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK7610-55AL NEXPERIA-BUK7610-55AL Datasheet
740Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02 - 9 January 2008
logo
NXP Semiconductors
BUK7610-55AL PHILIPS-BUK7610-55AL_15 Datasheet
203Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-9 January 2008
More results

Mô tả tương tự - BUK7610-55AL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
BUK7675-55A PHILIPS-BUK7675-55A_15 Datasheet
272Kb / 12P
   N-channel TrenchMOS standard level FETN-channel TrenchMOS standard level FET
25 August 2014
PHP34NQ11T PHILIPS-PHP34NQ11T Datasheet
91Kb / 12P
   N-channel TrenchMOS??standard level FET
Rev. 01-17 May 2004
BUK7C06-40AITE PHILIPS-BUK7C06-40AITE Datasheet
109Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 04-23 June 2005
PH20100S NXP-PH20100S Datasheet
183Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-2 February 2009
PHB29N08T NXP-PHB29N08T Datasheet
189Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-13 October 2009
PHB47NQ10T NXP-PHB47NQ10T Datasheet
205Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHB119NQ06T NXP-PHB119NQ06T Datasheet
191Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-15 April 2010
PHD20N06T NXP-PHD20N06T Datasheet
379Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 02-1 December 2009
PMZ350XN NXP-PMZ350XN Datasheet
91Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 01-21 February 2008
PHP23NQ11T NXP-PHP23NQ11T Datasheet
220Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHP3055E NXP-PHP3055E Datasheet
248Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 07-26 February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com