công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BUK7610-55AL bảng dữ liệu(PDF) 1 Page - NXP Semiconductors

tên linh kiện BUK7610-55AL
Giải thích chi tiết về linh kiện  N-channel TrenchMOS standard level FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK7610-55AL bảng dữ liệu(HTML) 1 Page - NXP Semiconductors

  BUK7610-55AL_08 Datasheet HTML 1Page - NXP Semiconductors BUK7610-55AL_08 Datasheet HTML 2Page - NXP Semiconductors BUK7610-55AL_08 Datasheet HTML 3Page - NXP Semiconductors BUK7610-55AL_08 Datasheet HTML 4Page - NXP Semiconductors BUK7610-55AL_08 Datasheet HTML 5Page - NXP Semiconductors BUK7610-55AL_08 Datasheet HTML 6Page - NXP Semiconductors BUK7610-55AL_08 Datasheet HTML 7Page - NXP Semiconductors BUK7610-55AL_08 Datasheet HTML 8Page - NXP Semiconductors BUK7610-55AL_08 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1.
Product profile
1.1 General description
N-channel enhancement mode Field-Effect Transistor (FET) in a plastic package using
NXP General-Purpose Automotive (GPA) TrenchMOS technology specifically optimized
for linear operation. This product has been designed and qualified to the appropriate AEC
standard for use in automotive critical applications.
1.2 Features
1.3 Applications
1.4 Quick reference data
[1]
Continuous current is limited by package.
BUK7610-55AL
N-channel TrenchMOS standard level FET
Rev. 02 — 9 January 2008
Product data sheet
175
°C rated
Q101 compliant
Stable operation in linear mode
TrenchMOS technology
12 V and 24 V loads
Automotive systems
DC linear motor control
Repetitive clamped inductive switching
Table 1.
Quick reference
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ID
drain current
VGS =10 V; Tmb =25 °C;
see Figure 4 and 1
[1] --
75
A
Ptot
total power dissipation
Tmb =25 °C; see Figure 2
-
-
300
W
Avalanche ruggedness
EDS(AL)S
non-repetitive
drain-source
avalanche energy
ID =75A; Vsup ≤ 55 V;
RGS =50 Ω; VGS =10V;
Tj(init) =25 °C; unclamped
inductive load
--
1.1
J
Static characteristics
RDSon
drain-source on-state
resistance
VGS =10 V; ID =25A;
Tj =25 °C; see Figure 12 and
13
-8.5
10
m
Ω


Số phần tương tự - BUK7610-55AL_08

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
BUK7610-55AL PHILIPS-BUK7610-55AL_15 Datasheet
203Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-9 January 2008
More results

Mô tả tương tự - BUK7610-55AL_08

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
BUK7675-55A PHILIPS-BUK7675-55A_15 Datasheet
272Kb / 12P
   N-channel TrenchMOS standard level FETN-channel TrenchMOS standard level FET
25 August 2014
PHP34NQ11T PHILIPS-PHP34NQ11T Datasheet
91Kb / 12P
   N-channel TrenchMOS??standard level FET
Rev. 01-17 May 2004
BUK7C06-40AITE PHILIPS-BUK7C06-40AITE Datasheet
109Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 04-23 June 2005
PH20100S NXP-PH20100S Datasheet
183Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-2 February 2009
PHB29N08T NXP-PHB29N08T Datasheet
189Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-13 October 2009
PHB47NQ10T NXP-PHB47NQ10T Datasheet
205Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHB119NQ06T NXP-PHB119NQ06T Datasheet
191Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-15 April 2010
PHD20N06T NXP-PHD20N06T Datasheet
379Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 02-1 December 2009
PMZ350XN NXP-PMZ350XN Datasheet
91Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 01-21 February 2008
PHP23NQ11T NXP-PHP23NQ11T Datasheet
220Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHP3055E NXP-PHP3055E Datasheet
248Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 07-26 February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com