công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA9898V2 bảng dữ liệu(PDF) 2 Page - NXP Semiconductors

tên linh kiện TDA9898V2
Giải thích chi tiết về linh kiện  Multistandard hybrid IF processing
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9898V2 bảng dữ liệu(HTML) 2 Page - NXP Semiconductors

  TDA9898V2 Datasheet HTML 1Page - NXP Semiconductors TDA9898V2 Datasheet HTML 2Page - NXP Semiconductors TDA9898V2 Datasheet HTML 3Page - NXP Semiconductors TDA9898V2 Datasheet HTML 4Page - NXP Semiconductors TDA9898V2 Datasheet HTML 5Page - NXP Semiconductors TDA9898V2 Datasheet HTML 6Page - NXP Semiconductors TDA9898V2 Datasheet HTML 7Page - NXP Semiconductors TDA9898V2 Datasheet HTML 8Page - NXP Semiconductors TDA9898V2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 103 page
background image
TDA9897_TDA9898_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 11 January 2008
2 of 103
NXP Semiconductors
TDA9897; TDA9898
Multistandard hybrid IF processing
I Optimized AGC modes for negative modulation; e.g. very fast reaction time for VIF and
SIF
I Precise fully digital Automatic Frequency Control (AFC) detector with 4-bit
Digital-to-Analog Converter (DAC); AFC bits can be read-out via I2C-bus
I High precise Tuner AGC (TAGC) TakeOver Point (TOP) for negative modulated
standards; TOP adjust via I2C-bus
I TAGC TOP for positive standards and Received Signal Strength Indication (RSSI);
adjustable via I2C-bus or alternatively by potentiometer
I Fully integrated Sound Carrier (SC) trap for any ATV standard (SC at 4.5 MHz,
5.5 MHz, 6.0 MHz and 6.5 MHz)
I SIF AGC for gain controlled SIF amplifier and high-performance single-reference
Quasi Split Sound (QSS) mixer
I Fully integrated sound BP filter supporting any ATV standard
I Optional use of external FM sound BP filter
I AM sound demodulation for L and L-accent standard
I Alignment-free selective FM Phase-Locked Loop (PLL) demodulator with high linearity
and low noise; external FM input
I VIF AGC voltage monitor output or port function
I VIF AFC current or tuner, SIF or FM AGC voltage monitor output
I 2nd SIF output, gain controlled by internal SIF AGC or by internal FM carrier AGC for
Digital Signal Processor (DSP)
I Fully integrated BP filter for 2nd SIF at 4.5 MHz, 5.5 MHz, 6.0 MHz or 6.5 MHz
2.3 Digital TV processing
I Applicable for terrestrial and cable TV reception
I 70 dB variable gain wide-band IF amplifier (AC-coupled)
I Gain control via external control voltage (0 V to 3 V)
I 2 V (p-p) differential low IF (downconverted) output or 1 V (p-p) 1st IF output for direct
Analog-to-Digital Converter (ADC) interfacing
I DVB downconversion with integrated selectivity for Low IF (LIF)/Zero IF (ZIF)
I Integrated anti-aliasing tracking low-pass filter
I Fully integrated synthesizer controlled oscillator with excellent phase noise
performance
I Synthesizer frequencies for a wide range of world wide DVB standards (for IF center
frequencies of 34.5 MHz, 36 MHz, 44 MHz and 57 MHz)
I All DVB bandwidth ranges supported (including ZIF I/Q)
I TAGC detector for independent tuner gain control loop applications
I TAGC operating as peak detector, fast reaction time due to additional speed-up
detector
I Port function
I TAGC voltage monitor output


Số phần tương tự - TDA9898V2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA9898 NXP-TDA9898 Datasheet
543Kb / 103P
   Multistandard hybrid IF processing
Rev. 04-25 May 2009
TDA9898HL/V3 NXP-TDA9898HL/V3 Datasheet
543Kb / 103P
   Multistandard hybrid IF processing
Rev. 04-25 May 2009
TDA9898HN/V3 NXP-TDA9898HN/V3 Datasheet
543Kb / 103P
   Multistandard hybrid IF processing
Rev. 04-25 May 2009
More results

Mô tả tương tự - TDA9898V2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA9897 NXP-TDA9897_09 Datasheet
543Kb / 103P
   Multistandard hybrid IF processing
Rev. 04-25 May 2009
TDA9899 NXP-TDA9899 Datasheet
511Kb / 103P
   Multistandard hybrid IF processing including car mobile
Rev. 03-15 January 2008
TDA9819 PHILIPS-TDA9819 Datasheet
267Kb / 40P
   Multistandard vision and sound-IF PLL with DVB-IF processing
1998 Jul 14
logo
TEMIC Semiconductors
TDA4471 TEMIC-TDA4471 Datasheet
289Kb / 16P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4470-M TEMIC-TDA4470-M Datasheet
189Kb / 16P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4474 TEMIC-TDA4474 Datasheet
156Kb / 17P
   Multistandard Video-IF and Quasi Parallel Sound Processing
logo
Siemens Semiconductor G...
TDA6160-2X SIEMENS-TDA6160-2X Datasheet
361Kb / 17P
   Multistandard Sound IF
TDA6160-2S SIEMENS-TDA6160-2S Datasheet
254Kb / 17P
   Multistandard Sound IF
logo
STMicroelectronics
TDA4443 STMICROELECTRONICS-TDA4443 Datasheet
150Kb / 7P
   MULTISTANDARD VIDEO IF AMPLIFIER
logo
List of Unclassifed Man...
K7252M ETC1-K7252M Datasheet
112Kb / 8P
   IF Filter intercarrier/Multistandard Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com