công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDA9897V2 bảng dữ liệu(PDF) 3 Page - NXP Semiconductors

tên linh kiện TDA9897V2
Giải thích chi tiết về linh kiện  Multistandard hybrid IF processing
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9897V2 bảng dữ liệu(HTML) 3 Page - NXP Semiconductors

  TDA9897V2 Datasheet HTML 1Page - NXP Semiconductors TDA9897V2 Datasheet HTML 2Page - NXP Semiconductors TDA9897V2 Datasheet HTML 3Page - NXP Semiconductors TDA9897V2 Datasheet HTML 4Page - NXP Semiconductors TDA9897V2 Datasheet HTML 5Page - NXP Semiconductors TDA9897V2 Datasheet HTML 6Page - NXP Semiconductors TDA9897V2 Datasheet HTML 7Page - NXP Semiconductors TDA9897V2 Datasheet HTML 8Page - NXP Semiconductors TDA9897V2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 103 page
background image
TDA9897_TDA9898_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 11 January 2008
3 of 103
NXP Semiconductors
TDA9897; TDA9898
Multistandard hybrid IF processing
2.4 Dual mode
I Fully performed DTV processing and additional ATV video signal processing in
parallel, but with reduced performance, for very fast channel scan
I VIF AGC voltage monitor output or port function
I VIF AFC current monitor output or TAGC voltage output
2.5 FM radio mode
I Gain controlled wide-band Radio IF (RIF) amplifier; AC-coupled
I Buffered RIF amplifier wide-band output, gain controlled by internal RIF AGC
I Fully integrated BP filter for 2nd RIF at 4.5 MHz, 5.5 MHz, 6.0 MHz, 6.5 MHz or
10.7 MHz
I 2nd RIF output, gain controlled by internal RIF AGC or by internal FM carrier AGC for
DSP
I Alignment-free selective FM PLL demodulator with high linearity and low noise
I Precise fully digital AFC detector with 4-bit DAC; AFC bits read-out via I2C-bus
I Port function
I Radio AFC current or tuner, RIF or FM AGC voltage monitor output
3.
Applications
I Analog and digital TV front-end applications for TV sets, recording applications and
personal computer cards
4.
Quick reference data
Table 1.
Quick reference data
VP =5V; Tamb =25 °C.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VP
supply voltage
[1] 4.5
5.0
5.5
V
IP
supply current
-
-
190
mA
Analog TV signal processing
Video part
Vi(IF)(RMS)
RMS IF input voltage
lower limit at
−1 dB video
output signal
-
60
100
µV
GVIF(cr)
control range VIF gain
60
66
-
dB
fVIF
VIF frequency
see Table 25
---MHz
∆fVIF(dah)
digital acquisition help VIF
frequency window
related to fVIF
all standards except M/N
-
±2.3
-
MHz
M/N standard
-
±1.8
-
MHz
Vo(video)(p-p)
peak-to-peak video output voltage
see Figure 10
positive or negative
modulation; normal mode
and sound carrier on
[2] 1.7
2.0
2.3
V
trap bypass mode and
sound carrier off
[3] -
1.1
-
V


Số phần tương tự - TDA9897V2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA9897 NXP-TDA9897 Datasheet
543Kb / 103P
   Multistandard hybrid IF processing
Rev. 04-25 May 2009
TDA9897HL/V3 NXP-TDA9897HL/V3 Datasheet
543Kb / 103P
   Multistandard hybrid IF processing
Rev. 04-25 May 2009
TDA9897HN/V3 NXP-TDA9897HN/V3 Datasheet
543Kb / 103P
   Multistandard hybrid IF processing
Rev. 04-25 May 2009
TDA9897 NXP-TDA9897_09 Datasheet
543Kb / 103P
   Multistandard hybrid IF processing
Rev. 04-25 May 2009
More results

Mô tả tương tự - TDA9897V2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
TDA9897 NXP-TDA9897_09 Datasheet
543Kb / 103P
   Multistandard hybrid IF processing
Rev. 04-25 May 2009
TDA9899 NXP-TDA9899 Datasheet
511Kb / 103P
   Multistandard hybrid IF processing including car mobile
Rev. 03-15 January 2008
TDA9819 PHILIPS-TDA9819 Datasheet
267Kb / 40P
   Multistandard vision and sound-IF PLL with DVB-IF processing
1998 Jul 14
logo
TEMIC Semiconductors
TDA4471 TEMIC-TDA4471 Datasheet
289Kb / 16P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4470-M TEMIC-TDA4470-M Datasheet
189Kb / 16P
   Multistandard Video-IF and Quasi Parallel Sound Processing
TDA4474 TEMIC-TDA4474 Datasheet
156Kb / 17P
   Multistandard Video-IF and Quasi Parallel Sound Processing
logo
Siemens Semiconductor G...
TDA6160-2X SIEMENS-TDA6160-2X Datasheet
361Kb / 17P
   Multistandard Sound IF
TDA6160-2S SIEMENS-TDA6160-2S Datasheet
254Kb / 17P
   Multistandard Sound IF
logo
STMicroelectronics
TDA4443 STMICROELECTRONICS-TDA4443 Datasheet
150Kb / 7P
   MULTISTANDARD VIDEO IF AMPLIFIER
logo
List of Unclassifed Man...
K7252M ETC1-K7252M Datasheet
112Kb / 8P
   IF Filter intercarrier/Multistandard Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com